Part Number Hot Search : 
BST72 NSSU100 TD123 E170A 106M16 AP3983E LM329AH 7SZ08
Product Description
Full Text Search
 

To Download TFS211B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Version 1.2 2/99 ______________________________________________________________________________________________________
tfsd211b.doc
VI TELEFILTER Filter specification TFS 211 B 1/5 ______________________________________________________________________________________________________
Measurement condition
Ambient temperature: Input power level: terminating impedances Source: Load: 20 ... 25 52 C dBm
1000 || -6.8 pF 670 || -6.2 pF
Construction and pin connection
see page 2
Characteristics
Remark: Reference level for the relative attenuation arel of the TFS 211 B is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo.
Data
______________________________________________________________________________________________________ 6 dB dB max. 8 dB ae = amin Insertion loss ______________________________________________________________________________________________________ 210,95 ... 211,05 MHz Center frequency fC ______________________________________________________________________________________________________ Relative attenuation fC - 100 kHz ... fC + kHz ... fC + fC - 400
arel
typ. value
limit
100 400
kHz kHz
0,3...0,5 dB
max. max.
1 3
dB dB
fC 630 kHz ... fC 1,0 MHz min. 6 dB 1,0 MHz ... fC 2,0 MHz min. 10 dB fC 2,0 MHz ... fC 80 MHz min. 30 dB fC MHz ... 2,0 GHz min. 40 dB fC + 80 ______________________________________________________________________________________________________ Group delay ripple GD fC - 100 kHz ... fC + 100 kHz 250ns max. 350 ns ______________________________________________________________________________________________________ Input power level max. + 10 dBm ______________________________________________________________________________________________________ Permissible DC voltage max. 10 V ______________________________________________________________________________________________________ Operating temperature range -10 C ... + 85 C Storage temperature range - 30 C ... + 85 C ______________________________________________________________________________________________________ - 0,036 ppm/K 1) TC Temperature coefficient ______________________________________________________________________________________________________ 40 C Frequency inversion temperature To ______________________________________________________________________________________________________
Note 1) - f (Hz) = TC (ppm/K) x (T - To) x FTo (MHz)
Generated: Checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com ______________________________________________________________________________________________________ VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Version 1.2 2/99 ______________________________________________________________________________________________________
tfsd211b.doc
VI TELEFILTER Filter specification TFS 211 B 2/5 ______________________________________________________________________________________________________
Construction and pin connection (All dimensions in mm)
TFS 211B L1
1 2 3 4 5 6 7 8 9 10 11 12
Ground Ground Ground Ground Output Output RF Return Ground Ground Ground Ground Input Input RF Return
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com ______________________________________________________________________________________________________ VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Version 1.2 2/99 ______________________________________________________________________________________________________
tfsd211b.doc
VI TELEFILTER Filter specification TFS 211 B 3/5 ______________________________________________________________________________________________________
50 test circuit1 The values of the matching elements which are given below are calculated from the source and load impedance. If the values of the matching elements are not equal to standard values the best standard values are given in brackets. If standard matching elements instead of the exact values are used it can not be guaranteed that the specification will be fulfilled. Because these are theoretical values they have to be modified on PCB's corresponding to the existing parasitics.
L1 11 Input 50 Ohm L2 5
L3
SAW
L4
Output 50 Ohm
1,2,3,4,6,7, 8,9,10,12
L1 = 150 nH L3 = 140 nH (150 nH)
L2 = 220 nH L4 = 220 nH
This circuit is used for all measurements at Telefilter.
50 test circuit2
L1 Input 50 Ohm C1 11 5 L2 Output 50 Ohm C2
SAW
1,2,3,4,6,7, 8,9,10,12
If this kind of matching circuit is used the filter will also fulfill the specification in passband. But in the stopband at fc + 80MHz ... fc + 2GHz the specification can't be fulfilled without using an additional lowpass. If no lowpass is used the typical attenuation in that area will be about 30 dB.
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com ______________________________________________________________________________________________________ VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Version 1.2 2/99 ______________________________________________________________________________________________________
tfsd211b.doc
VI TELEFILTER Filter specification TFS 211 B 4/5 ______________________________________________________________________________________________________
Stability Characteristics
After the following tests the filter shall meet the whole specification: 1. Shock: 30g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,075 mm or 1g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 90 % to 95 % rel. humidity, 40 C, 10 days; DIN IEC 68 - 2 - 3
2. Vibration:
3. Damp heat: (steady state) 4. Resistance to solder heat (reflow):
max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on sheet 4;
Packing
Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 1700
Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 24 0,3 4 0,1 1,5 + 0,5 1,5 + 0,5 1,75 0,1 11,5 0,1 0,75 2 0,1 12 0,1 1,5 7,1 0,2 13,9 0,2
COVER TAPE
EMBOSSED CARRIER TAPE
Do
Po
P2
E Ao F W
D1 21,4
0,1
G (min) : P2 : P1 : D1(min) : Ao : Bo :
Bo
G
P1
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 24,4 +2 30,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com ______________________________________________________________________________________________________ VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Version 1.2 2/99 ______________________________________________________________________________________________________
tfsd211b.doc
VI TELEFILTER Filter specification TFS 211 B 5/5 ______________________________________________________________________________________________________
Air reflow temperature conditions
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process
Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com ______________________________________________________________________________________________________ VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS211B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X