Part Number Hot Search : 
NTE5545 91MCE28 RMH1W 42500 AD831 SD120 91ER2KLF REF19
Product Description
Full Text Search
 

To Download TFS1880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS1880.doc
version 1.2
08.01.2004
VI TELEFILTER
Measurement condition
Ambient temperature: Input power level: Terminating impedances for input: for output: 23 C 0 dBm 50 50
Preliminary Specification
TFS 1880
1/5
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1880 MHz without any tolerance or limit. The values of absolute attenuation a abs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
Data
Insertion loss Nominal frequency Centre frequency Pass band Pass band ripple Absolute attenuation 10 1930 1935 2032 2340 3000 VSWR MHz MHz MHz MHz MHz MHz ... ... ... ... ... ... 1720 1935 1990 2340 3000 3500 within aabs MHz MHz MHz MHz MHz MHz PB ae fN fC PB
typ. value
3,4 1880 80,5 0,6 MHz MHz dB fN max. dB max.
tolerance/limit
5 1880 30 3,5 MHz dB dB MHz
33 17 41 41 37 12 2,1
dB dB dB dB dB dB
min. min. min. min. min. min. max.
30 13 20 35 30 10 2,5:1
dB dB dB dB dB dB
Operating temperature range Storage temperature range Temperature coefficient of frequency Input power level *)
f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
- 10 C ... + 70 C TCf* -36 ppm/K max. - 40 C ... + 85 C 13 dBm
generated: checked / approved:
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS1880.doc
version 1.2
08.01.2004
VI TELEFILTER
Construction and pin configuration
Preliminary Specification
TFS 1880
2/5
(All dimensions in mm)
6
5
4
Date code: Year+week
S02
1 2 3
Data Code
P R S ... Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6
2002 2003 2004
Ground Input Ground Ground Output Ground
0,1
1
3
0,6
6
4 0,6
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS1880.doc
version 1.2
08.01.2004
VI TELEFILTER
Stability Characteristics
Preliminary Specification
TFS 1880
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N
2. Vibration:
3. Change of temperature: 4. Resistance to solder heat (reflow):
reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page
4
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer
EMBOSSED CARRIER TAPE
9000 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm)
W Po Do E F G (min) P2 P1 D1(min) Ao Bo CT : : : : : : : : : : : : 8 0,3 4 0,1 1,5 + 0,1 1,75 0,1 3,5 0,05 0,75 2 0,05 4 0,1 1,5 3,25 0,1 3,25 0,1 5,5 0,2
Do Po P2
E Ao F D1 CT Bo W
G
P1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 : : 330 8,4 + 2,0 14,4 : : 50 13 +0,5/ -0,2
A C N
W2 (max) : N (m in) C
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS1880.doc
version 1.2
08.01.2004
VI TELEFILTER
Air reflow temperature conditions
Preliminary Specification
TFS 1880
4/5
1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods main-heating periods 150 C - 170 C over 200 C 60 sec. - 90 sec. 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS1880.doc
version 1.2
08.01.2004
VI TELEFILTER
History
Version 1.0 1.1 Reason of Changes
Preliminary Specification
TFS 1880
5/5
Name Dr. Sabah
Date 17.12.2003
Generation of development specification Change of formula for temperature coefficient of frequency, add of value of temperature coefficient of frequency Add of typical values
Roizengaft Dr. Sabah
22.12.2003 08.01.2004
1.2
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS1880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X