Part Number Hot Search : 
68HC908 TIP8B550 LT1976B ST75185C EVALZ V1210 SR6A6K12 TDA8390
Product Description
Full Text Search
 

To Download TFS160B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05/97 _________________________________________________________________________________________________________
TFS160B.doc
SAW-Resonatorfilter Specification TFS 160 B - 1/4 _________________________________________________________________________________________________________
Measurement condition Ambient temperature: Input power level: Terminating impedance: 23 C 0 dBm 660 || -1.6 pF
Construction and pin connection see sheet 2
Characteristics
Remark: The maximum of the pass band attenuation amax within the usable signal band width is defined as the insertion loss ae. The insertion loss ae is the reference value for relative attenuation . The nominal frequency fN is fixed on 160.62 MHz.
Data
_________________________________________________________________________________________________________ 3 dB max. 5 dB ae = amin Insertion loss (Reference level) _________________________________________________________________________________________________________
fN Nominal frequency 160,62 MHz _________________________________________________________________________________________________________
typ. value
Variation/ Limitation
100 kHz BW 3 dB - bandwidth _________________________________________________________________________________________________________ Usable signal bandwidth min. fN 10 kHz _________________________________________________________________________________________________________ Relative attenuation arel fN + 910 kHz 65 dB min. 60 dB ________________________________________________________________________________________________________ -0,036 ppm/K2 TCf Temperature coefficient of frequency _________________________________________________________________________________________________________ Frequency inversion temperature + 25 C _________________________________________________________________________________________________________ Operating temperature range - 20C ... + 70C _________________________________________________________________________________________________________
_________________________________________________________________________________________________________
TELE FILTER tft GmbH / Potsdamer Strae 18 / D 14 513 TELTOW telephone: (+33 28) 47 84 52 / telefax: (+33 28) 47 84 30 / e-mail: tft@tft.telco-tech.de
TFS160B.doc 04/97 _________________________________________________________________________________________________________
TELE FILTER tft GmbH specification TFS 160 B - 2/4 _________________________________________________________________________________________________________
Construction und pin configuration
(All dimensions in mm)
TFS 160 B tft H4
Pin 2 Pin 7 Pin 1,3,4,5,6,8,9,10
Input Output Ground
50 - matching network
L1
2 SAW 7
L4
L2
L3
_________________________________________________________________________________________________________
TELE FILTER tft GmbH / Potsdamer Strae 18 / D 14 513 TELTOW telephone: (+33 28) 47 84 52 / telefax: (+33 28) 47 84 30 / e-mail: tft@tft.telco-tech.de
04/97 _________________________________________________________________________________________________________ TFS160B.doc
TELE FILTER tft GmbH specification TFS 160 B - 3/4 _________________________________________________________________________________________________________
Stability characteristics
After the following tests the filter shall meet the whole specification: 1. Shock: 30g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 150 Hz, 0.35 mm amplitude, 5g; 2 hours for 3 planes; DIN IEC 68 T2 - 6 90 % to 95 % rel. humidity, 40 C, 10 days; IEC Pub. 68 - 2 - 3
2. Vibration:
3. Damp heat:
4. Resistance to solder heat (Reflow):
260 C for 10 sec;
Packing
Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 2300
Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 16 0,3 4 0,1 1,5 + 0,5 1,5 + 0,5 1,75 0,1 7,5 0,1 0,75 2 0,1 12 0,1 1,5 7,6 0,1 9,6 0,1
COVER TAPE
EMBOSSED CARRIER TAPE
Do
Po
P2
E Ao F W
D1 13,4
0,1
G (min) : P2 : P1 : D1(min) : Ao : Bo :
Bo
G
P1
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
_________________________________________________________________________________________________________
TELE FILTER tft GmbH / Potsdamer Strae 18 / D 14 513 TELTOW telephone: (+33 28) 47 84 52 / telefax: (+33 28) 47 84 30 / e-mail: tft@tft.telco-tech.de
04/97 _________________________________________________________________________________________________________ TFS160B.doc
TELE FILTER tft GmbH specification TFS 160 B - 4/4 _________________________________________________________________________________________________________
Air reflow temperature conditions
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process
Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
_________________________________________________________________________________________________________
TELE FILTER tft GmbH / Potsdamer Strae 18 / D 14 513 TELTOW telephone: (+33 28) 47 84 52 / telefax: (+33 28) 47 84 30 / e-mail: tft@tft.telco-tech.de


▲Up To Search▲   

 
Price & Availability of TFS160B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X