Part Number Hot Search : 
BA7815 0001TR AD8231 Z5224 BA7815 VA2AWG 2500T BU2508
Product Description
Full Text Search
 

To Download TFS140A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 File name: Tfs 140A2.doc
Version 1.6
14.11.2001
VI TELEFILTER
Filter Specification
TFS 140A2
1/5
1. Measurement condition :
Ambient temperature T A: Input power level: Terminating impedances at fc * ) : 23 C 0 dBm. for input:
214
- 13,022 pF. - 13,607 pF.
for output: 189
2. Characteristics :
Remark: Reference level for the relative attenuation arel of the TFS 140A1 is the minimum of the pass band attenuation a min. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae . The temperature coefficient of frequency Tcf is valid both for the reference frequency f c and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating temperature range is not included in the production tolerance scheme
Data Insertion loss (Reference level) Centre frequency ae
typ. value 23,5 dB 140,01 MHz
tolerance / limit max. 25 dB
fc at ambient temperature TA (fCAT)
140 0,10 MHz fC - 1,55 MHz.....fC + 1,55 MHz
Pass band at ambient temperature TA: Amplitude ripple (p-p): fC ... fC 1,35 MHz 0,5 dB 0,7 dB
fC 1,35 MHz fC 1,42 MHz Bandwidth 1,0 3 20 40 45 at ambient temperature: dB - band width dB - band width dB - band width dB - band width dB - band width arel fC 1,5 fC 2,5 fC 40 MHz MHz MHz
2,88 3,15 3,83 4,20 4,24
MHz MHz MHz MHz MHz
min.
3,0 MHz
max. 4,4 MHz max. 5,0 MHz
Relative attenuation fC fC 2,2 fC 2,5 ............ MHz ..... MHz .....
45...55 dB 60....70 dB 2,49 s 65 ns 3,5 (r.m.s. 1,4) 8 8 52 55 dB dB dB dB
max. min. min.
3 dB 40 dB 45 dB
Group delay ( mean value in pass band ): Group delay ripple in pass band (p-p): Deviation from linear phase in pass band (p-p): S11 in PB : S22 in PB : Triple transit attenuation compared to main signal Crosstalk Substrate material Frequency inversion temperature ( To ) Temperature coefficient of frequency ( Tc f ) Frequency deviation of fc over temperature: ** ) Operating temperature range Storage temperature range
max. 2,5 s max. 100 ns max. 10
min.
40 dB
Quartz 25 C -0,045 ppm/K fc(Hz) = Tcf(ppm/K) x (T - To) x fTo (MHz) 0 C ... + 70 C - 40 C ... + 85 C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
** ) fTo is reference frequency fc at frequency inversion temperature (To )
Generated:
Dunzow W.P.
Checked / Approved:
Dr. Bert Wall
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name: Tfs 140A2.doc
Version 1.6
14.11.2001
VI TELEFILTER
3. Package : ( all dimensions in mm )
Filter Specification
TFS 140A2
2/5
TFS
140A1 N22
1
19 - 0,10
+ 0,20
Datecode: L M N .......
Year+week 1999 2000 2001
1
1,02
Pin 10 Pin 1 Pin 5 Pin 6 Pin 2 - 4, 7 - 9 Input Input RF Return Output Output RF Return Package Ground
1,91 7,62
4. 50 matching network ( see Application Note ) :
Scheme 1. L3 R1 L21 12 3 4 5 L22
50 L11 L12 L11 L3 R1 10 9 8 7 6 R2 L4 L21
50
12 3 4 5
50 L12 10 9 8 7 6 R2 L4 L22
50
Scheme 2. R1 C1 50 L11 L12 10 9 8 7 6 R2 C2 12 3 4 5 L21 L22 50
L11 C1 50 L12
R1
12 3 4 5
L21 C2 L22 50
10 9 8 7 6
R2
For final test we use scheme 1. VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name: Tfs 140A2.doc
Version 1.6
14.11.2001
VI TELEFILTER
Filter Specification
TFS 140A2
3/5
5. Stability characteristics :
After the following tests the filter shall meet the whole specification: 1. Shock: 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N
2. Vibration:
3. Change of temperature
4. Resistance to solder heat (reflow):
max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
6. Packing :
Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: Trailer 2000 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm) W Po Do E So F G (min) P2 P1 D1(min) Ao Bo Ko t Ct : : : : : : : : : : : : : : : 32 0,3 4 0,1 1,5 + 0,1 1,75 0,1 28,4 0,1 14,2 0,1 0,6 2 0,1 12 0,1 2,0 7,1 0,1 19,6 0,1 2,0 0,1 0,35 0,35 25,5 0,1
pull off direction
X-X
t o WS Ko Do Po P1 P2 E
X
t C
o B
view direction
Ao
D1
X
SPEC-Gurt 0061/ 19X6,5 Q09016:02.001 Jul.10,01
W2
Reel (all dimensions in mm): A W1 W2(max) N(min) C : : : : : 330 32,4 + 2 38,4 100 13 0,5 / - 0,2
C A
N
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape in the above shown direction.
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name: Tfs 140A2.doc
Version 1.6
14.11.2001
VI TELEFILTER
Filter Specification
TFS 140A2
4/5
7. Air reflow temperature conditions :
1st and 2nd air reflow profile
Name: Temperature: Time:
pre-heating periods 150 C - 170 C 60 sec. - 90 sec.
main-heating periods over 200 C 20 sec. - 25 sec.
peak temperature 255 C 5 C
Air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name: Tfs 140A2.doc
Version 1.6
14.11.2001
VI TELEFILTER
Filter Specification
TFS 140A2
5/5
History : Version
1.0 1.1
Reason of changes
Generate specification according to customer requirements. Add theoretical matching network scheme. Change filter name from TFS 140A11 to TFS 140A1. Change input and output pin positions according to customer requirements. Correct errors in matching network scheme. Change limit value ILo : from ILo = max. 19 dB to ILo = max. 20 dB. Correct wrong unit for limit value of TTS ( ns dB ). Add VSWR according to customer requirement. Edit typical values after measured. Edit termination impedances . correct " 5. Stability characteristics ". add one modified matching networks. change limit lines and tolerance for centre frequency. change limit value of the group delay ripple : from max.200 ns to max.100 ns according to customer requirements. change termination impedances and insertion loss . change specification name (from 140A1 to 140A2 ) delete limits value for VSWR.
Name Dunzow W. Dunzow W.
Date 15.05.2000 31.05.2000
1.2 1.3
Dunzow W. Dunzow W.
05.06.2000 22.06.2000
1.4
Dunzow W.
18.07.2000
1.5
Dunzow W.
25.10.2001
1.6
Dunzow W.
14.11.2001
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS140A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X