|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
tfs 140A1.doc Version 1.4 18.07.2000 VI TELEFILTER Filter Specification TFS 140A1 - 1/5 1. Measurement condition Ambient temperature TA: Input power level: Terminating impedances at fc: Q-value of matching elements: 23 C 0 dBm. for input: for output: 50 448 - 13,8 pF. 374 - 14,5 pF. 2. Characteristics Remark: Reference level for the relative attenuation arel of the TFS 140A1 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating temperature range is not included in the production tolerance scheme Data Insertion loss (Reference level) Centre frequency ae typ. value 18,5...19,0 dB 140,01 MHz tolerance / limit max. 20 dB fc at ambient temperature TA (fCAT) 140 0,06 MHz fC - 1,55 MHz.....fC + 1,55 MHz Pass band at ambient temperature TA: Amplitude ripple (p-p): fC ... fC 1,35 MHz 0,5 dB 0,7 dB fC 1,35 MHz fC 1,42 MHz Bandwidth 1,0 3 20 40 45 at ambient temperature: dB - band width dB - band width dB - band width dB - band width dB - band width arel fC 1,55 MHz fC 5,94 MHz fC 40 MHz 2,88 3,15 3,83 4,20 4,24 MHz MHz MHz MHz MHz min. 3,10 MHz max. 4,60 MHz max.11,88 MHz Relative attenuation fC fC 2,30 fC 5,94 ............ MHz ..... MHz ..... 45...55 dB 60....70 dB 2,49 s 140...170 ns 5...6 (r.m.s. 1,4) 1,3 : 1 1,4 : 1 41...42 dB 52...55 dB max. min. min. 3 dB 40 dB 45 dB Group delay ( mean value in pass band ): Group delay ripple in pass band (p-p): Deviation from linear phase in pass band (p-p): Input VSWR (S11) in PB : Output VSWR (S22) in PB : Triple transit attenuation compared to main signal Crosstalk Substrate material Frequency inversion temperature ( To ) Temperature coefficient of frequency ( Tcf ) Frequency deviation of fc over temperature: * ) Operating temperature range Storage temperature range max. 2,5 s max. 200 ns max. 10 max. 2 : 1 max. 2 : 1 min. 40 dB Quartz 25 C -0,045 ppm/K fc(Hz) = Tcf(ppm/K) x (T - To) x fTo (MHz) 0 C ... + 70 C - 40 C ... + 85 C * ) fTo is reference frequence fc at frequency inversion temperature (To ) Generated: Dunzow W.P. Checked/Approved: Dr. Bert Wall VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. tfs 140A1.doc Version 1.4 18.07.2000 VI TELEFILTER Filter Specification TFS 140A1 - 2/5 3. Package TFS 140 G1 TFS 140A1 . M22 M19 Datecode: K L M ....... Year+week 1998 1999 2000 Pin 10 Pin 1 Pin 5 Pin 6 Pin 2 - 4, 7 - 9 Input Input RF Return Output Output RF Return Package Ground 4. 50 matching network ( see Application Note ): L1 50 = 188 10 nH L3 = 120 nH; R1 = 1,8 k; 10 TFS . 1 9 8 7 6 L4 = 120 nH; 50 R2 = 1,8 k; 5 L2 = 165 10 nH 140A1 M22 3 4 2 VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. tfs 140A1.doc Version 1.4 18.07.2000 VI TELEFILTER Filter Specification TFS 140A1 - 3/5 5. Stability Characteristics After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Damp heat: (cycle) 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 25 C to 55C / 95% r.H. / 10 cycles DIN IEC 68 - 2 - 30 Db max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4; 6. Packing Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: Real of empty components at start: Real of empty components at start including leader: Trailer EMBOSSED CARRIER TAPE 2000 min 300 mm min 500 mm min 300 mm Tape (all dimensions in mm) Do Po P 2 W Po Do E F G (min) P2 P1 D1(min) Ao Bo t CT : : : : : : : : : : : : : 32 0,3 4 0,1 1,5 + 0,1 1,75 0,1 14,2 0,1 0,6 2 0,1 12 0,1 2,0 7,1 0,1 19,6 0, 0,3 0,05 25,5 0,1 E A o F D CT Bo 1 W G P1 COVER TAPE W2 Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 32,4 +2 38,4 100 C A N 13 +0,5/-0,2 W1 The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape. VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. tfs 140A1.doc Version 1.4 18.07.2000 VI TELEFILTER Filter Specification TFS 140A1 - 4/5 7. Air reflow temperature conditions 1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C Air reflow profile 260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240 Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120 VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. tfs 140A1.doc Version 1.4 18.07.2000 VI TELEFILTER Filter Specification TFS 140A1 - 5/5 History Version 1.0 1.1 Reason of Changes Generate specification according to customer requirements. Add theoretical matching network scheme. Change filter name from TFS 140A11 to TFS 140A1 Change input and output pin positions according to customer requirements. Correct errors in matching network scheme. Change limit value ILo : from ILo = max. 19 dB to ILo = max. 20 dB Correct wrong unit for limit value of TTS ( ns dB ). Add VSWR according to customer requirement. Edit typical values after measured. Edit termination impedances . Name Dunzow W. Dunzow W. Date 15.05.2000 31.05.2000 1.2 1.3 Dunzow W. Dunzow W. 05.06.2000 22.06.2000 1.4 Dunzow W. 18.07.2000 VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. |
Price & Availability of TFS140A1 |