Part Number Hot Search : 
L12PFI N54LS TLYEI100 WMC1602 DTD543 20M45 0C102 TS102RS
Product Description
Full Text Search
 

To Download TFS117A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS117A.doc
version 1.1 07.03.2001 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 117A 1/5 ______________________________________________________________________________________________________
Measurement condition
Ambient temperature: 23 C Input power level: 0 dBm Terminating impedances for input: 840 Ohm // -3.9 pF. for output: 840 Ohm // -3.9 pF External coil: 290 nH
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 117A is the insertion loss. The insertion loss ae is defined as the insertion loss at the nominal frequency fN . The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 117.6 MHz without tolerance. The specified values have to be reached in operating temperature range.
Data
Insertion loss (Reference level) Nominal frequency Centre frequency 1 dB bandwidth
fN fC
typ. Value
ae -
tolerance/limit
1,25 ... 3,25 dB
117,605 MHz BW 42 44 28...90 1,3 : 1 GD 4,3 s max. max. dB dB dB min. min. min. max.
117,600 MHz 20 30 10 1,8 : 1 8,2 13 s dBm dB dB dB
Relative attenuation arel fN 0,8 MHz ... fN 1,8 MHz MHz fN 1,8 MHz ... fN 6 fN 6 MHz ... fN 100 MHz VSWR @ fN Group delay @ fN Input power Operating temperature range Temperature coefficient of frequency Frequency inversion temperature TC
- 5 C ... + 80 C ca. - 0,036 + 35 C ppm/K
Generated: Checked / approved:
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS117A.doc
version 1.1 07.03.2001 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 117A 2/5 ______________________________________________________________________________________________________
Construction, pin configuration and 50 - matching network
(All dimensions in mm)
TFS 117A N10
DateCode
Datecode: L M N ...
Year+week 1999 2000 2001
Pin 1, 2, 3, 6, 7, 8, 10: Pin 4: Pin 5: Pin 9:
Ground Output External Coil Input
50 Ohm Test circuit 1
50 Ohm L1 9 4 L2 50 Ohm
C1
SAW
5 1,2,3,6,7,8,10 L3
C2
50 Ohm Test circuit 2
50 Ohm
C1 9 4
C2 50 Ohm
L1
SAW
5 L3
L2
1,2,3,6,7,8,10
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS117A.doc
version 1.1 07.03.2001 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 117A 3/5 ______________________________________________________________________________________________________
Stability Characteristics
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Damp heat: (cycle) 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 25 C to 55C / 95% r.H. / 10 cycles DIN IEC 68 - 2 - 30 Db max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer 3000 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm) W Po Do : : : 24 4 0,3 0,1
EMBOSSED CARRIER TAPE
Do
Po
P2
1,5 + 0,1 1,75 0,1 7,5 0,1 0,6 2 8 1,5 5,6 11,8 21,5 0,1 0,1
G E Ao F W
E : F : G (min) : P2 : P1 : D1(min) : Ao : Bo CT : :
D1 CT Bo
0,1 0,1 0,1
COVER TAPE
P1
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 24,4 +2 30,4 60
C A N
13 +0,5/-0,2
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS117A.doc
version 1.1 07.03.2001 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 117A 4/5 ______________________________________________________________________________________________________
Air reflow temperature conditions
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS117A.doc
version 1.1 07.03.2001 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 117A 5/5 ______________________________________________________________________________________________________
History
Version 1.0 1.1 Reason of Changes Generate specification according to customer requirements Change from development specification to filter specification. Add typical filter data. Add termination impedances. Name Dr. Wall Dr. Wall Date 20.12.2000 07.03.2001
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS117A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X