Part Number Hot Search : 
TB0258A 3F3P6 BPW20 FR120 1N6325E3 2F8718DS 019071 2N2905AL
Product Description
Full Text Search
 

To Download TEW4532-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio
TEP4532 is a 1 : 1 line matching transformer with the following features. * * * * Low profile. Small volume. Conforming to FCC part 68 and Canadian CS 03. Split secondary windings to enable center tapped current feed.
Matching Transformer
TEP4532
Applications: Interfacing equipment to telephone line when small size and high insulation voltage is required.
MECHANICAL
4
0.50 MAX DIMENSIONS ARE IN INCHES 0.50 MAX 0.10 MIN DIA 0.025
5 6 7
1 TEW4532
8
8
5
4
0.45 MAX DRILL 0.040 8 PLACES 1 WHITE DOT 4 GRID 0.10 x 0.10
5 6 7 8 TEW4532-1
3 2 1
TEP4532.CHP
ELECTRICAL Impedance Winding Resistance Ohms pin 1 - 4 pin 5 - 6 pin 7 - 8 1000 Hz 200 - 3500 Hz 200 - 3500 Hz 200 - 3500 Hz Pri to Sec
TEP4532 600 : 600 54.5 26.6 26.6 < 1.0 dB < 0.25 dB > 65 dB >15 dB 1500 Vrms
TEP4532-1 150/150 : 150/150 54.5 26.6 26.6 < 1.0 dB < 0.25 dB > 65 dB >15 dB 1500 Vrms
ISSUE:D
96/04/05
Insertion Loss Frequency Response Longitudinal Balance Return loss Dielectric Strength
Filtran Limited
229 Colonnade Road, Nepean, Ontario, K2E 7K3, Canada Tel:(613)226-1626, Fax:(613)226-7124
7-13


▲Up To Search▲   

 
Price & Availability of TEW4532-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X