Part Number Hot Search : 
00500 KBPC15 74HC16 NJM2209 1205E PF0603F RF1040CT F4004
Product Description
Full Text Search
 

To Download TEPT5700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEPT5700
Vishay Semiconductors
Ambient Light Sensor
Description
TEPT5700, photo transistor for ambient light sensor application, plays a key role in power savings strategies by controlling LCD display intensity and keypad backlighting of mobile devices and in industrial on/offlighting operation. It is sensitive to visible light much like the human eye and has peak sensitivity at 570 nm. TEPT5700 is packaged in a T 1 3/4" package with flat top.
20118
Features
* * * * * High sensitivity: IPCE = 75 A (EV = 100 lx) Adapted to human eye responsivity Wide angle of half sensitivity: = 50 e4 T 1 3/4" package (5 mm) Lead (Pb)-free component in accordance with RoHS 2002/95/EC and WEEE 2002/96/EC
Applications
Ambient light sensor for control of display backlight dimming in LCD displays and keypad backlighting of mobile devices and in industrial on/off-lighting operation.
Absolute Maximum Ratings
Tamb = 25 C unless otherwise specified Parameter Collector emitter voltage Emitter collector voltage Collector current Total power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction / ambient t 5 s, 2 mm distance to package Tamb 55 C Test condition Symbol VCEO VECO IC Ptot Tj Tamb Tstg Tsd RthJA Value 6 1.5 20 100 100 - 40 to + 85 - 40 to + 100 260 350 Unit V V mA mW C C C C K/W
Document Number 81321 Rev. 1.2, 21-Nov-06
www.vishay.com 1
TEPT5700
Vishay Semiconductors Basic Characteristics
Tamb = 25 C unless otherwise specified Parameter Collector emitter breakdown voltage Collector dark current Collector emitter capacitance Collector light current Test condition IC = 0.1 mA VCE = 5 V, E = 0 VCE = 0 V, f = 1 MHz, E = 0 Ev = 20 lx, CIE illuminant A, VCE = 5 V Ev = 100 lx, CIE illuminant A, VCE = 5 V Angle of half sensitivity Wavelength of peak sensitivity Range of spectral bandwidth Collector emitter saturation voltage Ev = 20 lx, CIE illuminant A, IPCE = 1.2 A Symbol VCEO ICEO CCEO IPCE IPCE p 0.1 VCEsat 5.2 Min 6 3 16 15 75 50 570 360 to 970 0.1 24 50 Typ. Max Unit V nA pF A A deg nm nm V
Typical Characteristics
Tamb = 25 C unless otherwise specified
10 -6
ICEO - Collector Dark Current (A)
VCE = 5 V 10 -7 10 -8 10 -9 10 -10 10 -11 10 -12 10 -13 - 40
I PCE - Photo Current (A)
140 120 100 80 60 40 20
200 lx
100 lx
50 lx 20 lx
- 20
0
20
40
60
80
100
20209
0 0 2 1 3 4 VCE - Collector Emitter Voltage (V) 5
19758
Tamb - Ambient Temperature (C)
Figure 1. Collector Dark Current vs. Ambient Temperature
Figure 3. Photo Current vs. Collector Emitter Voltage
2.2
1000
IPCE rel - Relative Photo Current
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 - 40 - 20 0 20 40 60 80 100
20148
IPCE - Photo Current (A)
100
VCE = 5 V
10
VCE = 5 V, T = 2856 K 1 10 100 1000
19759
Tamb - Ambient Temperature (C)
E v - Illuminance (Ix)
Figure 2. Relative Photo Current vs. Ambient Temperature
Figure 4. Photo Current vs. Illuminance
www.vishay.com 2
Document Number 81321 Rev. 1.2, 21-Nov-06
TEPT5700
Vishay Semiconductors
0
10
20 30
CCE0 - Collector Emitter Capacitance (pF)
25 f = 1 MHz 20
Srel - Relative Sensitivity
40 1.0 0.9 0.8 0.7 50 60 70 80
15
10
5
0 0.1
1.0
10.0
0.6 20160
0.4
0.2
0
0.2
0.4
0.6
19762
VCE - Collector Emitter Voltage (V)
Figure 5. Collector Emitter Capacitance vs. Collector Emitter Voltage
Figure 7. Relative Radiant Sensitivity vs. Angular Displacement
S( ) rel -Relative Spectral Sensitivity
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 300 400 500 600 700 800 900 1000 1100
20019
- Wavelength (nm)
Figure 6. Relative Spectral Sensitivity vs. Wavelength
Document Number 81321 Rev. 1.2, 21-Nov-06
www.vishay.com 3
TEPT5700
Vishay Semiconductors Package Dimensions
20117
www.vishay.com 4
Document Number 81321 Rev. 1.2, 21-Nov-06
TEPT5700
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 81321 Rev. 1.2, 21-Nov-06
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TEPT5700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X