Part Number Hot Search : 
0000X18 HE83006 70022 CY7C680 CP12C60 1N5233B 144868 AL4CS231
Product Description
Full Text Search
 

To Download TEN25-4823WI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TEN 25 Series, 25/30 Watt
Features Wide 2:1 Input Range Very high Efficiency up to 89% Extended Operating Temperature Range -40C to +85C Adjustable Output Voltage Remote On/Off Continuous Short Circuit Protection Over Voltage Protection I/O-Isolation 1500 VDC Input Filter meets EN 55022, Class A and
FCC, Level A without external Components
3 Year Product Warranty
The TEN 25 series is a range of isolated DC/DC converters with high power density in a 51x41x9.5mm shielded metal case. All 18 models have a wide 2:1 input voltage range. The very high efficiency allows a safe operating temperature range of -40C to +85C. Other features are internal EMI-filter to meet EN55022, class A and remote On/Off. Typical applications for these converter modules are industrial electronics, communication systems, battery operated equipment and distributed power systems.
Models
Ordercode TEN 25-1210WI TEN 25-1211WI TEN 25-1212WI TEN 25-1213WI TEN 25-1222WI TEN 25-1223WI TEN 25-2410WI TEN 25-2411WI TEN 25-2412WI TEN 25-2413WI TEN 25-2422WI TEN 25-2423WI TEN 25-4810WI TEN 25-4811WI TEN 25-4812WI TEN 25-4813WI TEN 25-4822WI TEN 25-4823WI http://www.tracopower.com 36 - 75 VDC 18 - 36 VDC 9 - 18 VDC Input voltage range Output voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 3,3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC Output current max. 5'500 mA 5`000 mA 2`500 mA 2`000 mA 1`250 mA 1`000 mA 5'500 mA 5`000 mA 2`500 mA 2`000 mA 1`250 mA 1`000 mA 5'500 mA 5`000 mA 2`500 mA 2`000 mA 1`250 mA 1`000 mA Efficiency typ. 81 % 84 % 88 % 88 % 88 % 88 % 82 % 85 % 89 % 89 % 89 % 89 % 82 % 85 % 89 % 89 % 89 % 89 % Page 1 of 3
DC/DC Converters
Input Specifications
Input current no load 12 Vin models: 40 mA max. 24 Vin models: 20 mA max. 48 Vin models: 10 mA max. 12 Vin; 12 Vin; 24 Vin; 24 Vin; 48 Vin; 48 Vin; 3.3/ 5 Vout other output 3.3/ 5 Vout other output 3.3/ 5 Vout other output models: 1870 mA typ. / 2480 mA typ. models: 2840 mA typ. models: 920 mA typ. / 1220 mA typ. models: 1400 mA typ. models: 460 mA typ. / 610 mA typ. models: 700 mA typ.
TEN 25 Series, 25/30 Watt
Input current (full load)
Start-up voltage / under voltage shut down Surge voltage (1000 msec. max.) Conducted noise (input)
12 Vin models: 8.8 VDC / 8.3 VDC typ. 24 Vin models: 17.5 VDC / 16.5 VDC typ. 48 Vin models: 35.0 VDC / 33.0 VDC typ. 12 Vin models: 25 V max. 24 Vin models: 50 V max.. 48 Vin models: 100 V max. EN 55022 class A, FCC part 15, level A 1% 10% - - - - - Input variation Vin min. to Vin max. Load variation 10 - 100 % single output models dual output models balanced load dual output models unbalanced load 0.3 % max. 0.5 % max. 1.0 % max. 2.0 % max. 80 mVpk-pk max. 0.02 %/K > 110% of Iout max., constant current indefinite, automatic recovery 3.3 & 5 Vout models: 10'000 F 12 &15 Vout models: 1'000 F dual output models: 330 F - Operating - Case temperature - Storage - 40 C ... + 85 C + 100 C max. - 55 C ... + 125 C 2.5%/K above 60C 95 % rel H max. > 1'000'000 h @ + 25 C 1`500 VDC 1200 pF typ. > 1'000 MOhm 330 kHz typ. (puls width modulation) - On: - OFF: - Standby current: 2.5...100 VDC or open circuit. -0.7...1.0 VDC or short circuit pin 3 and pin 2 100A max. UL /cUL 60950, IEC/EN 60950 compliance up to 60 VDC input voltage (SELV limit) CSA (File no.: 226037) - Input/Output - Input/Output - Input/Output (500 VDC)
Output Specifications
Voltage set accuracy Output voltage adj. range Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short circuit protection Capacitive load
General Specifications
Temperature ranges
Load derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Isolation capacity Isolation resistance Switching frequency (fixed) Remote On/Off:
Safety standards Safety approvals
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
Physical Specifications
Case material Baseplate Potting material Weight Soldering temperature copper, nickel plated non conductive FR4 silicon rubber (UL 94 V-0 rated) 48g (1.69oz) max. 265C / 10 sec.
TEN 25 Series, 25/30 Watt
Output Voltage Adjustments
+Vout
+Vout
Trim Rx Rx
-Vout
Trim
10K Pot.
Trim
-Vout
Rx =
36.667 x Vo -- 33 x Vn Vn -- Vo
Rx =
33 x Vn -- 30 x Vo Vo -- Vn
Vo = adjusted output voltage [VDC] Vn = nominal output voltage [VDC] Rx = trim resistor [Kohm]
Nominal output voltage at open Trim input.
Outline Dimensions
10.16 10.16 10.16
7
(0.4)
40.6
(1.6)
6
(0.4)
10.16
3
Pin-Out
(0.4)
Pin 1 2
Single +Vin (Vcc) -Vin (GND) No pin + Vout -Vout Trim
Dual +Vin (Vcc) -Vin (GND) + Vout Common -Vout
5.08
12.7
(0.5)
5 4
Bottom view
2 1
(0.4)
(0.2)
3 4 5 6 7
Remote On/Off
5.1
(0.2)
45.72
(1.8)
2.5
(0.1)
6
9.5
50.8
(2.0)
(0.24) (0.38)
Dimensions in [mm], () = Inch Pin diameter: 1.0 0.05 (0.04 0.002) Pin pitch tolerances: 0.25 (0.01) Case tolerances: 0.5 (0.02)
Specifications can be changed without notice
Rev. 10/05
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TEN25-4823WI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X