Part Number Hot Search : 
S1205 AN520 SDM0565R MBR1535 200PC ICL765 BF1202WR STB6015
Product Description
Full Text Search
 

To Download TEL15-4823 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TEL 15 Series, 15 Watt
Features High Efficiency up to 86% Operating Temp. Range
- 25C to +71C

Indefinite Short-Circuit Protection I/O-Isolation 1500 VDC Industry Standard Pinout Cost optimized Design 3 Year Product Warranty
The TEL 15 series is a range of DC/DC-converter modules with wide input range of 2:1. State of the art SMD-technology guarantees a product with very high reliability and good cost /performance ratio. High efficiency allows an operating temperature range of -25C to +71C without derating. This product serie provides an economical solution for many cost critical applications in industrial and consumer electronics.
Models
Ordercode TEL 15-1210 TEL 15-1211 TEL 15-1212 TEL 15-1213 TEL 15-1222 TEL 15-1223 TEL 15-2410 TEL 15-2411 TEL 15-2412 TEL 15-2413 TEL 15-2422 TEL 15-2423 TEL 15-4810 TEL 15-4811 TEL 15-4812 TEL 15-4813 TEL 15-4822 TEL 15-4823 http://www.tracopower.com 36 - 75 VDC 18 - 36 VDC 9 - 18 VDC Input voltage range Output voltage 3.3 VDC 5.1 VDC 12 VDC 15 VDC 12 VDC 15 VDC 3.3 VDC 5.1 VDC 12 VDC 15 VDC 12 VDC 15 VDC 3.3 VDC 5.1 VDC 12 VDC 15 VDC 12 VDC 15 VDC Output current max. 4'000 mA 3`000 mA 1'250 mA 1'000 mA 625 mA 500 mA 4'000 mA 3`000 mA 1'250 mA 1'000 mA 625 mA 500 mA 4'000 mA 3`000 mA 1'250 mA 1'000 mA 625 mA 500 mA Efficiency typ. 78 % 81 % 86 % 86 % 86 % 86 % 78 % 81 % 86 % 86 % 86 % 86 % 78 % 81 % 86 % 86 % 86 % 86 % Page 1 of 3
DC/DC Converters
TEL 15 Series Input Specifications
Input current no load 12 Vin models: 30 mA typ. 24 Vin models: 20 mA typ. 48 Vin models: 10 mA typ. 12 Vin; 12 Vin; 24 Vin; 24 Vin; 48 Vin; 48 Vin; 3.3 Vout other output 3.3 Vout other output 3.3 Vout other output models: 1050 mA typ. models: 1500 mA typ. models: 550 mA typ. models: 750 mA typ. models: 250 mA typ. models: 350 mA typ.
15 Watt
Input current (full load)
Start-up voltage / under voltage shut down
12 Vin models: 8.5 VDC / 8.0 VDC typ. 24 Vin models: 17 VDC / 15 VDC typ. 48 Vin models: 33 VDC / 29 VDC typ. 12 Vin models: 25 V max. 24 Vin models: 50 V max. 48 Vin models: 100 V max. 1%
Surge voltage (100 msec. max.)
Output Specifications
Voltage set accuracy Regulation - Input variation Vin min. to Vin max. - Load variation 10 - 100 % single output models: dual output models balanced load: dual output models unbalanced load: 1 % max. 0.5 % max. 1 % max. 3 % max.
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short circuit protection Capacitive load
single output models: 50 mVpk-pk max. dual output models: 75 mVpk-pk max 0.02 % /K > 120% of Iout max., constant current indefinite (automatic recovery) single output models: 470 F max. dual output models: 220 F max. (per output)
General Specifications
Temperature ranges - Operating - Case temperature - Storage - 25 C ... + 71 C (without load derating) + 100 C max. - 55 C ... + 125 C 95 % rel H max. > 700'000 h @ +25 C 1'500 VDC 330 kHz typ. (Pulse width modulation PWM) UL 60950, EN 60950, IEC 60950 (Compliance up to 60 VDC input voltage (SELV limit) CSA 60950-1-03 (File no. 226037) - Input/Output
Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Switching frequency (fixed) Safety standards
Safety approval
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
Physical Specifications
Case material Baseplate Potting material Weight Soldering temperature copper nickel plated non conductive FR4 epoxy (UL 94V-0 rated) 32g (1.13 oz) max. 265 C / 10 sec.
Outline Dimensions
50.8
(2.0)
Pin-Out
Pin 1 2 Single +Vin (Vcc) -Vin (GND) +Vout No pin -Vout Dual +Vin (Vcc) -Vin (GND) +Vout Common -Vout
1 5.2
(0.6)
20.32
(0.8)
5.08
(0.2)
10.16 10.16
(0.4)
10.2
(0.4)
1 2
20.32
25.4
(0.8)
(1.0)
Bottom View
(0.4)
3 4 5
3 4 5
2.5
(0.1)
(0.24) (0.40)
6.0 10.2
Insulated baseplate
Dimensions in [mm], () = Inch Pin diameter: 1.0 0.05 (0.02 0.002) Pin pitch tolerances: 0.13 (0.005) Case tolerances: 0.25 (0.01)
Specifications can be changed without notice
Rev. 08/05
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43311 4511 * Fax +41 43311 4545 * info@traco.ch * www.tracopower.com
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TEL15-4823

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X