|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Audio Line Matching Transformer TEA4466 TEA4466 is a 1 : 1 line matching transformer with the following features. * * * * Low cost. Small size. Conforming to FCC part 68 and CS 03 regulations. Split secondary windings to facilitate phantom power feed. Applications: Line matching in 600 or 900 circuits where no loop current handling is required. MECHANICAL 5 10 9 0.74 0.48 0.56 max 0.83 8 1 7 DIA 0.020 0.1 DIMENSIONS ARE IN INCHES 0.40 0.59 DOT AT PIN #1 1 5 0.52 10 6 0.34 0.78 0.50 BOTTOM VIEW TEA4466 ELECTRICAL Impedance Insertion Loss Frequency Response Longitudinal Balance Winding Resistance Return loss Dielectric Strength 600 : 600 < 0.5 dB < 1.0 dB > 65 dB 26 nom. 17 nom. each > 11 dB > 14 dB 1500 V RMS @ 1000 Hz 300 - 3500 Hz 300 - 3500 Hz 5-1 9 -10 & 7 - 8 300 - 5000 Hz 500 - 3500 Hz ISSUE: D 95/04/05 Filtran Limited 229 Colonnade Road, Nepean, Ontario, K2E 7K3, Canada Tel:(613)226-1626, Fax:(613)226-7124. 7-9 |
Price & Availability of TEA4466 |