Part Number Hot Search : 
DS1673 2H143 F3709S MAX1747 CAT823 RFB4620 110306 1N4754AG
Product Description
Full Text Search
 

To Download TDA7330BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TDA7330B
SINGLE CHIP RDS DEMODULATOR + FILTER
HIGH PERFORMANCE, 57KHz BANDPASS FILTER (8th ORDER) FILTER ADJUSTMENT FREE AND WITHOUT EXTERNAL COMPONENTS PURELY DIGITAL RDS DEMODULATION WITHOUT EXTERNAL COMPONENTS ARI (SK INDICATION) AND RDS SIGNAL QUALITY OUTPUT 4.332MHz CRYSTAL OSCILLATOR (8.664MHz OPTIONAL) LOW NOISE MIXED BIPOLAR/CMOS TECHNOLOGY DESCRIPTION The TDA7330B is a RDS demodulator. It recovers the additional inaudible RDS information which is transmitted by FM radio broadcasting stations. The output data signal (RDDA) and clock signal (RDCL) can be further processed by a suitable RDS decoder (microprocessor). The device operates in accordance with the EBU (European Broadcasting Union) specifications. The IC includes a 2nd order antialiasing input filBLOCK DIAGRAM
DIP20 SO20 ORDERING NUMBERS: TDA7330B TDA7330BD
ter, a 57KHz switched capacitor band pass filter, a smoothing filter and cross detector, a bit rate clock recovery circuit, a 57KHz PLL, BI-PHASE PSK decoder, differential decoding circuit, ARI indication and RDS signal quality output.
November 1999
1/9
TDA7330B
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Top Tstg Supply Voltage Operating Temperature Range Storage Temperature Parameter Value 7 -40 to 85 -40 to 150 Unit V C C
THERMAL DATA
Symbol Rth j-case Description Thermal Resistance Junction-case Typ. DIP20 100 SO20 200 Unit C/W
PIN CONNECTION (Top view)
PIN FUNCTION
Nr. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Name MUXIN Vref COMP FIL OUT GND T1 T3 T4 OSC OUT OSC IN T57 RDCL RDDA QUAL ARI Description RDS input signal. Reference voltage Not inverting comparator input (smoothing filter) Filter Output Ground Testing output pin (not to be used) Testing output pin (not to be used) Testing output pin (not to be used) Oscillator output Oscillator Input Testing output pin: 57KHz clock output RDS clock output (1187.5Hz) RDS data output Output for signal quality indication (High = good) Output for ARI indication (High when RDS + ARI signals are present) (High when only ARI is present) (Low when only RDS is present) (indefined when no signal is present) Supply Voltage Testing output pin (not to be used) Frequency selector pin: open = 4.332MHz, closed to VCC = 8.664MHz Test mode pin (open = normal RUN) (closed to VCC = Test mode) Reset Input for testing (active high)
16 17 18 19 20 2/9
VCC T2 FSEL TM POR
TDA7330B
ELECTRICAL CHARACTERISTICS (VCC = 5V, Tamb = 25C; Rg = 600; fosc = 4.332MHz; VIN = 20mVrms unless otherwise specified)
Symbol Parameter Test Condition Min. Typ. Max. Unit
SUPPLY
VCC IS R POR PORON Supply Voltage Supply Current POR Pull Down Resistor POR Threshold pin 20 4.5 5 9 40 2.5 5.5 V mA K V
FILTER(measured an pin 4 FILOUT)
FC BW G A Center Frequency 3dB Bandwidth Gain Attenuation 56.5 2.5 18 18 50 35 57 3 20 22 80 50 0.5 1 2 160 40 57.5 3.5 22 KHz KHz dB dB dB dB DEG DEG DEG K dB Vrms mVrms K
f = 57KHz f = +4KHz f = 38KHz; Vi = 500mVrms f = 67KHz; Vi = 250mVrms A (see note1) B (see note1) C (see note1) Vi = 3mVrms f = 19KHz; T3 < -40dB (see note2) f = 57KHz (RDS + ARI) Pin 4
Ph
Phase non linearity
Ri S/N Vi RL
Input Impedance Signal to Noise Ratio Maximum Input Signal Capability Load Impedance
100 30
5 7.5 10 200 1 50
100
CROSS DETECTOR
RA Resistance pin 3-4 15 21 28 K
OSCILLATOR
FOSC VCLL VCLH Oscillator Frequency Clock Input level LOW (pin 10) Clock Input Level HIGH (pin 10) Output Amplitude (pin 9) 4 4.5 FSEL = Open (*) FSEL = Closed to VCC (**) 4.332 8.664 1 MHz MHz V V VPP
(*) FSEL pin has an internal 40K pull down resistor A 4.332MHz QUARTZ must be used (**) A 8.664MHz QUARTZ must be used.
DEMODULATOR
fO SRDS SARI Tlock VOH VOL fRDS tD Max Oscillator Deviation RDS Detection Sensitivity ARI Detection Sensitivity RDS Lockup Time Output HIGH Voltage Output LOW Voltage Data Rate for RDS RDDA Transition versus RDCL IL = 0.5mA; pins 12, 13, 14, 15 IL = 0.5mA; pins 12, 13, 14, 15 RDCL pin (see figure 2) FSEL = Open 1 3 100 4 1 1187.5 4.3 + 1.2 KHz mVrms mVrms ms V V Hz sec
Note(1): The phase non linearity is defined as: Ph = | -2 f2 + f1 + f3 | where fx is the input-output phase difference at the frequency fx (x = 1,2,3)
3/9
TDA7330B
ELECTRICAL CHARACTERISTICS (continued)
Measure A B C f1 (KHz) 56.5 56 55.5 f2 (KHz) 57 57 57 f3 (KHz) 57.5 58 58.5 Ph max <5 <7.5 <10
Note(2): The 3th harmonic (57KHz) must be less than -40dB in respect to the input signal 19KHz plus gain.
Figure 2: RDS timing diagram
OUTPUT TIMING The generated 1187.5Hz output clock (RDCL line) is synchronized to the incoming data. According to the internal PLL lock condition this Figure 3: Test Circuit
data change can results on the falling or on the rising clock edge. Whichever clock edge is used by the decoder (rising or falling edge) the data will remain valid for 416.7 sec after the clock transition.
4/9
TDA7330B
APPLICATION SUGGESTION A good DC decoupling between VCC and GROUND is necessary: a 100nF ceramic capacitor, with low resistance and low inductance at high frequency, directly connected on pin 16 (VCC)and 5 (GND) is recommended. A small series inductance (100H) or resistor (27) may be used for supply line filtering. The Layout path pin2 - C2 - pin5 must be as short as possible. If the supply line, after the power on has a soft and disturbed (spikes) slope, a capacitor of 100nF, between POR and VCC, is racommended. The various testing pins have no sense for the customer.
Figure 4: P.C. board and component layout of fig. 3 (1:1 scale)
5/9
TDA7330B
Figure 5: Gain vs. Frequency Figure 6: Group Delay vs. Frequency
6/9
TDA7330B
DIM. MIN. a1 B b b1 D E e e3 F I L Z 0.254 1.39
mm TYP. MAX. MIN. 0.010 1.65 0.45 0.25 25.4 8.5 2.54 22.86 7.1 3.93 3.3 1.34 0.055
inch TYP. MAX.
OUTLINE AND MECHANICAL DATA
0.065 0.018 0.010 1.000 0.335 0.100 0.900 0.280 0.155 0.130 0.053
DIP20
7/9
TDA7330B
mm MIN. A A1 B C D E e H h L K 10 0.25 0.4 2.35 0.1 0.33 0.23 12.6 7.4 1.27 10.65 0.75 1.27 0.394 0.010 0.016 TYP. MAX. 2.65 0.3 0.51 0.32 13 7.6 MIN. 0.093 0.004 0.013 0.009 0.496 0.291 0.050 0.419 0.030 0.050 inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299
DIM.
OUTLINE AND MECHANICAL DATA
SO20
0 (min.)8 (max.)
L
h x 45
A B e K H D A1 C
20
11 E
1
0 1
SO20MEC
8/9
TDA7330B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of TDA7330BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X