Part Number Hot Search : 
DS7616 000AA 021E7 S10S40PT 8C240 KB2400YW UFR3250 PP300D
Product Description
Full Text Search
 

To Download TC7MH163FK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC7MH161,163FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH161FK,TC7MH163FK
Synchronous Presettable 4-Bit Binary Counter TC7MH161FK Asynchronous Clear TC7MH163FK Synchronous Clear
The TC7MH161FK and 163FK are advanced high speed CMOS synchronous presettable 4-bit binary counters fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent bipolar schottky TTL while maintaining the CMOS low power dissipation. The CK input is active on the rising edge. Both LOAD and CLR inputs are active on low logic level. Presetting of each IC's is synchronous to the rising edge of CK. Weight: 0.02 g (typ.) The clear function of the TC7MH163FK is synchronous to CK, while the TC7MH161FK are cleared asynchronously. Two enable inputs (ENP and ENT) and CARRY OUTPUT are provided to enable easy cascading of counters, which facilitates easy implementation of n-bit counters without using external gates. An input protection circuit ensures that 0 to 7 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
Features
* * * * * * * * High speed: fmax = 185 MHz (typ.) (VCC = 5 V) Low power dissipation: ICC = 4 A (max) (Ta = 25C) High noise immunity: VNIH = VNIL = 28% VCC (min) Power down protection is equipped with all inputs. Balanced propagation delays: tpLH tpHL Wide operating voltage range: VCC (opr) = 2~5.5 V Low noise: VOLP = 0.8 V (max) Pin and function compatible with 74ALS161/163
1
2001-09-12
TC7MH161,163FK
Pin Assignment (top view)
CLR
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VCC CARRY OUTPUT QA QB QC QD ENT
LOAD
CK A B C D ENP GND
IEC Logic Symbol
TC7MH161FK
TC7MH163FK CLR LOAD
(15) CARRY OUTPUT
CLR LOAD
(1) (9)
(10) ENT (7) ENP (2) CK (3) A (4) B (5) C (6) D
CTRDIV 16 CT = 0 M1 M2 3CT = 15 G3 G4 C5/2, 3, 4 + 1, 5D [1] [2] [4] [8]
(1) (9)
(10) ENT (7) ENP (2) CK (3) A (4) B (5) C (6) D
CTRDIV 16 5CT = 0 M1 M2 3CT = 15 G3 G4 C5/2, 3, 4 + 1, 5D [1] [2] [4] [8]
(15) CARRY OUTPUT
(14) QA (13) QB (12) QC (11) QD
(14) QA (13) QB (12) QC (11) QD
Truth Table
TC7MH161FK Inputs
CLR
TC7MH163FK Inputs
Outputs Function CK QA L A QB L B QC L C QD L D Reset to "0" Reset data No count No count Count No count
LD
ENP X X X L H X
ENT X X L X H X
CK X
CLR
LD
ENP X X X L H X
ENT X X L X H X
L H H H H H
X L H H H X
L H H H H X
X L H H H X
No change No change Count up No change
X: Don't care A, B, C, D: Logic level of data inputs Carry: CARRY = ENTQAQBQCQD
2
2001-09-12
TC7MH161,163FK
Timing Chart
CLR
LOAD
A
Don't care until LOAD goes low
B Data inputs C
D
CK
ENP
ENT
QA
QB Outputs QC
QD
CARRY 12 Async clear (161) Sync clear (163) Preset 13 14 15 0 1 2 Inhibit
Count
3
2001-09-12
TC7MH161,163FK
System Diagram
CLR
1 7 10 9
L L
ENP ENT
LOAD
E E
A
3 L
*
15 CARRY OUT
R D
L E
Q
CK Q E
14
QA
B
4 L
L E
*
R D Q
E 5 L
L E
CK Q
13
QB
C
*
R D Q
E
CK Q
12
QC
D
6 L
L E
*
R D Q
E 2
CK Q
11
QD
CK
*:Truth table of internal F/F
D X L H X
TC7MH161FK CK X R H L L L Q L L H
Q
TC7MH163FK D X L H X CK R H L L X Q L L H
Q
H H L
H H L
No change
No change
X: Don't care
4
2001-09-12
TC7MH161,163FK
Maximum Ratings (Ta = 25C)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5~7.0 -0.5~7.0 -0.5~VCC + 0.5 -20 20 25 50
Unit V V V mA mA mA mA mW C
180
-65~150
Recommended Operating Conditions
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dv Rating 2.0~5.5 0~5.5 0~VCC
-40~85
Unit V V V C ns/V
0~100 (VCC = 3.3 0.3 V) 0~20 (VCC = 5 0.5 V)
Electrical Characteristics DC Characteristics
Characteristics Symbol Test Condition VCC (V) 2.0 High level Input voltage 2.0 Low level VIL
3/4
Ta = 25C Min 1.50 VCC 0.7
3/4 3/4
Ta = -40~85C Max
3/4 3/4
Unit
Typ.
3/4 3/4 3/4 3/4
Min 1.50 VCC 0.7
3/4 3/4
Max
3/4 3/4
VIH
3/4
3.0~5.5
V 0.50 VCC 0.3
3/4 3/4 3/4 3/4 3/4
0.50 VCC 0.3
3/4 3/4 3/4 3/4 3/4
3.0~5.5 2.0
1.9 2.9 4.4 2.58 3.94
3/4 3/4 3/4 3/4 3/4 3/4 3/4
2.0 3.0 4.5
3/4 3/4
1.9 2.9 4.4 2.48 3.80
3/4 3/4 3/4 3/4 3/4 3/4 3/4
IOH = -50 mA High level VOH VIN = VIH or VIL IOH = -4 mA Output voltage IOH = -8 mA
3.0 4.5 3.0 4.5 2.0
V
0 0 0
3/4 3/4 3/4 3/4
0.1 0.1 0.1 0.36 0.36
0.1
0.1 0.1 0.1 0.44 0.44
1.0 mA mA
IOL = 50 mA Low level VOL VIN = VIH or VIL IOL = 4 mA IOL = 8 mA Input leakage current Quiescent supply current IIN ICC VIN = 5.5 V or GND VIN = VCC or GND
3.0 4.5 3.0 4.5 0~5.5 5.5
4.0
40.0
5
2001-09-12
TC7MH161,163FK
Timing Requirements (Input: tr = tf = 3 ns)
Characteristics Minimum pulse width (CK) Minimum pulse width ( CLR ) Minimum set-up time (A, B, C, D) Minimum set-up time ( LOAD ) Minimum set-up time (ENT, ENP) Minimum set-up time ( CLR ) Minimum hold time Minimum hold time ( CLR ) Minimum removal time ( CLR ) trem Figure 4 (Note1) th Figure 5 (Note2) ts Figure 5 (Note2) ts Figure 3 ts Figure 2 ts Figure 2 tw (L) Figure 4 (Note1) Symbol tw (H) tw (L) Test Condition VCC (V) Figure 1 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 Ta = 25C Limit 5.0 5.0 5.0 5.0 5.5 4.5 8.0 5.0 7.5 5.0 4.0 3.5 1.0 1.0 1.0 1.5 2.5 1.5 Ta = -40~85C Limit 5.0 5.0 5.0 ns 5.0 6.5 ns 4.5 9.5 ns 6.0 9.0 ns 6.0 4.0 ns 3.5 1.0 ns 1.0 1.0 ns 1.5 2.5 ns 1.5 ns Unit
th
Figure 2, Figure 3
Note1: for TC7MH161FK only Note2: for TC7MH163FK only
6
2001-09-12
TC7MH161,163FK
AC Characteristics (Input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) 3.3 0.3 tpLH tpHL Figure 1, Figure 2 5.0 0.5 CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 Min
3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4
Ta = 25C Typ. 8.3 10.8 4.9 6.4 8.7 11.2 4.9 6.4 11.0 13.5 6.2 7.7 7.5 10.5 4.9 6.4 8.9 11.2 5.5 7.0 8.4 10.9 5.0 6.5 130 85 185 125 4 23 Max 12.8 16.3 8.1 10.1 13.6 17.1 8.1 10.1 17.2 20.7 10.3 12.3 12.3 15.8 8.1 10.1 13.6 17.1 9.0 11.0 13.2 16.7 8.6 10.6
3/4 3/4 3/4 3/4
Ta = -40~85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 70 50 115 85
3/4 3/4
Unit
Max 15.0 18.5 9.5 11.5 16.0 19.5 9.5 11.5 20.0 23.5 12.0 14.0 14.5 18.0 9.5 11.5 16.0 19.5 10.5 12.5 15.5 19.0 10.0 12.0
3/4 3/4 3/4 3/4
Propagation delay time (CK-Q)
ns
Propagation delay time (CK-CARRY) [Count mode] tpLH tpHL Figure 1
3.3 0.3
ns
5.0 0.5
Propagation delay time (CK-CARRY) [Preset mode] tpLH tpHL Figure 2
3.3 0.3
ns
5.0 0.5
Propagation delay time (ENT-CARRY)
3.3 0.3 tpLH tpHL Figure 6 5.0 0.5
ns
Propagation delay time ( CLR -Q) tpHL Figure 4 (Note4)
3.3 0.3
ns
5.0 0.5
Propagation delay time ( CLR -CARRY) tpHL Figure 4 (Note4)
3.3 0.3
ns
5.0 0.5
3.3 0.3 Maximum clock frequency fmax
3/4
80 55 135 95
3/4
MHz
5.0 0.5 Input capacitance Power dissipation capacitance CIN CPD
3/4
10
3/4
10
3/4
pF pF
(Note3)
3/4
Note3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC When the outputs drive a capacitive load, total current consumption is the sum of CPD, and DICC which is obtained from the following formula: DICC = fCKVCC ae CQA + CQB + CQC + CQD + CCO o c / 4 8 16 16 o e2 CQA~CQD and CCO are the capacitance QA~QD and CARRY OUT, respectively. fCK is the input frequency of the CK. Note4: for TC7MH161FK only
7
2001-09-12
TC7MH161,163FK
AC Test Waveform
Count Mode
twH CK 50% twL VCC 50% GND VOH 50% tpLH tpHL 50% VOL A~D ts CK th VCC 50%
LOAD
Preset Mode
50% ts th
VCC 50% ts th GND
Q, CARRY
Figure 1
50% tpLH, tpHL
50% GND VOH 50% VOL
Q, CARRY
Figure 2
Count Enable Mode
VCC 50% ts th 50% ts th GND VCC CK 50% 50% GND trem VOH Q VOL Q, CARRY tpHL CK 50% GND VOH 50% VOL
CLR
Clear Mode (TC7MH161FK)
VCC 50% twL GND VCC
ENP ENT
Figure 3
Figure 4
8
2001-09-12
TC7MH161,163FK
Clear Mode (TC7MH163FK)
VCC
CLR
Cascade Mode (fix maximum count)
VCC ENT GND VCC 50% 50% GND VOH CARRY GND VOH VOL tpLH 50% tpHL 50% VOL
50% ts th
50%
CK
50%
Q, CARRY
Figure 6
Figure 5 Noise Characteristics (Input: tr = tf = 3 ns)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Symbol VOLP VOLV VIHD VILD Test Condition VCC (V) CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF 5.0 5.0 5.0 5.0 Ta = 25C Typ. 0.4
-0.4 3/4 3/4
Unit V V V V
Limit 0.8
-0.8
Minimum high level dynamic input voltage VIH Maximum low level dynamic input voltage VIL
3.5 1.5
Input Equivalent Circuit
Input
9
2001-09-12
TC7MH161,163FK
Typical Application
Parallel Carry N-Bit Counter
H: Count L: Disable
Inputs
Inputs
Inputs
LD A ENP H: Count L: Disable ENT CK
B
C
D
LD A ENP
B
C
D
LD A ENP
B
C
D
CARRY
ENT CK
CARRY
ENT CK
CARRY Next stage
CLR QA QB QC QD
CLR QA QB QC QD
CLR QA QB QC QD
Outputs
CLR
Outputs
Outputs
CK
10
2001-09-12
TC7MH161,163FK
Package Dimensions
Weight: 0.02 g (typ.)
11
2001-09-12
TC7MH161,163FK
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
12
2001-09-12


▲Up To Search▲   

 
Price & Availability of TC7MH163FK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X