Part Number Hot Search : 
1205D VN0808 PD140 SSP1N60B SMS1242 EST1CF 28F80 S5T8808A
Product Description
Full Text Search
 

To Download TC4429MJA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC4420M/TC4429M
6A High-Speed MOSFET Drivers
Features
* Latch-Up Protected: Will Withstand >1.5A Reverse Output Current * Logic Input: Will Withstand Negative Swing Up To 5V * ESD Protected: 4 kV * Matched Rise and Fall Times: - 25 ns (2500 pF load) * High Peak Output Current: 6A * Wide Input Supply Voltage Operating Range: - 4.5V to 18V * High Capacitive Load Drive Capability: 10,000 pF * Short Delay Time: 55 ns (typ.) * CMOS/TTL-Compatible Input * Low Supply Current With Logic `1' Input: - 450 A (typ.) * Low Output Impedance: 2.5 * Output Voltage Swing to Within 25 mV of Ground or VDD * Wide Operating Temperature Range: - -55C to +125C * See TC4420/TC4429 Data Sheet (DS21419) for additional temperature range and package offerings.
General Description
The TC4420M/TC4429M are 6A (peak), single-output MOSFET drivers. The TC4429M is an inverting driver (pin-compatible with the TC429M), while the TC4420M is a non-inverting driver. These drivers are fabricated in CMOS for lower power and more efficient operation versus bipolar drivers. Both devices have TTL/CMOS-compatible inputs, which can be driven as high as VDD + 0.3V or as low as -5V without upset or damage to the device. This eliminates the need for external level-shifting circuitry and its associated cost and size. The output swing is rail-to-rail, ensuring better drive voltage margin, especially during power-up/power-down sequencing. The propagational delay time is only 55 ns (typ.), while the output rise and fall times are only 25 ns (typ.) into 2500 pF across the usable power supply range. Unlike other drivers, the TC4420M/TC4429M are virtually latch-up proof. They replace three or more discrete components, saving PCB area and parts while improving overall system reliability.
Package Types:
8-Pin CERDIP
VDD 1 8 7 6 5
TC4420M
VDD OUTPUT OUTPUT GND
TC4429M
VDD OUTPUT OUTPUT GND
Applications
* * * * Switch-mode Power Supplies Motor Controls Pulse Transformer Driver Class D Switching Amplifiers
INPUT 2 NC 3 GND 4
Note:
Duplicate pins must both be connected for proper operation.
(c) 2005 Microchip Technology Inc.
TC4420M TC4429M
DS21933A-page 1
TC4420M/TC4429M
Functional Block Diagram
VDD 500 A 300 mV Output
TC4429M Inverting
Input 4.7V
TC4420M Non-Inverting
GND Effective Input C = 38 pF
DS21933A-page 2
(c) 2005 Microchip Technology Inc.
TC4420M/TC4429M
1.0 ELECTRICAL CHARACTERISTICS
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
Supply Voltage ..................................................... +20V Input Voltage ....................................-5V to VDD + 0.3V Input Current (VIN > VDD)................................... 50 mA
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25C with 4.5V VDD 18V. Parameters Input Logic `1', High Input Voltage Logic `0', Low Input Voltage Input Voltage Range Input Current Output High Output Voltage Low Output Voltage Output Resistance, High Output Resistance, Low Peak Output Current Latch-Up Protection Withstand Reverse Current Switching Time (Note 1) Rise Time Fall Time Delay Time Delay Time Power Supply Power Supply Current Operating Input Voltage Note 1: IS VDD -- -- 4.5 0.45 55 -- 1.5 150 18 mA A V VIN = 3V VIN = 0V tR tF tD1 tD2 -- -- -- -- 25 25 55 55 35 35 75 75 ns. ns. ns. ns. Figure 4-1, CL = 2,500 pF Figure 4-1, CL = 2,500 pF Figure 4-1 Figure 4-1 VOH VOL ROH ROL IPK IREV VDD - 0.025 -- -- -- -- -- -- -- 2.1 1.5 6.0 > 1.5 -- 0.025 2.8 2.5 -- -- V V A A DC TEST DC TEST IOUT = 10 mA, VDD = 18V IOUT = 10 mA, VDD = 18V VDD = 18V Duty cycle 2%, t 300 s VIH VIL VIN IIN 2.4 -- -5 -10 1.8 1.3 -- -- -- 0.8 VDD + 0.3 +10 V V V A 0V VIN VDD Sym Min Typ Max Units Conditions
Switching times ensured by design.
(c) 2005 Microchip Technology Inc.
DS21933A-page 3
TC4420M/TC4429M
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V VDD 18V. Parameters Input Logic `1', High Input Voltage Logic `0', Low Input Voltage Input Voltage Range Input Current Output High Output Voltage Low Output Voltage Output Resistance, High Output Resistance, Low Switching Time (Note 1) Rise Time Fall Time Delay Time Delay Time Power Supply Power Supply Current Operating Input Voltage Note 1: IS VDD -- -- 4.5 0.45 60 -- 3 400 18 mA A V VIN = 3V VIN = 0V tR tF tD1 tD2 -- -- -- -- 32 34 50 65 60 60 100 100 ns. ns. ns. ns. Figure 4-1, CL = 2,500 pF Figure 4-1, CL = 2,500 pF Figure 4-1 Figure 4-1 VOH VOL ROH ROL VDD - 0.025 -- -- -- -- -- 3 2.3 -- 0.025 5 5 V V DC TEST DC TEST IOUT = 10 mA, VDD = 18V IOUT = 10 mA, VDD = 18V VIH VIL VIN IIN 2.4 -- -5 -10 -- -- -- -- -- 0.8 VDD + 0.3 +10 V V V A 0V VIN VDD Sym Min Typ Max Units Conditions
Switching times ensured by design.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V VDD 18V. Parameters Temperature Ranges Specified Temperature Range (M) Maximum Junction Temperature Storage Temperature Range Package Thermal Resistances Thermal Resistance, 8L-CERDIP JA -- 150 -- C/W TA TJ TA -55 -- -65 -- -- -- +125 +150 +150 C C C Sym Min Typ Max Units Conditions
DS21933A-page 4
(c) 2005 Microchip Technology Inc.
TC4420M/TC4429M
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note: Unless otherwise indicated, TA = +25C with 4.5V VDD 18V.
120
100
100 80 60
C L = 10,000 pF
80
TIME (nsec)
TIME (nsec)
60
C L = 10,000 pF
C L = 4700 pF
40
40
C L = 4700 pF C L = 2200 pF
C L = 2200 pF
20 0
20
5
7
9
11
13
15
0
5
SUPPLY VOLTAGE (V)
7 9 11 13 SUPPLY VOLTAGE (V)
15
FIGURE 2-1: Voltage.
100 80 60
TIME (nsec)
Rise Time vs. Supply
FIGURE 2-4: Voltage.
100 80 60
TIME (nsec)
Fall Time vs. Supply
40
VDD = 5V
40
VDD = 5V VDD = 12V VDD = 18V
VDD = 12V VDD = 18V 20
20
10 1000
CAPACITIVE LOAD (pF)
10,000
10 1000
CAPACITIVE LOAD (pF)
10,000
FIGURE 2-2: Load.
50
Rise Time vs. Capacitive
FIGURE 2-5: Load.
84
Fall Time vs. Capacitive
C L = 2200 pF VDD = 18V
VDD = 15V
SUPPLY CURRENT (mA)
40
70 56 42
DELAY TIME (nsec)
t D2
30
t D1
20
500 kHz
28
10
200 kHz
14
20 kHz
0 -60
-20
20 60 TA (C)
100
140
0
0
100 1000 CAPACITIVE LOAD (pF)
10,000
FIGURE 2-3: Temperature.
Propagation Delay Time vs.
FIGURE 2-6: Capacitive Load.
Supply Current vs.
(c) 2005 Microchip Technology Inc.
DS21933A-page 5
TC4420M/TC4429M
Note: Unless otherwise indicated, TA = +25C with 4.5V VDD 18V.
50 C L = 2200 pF VDD = 18V 40
5
100 mA
TIME (nsec)
4
ROUT ( )
30
t FALL t RISE
10 mA
50 mA
20
3
10
0 -60
-20
20 60 TA (C)
100
140
2
5
7 9 11 13 SUPPLY VOLTAGE (V)
15
FIGURE 2-7: Temperature.
65 60
Rise and Fall Times vs.
FIGURE 2-10: High-State Output Resistance vs. Supply Voltage.
200
LOAD = 2200 pF
160
DELAY TIME (nsec)
55 50 45 40 35 tD2
DELAY TIME (nsec)
120
INPUT 2.4V INPUT 3V
80 INPUT 5V 40 INPUT 8V AND 10V
tD1
0
4
6
8 10 12 14 16 SUPPLY VOLTAGE (V)
18
5
6
7
8
9 10 11 12 13 14 15 VDD (V)
FIGURE 2-8: Supply Voltage.
1000
Propagation Delay Time vs.
FIGURE 2-11: Effect of Input Amplitude on Propagation Delay.
2.5
CL = 2200 pF
SUPPLY CURRENT (mA)
18V
100
10V
2
ROUT ( )
5V
100 mA 50 mA
1.5
10
10 mA
0
0 100 1000 FREQUENCY (kHz) 10,000
1
5
7 9 11 13 SUPPLY VOLTAGE (V)
15
FIGURE 2-9: Frequency.
Supply Current vs.
FIGURE 2-12: Low-State Output Resistance vs. Supply Voltage.
DS21933A-page 6
(c) 2005 Microchip Technology Inc.
TC4420M/TC4429M
Note: Unless otherwise indicated, TA = +25C with 4.5V VDD 18V.
4
-8
Crossover Area (A*S) x 10
3
2
1
0
5 6 78 9 10 11 12 13 14 15 SUPPLY VOLTAGE (V)
* The values on this graph represent the loss seen by the driver during one complete cycle. For a single transition, divide the value by 2.
FIGURE 2-13:
Crossover Energy*.
(c) 2005 Microchip Technology Inc.
DS21933A-page 7
TC4420M/TC4429M
3.0 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
Pin No. 8-Pin CERDIP
PIN FUNCTION TABLE
Symbol Description
1 2 3 4 5 6 7 8
VDD INPUT NC GND GND OUTPUT OUTPUT VDD
Supply input, 4.5V to 18V Control input, TTL/CMOS compatible input No Connection Ground Ground CMOS push-pull output CMOS push-pull output Supply input, 4.5V to 18V
3.1
Supply Input (VDD)
3.3
CMOS Push-Pull Output
The VDD input is the bias supply for the MOSFET driver and is rated for 4.5V to 18V with respect to the ground pins. The VDD input should be bypassed to ground with a local ceramic capacitor. The value of the capacitor should be chosen based on the capacitive load that is being driven. A minimum value of 1.0 F is suggested.
The MOSFET driver output is a low-impedance, CMOS, push-pull style output capable of driving a capacitive load with 6.0A peak currents. The MOSFET driver output is capable of withstanding 1.5A peak reverse currents of either polarity.
3.4 3.2 Control Input
The MOSFET driver input is a high-impedance, TTL/CMOS-compatible input. The input circuitry of the TC4420M/TC4429M MOSFET driver also has a "speed-up" capacitor. This helps to decrease the propagation delay times of the driver. Because of this, input signals with slow rising or falling edges should not be used, as this can result in double-pulsing of the MOSFET driver output.
Ground
The ground pins are the return path for the bias current and the high peak currents that discharge the load capacitor. The ground pins should be tied into a ground plane or have very short traces to the bias supply source return.
DS21933A-page 8
(c) 2005 Microchip Technology Inc.
TC4420M/TC4429M
4.0 APPLICATIONS INFORMATION
+5V Input VDD = 18V 4.7 F 1 0.1 F Input 2 6 7 CL = 2,500 pF 4 5 0V +18V Input: 100 kHz, square wave, tRISE = tFALL 10 ns Output 0V 10% Non-Inverting Driver TC4420M 8 0.1 F Output +5V Input 10% tD1 90% tR tD2 90% tF 10% 0V +18V Output 0V 10% Inverting Driver TC4429M 90% 10% 10% tD1 tF 90% tD2 tR 90%
90%
FIGURE 4-1:
Switching Time Test Circuits.
(c) 2005 Microchip Technology Inc.
DS21933A-page 9
TC4420M/TC4429M
5.0
5.1
PACKAGING INFORMATION
Package Marking Information
8-Lead CERDIP (300 mil) Example:
XXXXXXXX XXXXXNNN YYWW
TC4420 e3 MJA^^256 0542
Legend: XX...X Y YY WW NNN
e3
*
Customer-specific information Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) This package is Pb-free. The Pb-free JEDEC designator ( e3 ) can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
DS21933A-page 10
(c) 2005 Microchip Technology Inc.
TC4420M/TC4429M
8-Lead Ceramic Dual In-line - 300 mil (CERDIP)
E1
2 n 1 D E A2 A
c eB A1 B1 B p
L
Number of Pins Pitch Top to Seating Plane Standoff Shoulder to Shoulder Width Ceramic Pkg. Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing *Controlling Parameter JEDEC Equivalent: MS-030
Drawing No. C04-010
Units Dimension Limits n p A A1 E E1 D L c B1 B eB
MIN
.160 .020 .290 .230 .370 .125 .008 .045 .016 .320
INCHES* NOM 8 .100 .180 .030 .305 .265 .385 .163 .012 .055 .018 .360
MAX
MIN
.200 .040 .320 .300 .400 .200 .015 .065 .020 .400
MILLIMETERS NOM 8 2.54 4.06 4.57 0.51 0.77 7.37 7.75 5.84 6.73 9.40 9.78 3.18 4.13 0.20 0.29 1.14 1.40 0.41 0.46 8.13 9.15
MAX
5.08 1.02 8.13 7.62 10.16 5.08 0.38 1.65 0.51 10.16
(c) 2005 Microchip Technology Inc.
DS21933A-page 11
TC4420M/TC4429M
NOTES:
DS21933A-page 12
(c) 2005 Microchip Technology Inc.
TC4420M/TC4429M
APPENDIX A: REVISION HISTORY
Revision A (February 2005)
* Original Release of this Document.
(c) 2005 Microchip Technology Inc.
DS21933A-page 13
TC4420M/TC4429M
NOTES:
DS21933A-page 14
(c) 2005 Microchip Technology Inc.
TC4420M/TC4429M
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device and Temperature Range XX Package Examples:
a) TC4420MJA:
6A High-Speed MOSFET Driver, Non-inverting,
8LD CERDIP package.
Device and Temperature Range:
TC4420M: 6A High-Speed MOSFET Driver, Non-Inverting, -55C to +125C TC4429M: 6A High-Speed MOSFET Driver, Inverting, -55C to +125C
a)
TC4429MJA:
6A High-Speed MOSFET Driver, Inverting,
8LD CERDIP package.
Package:
JA = Ceramic Dual In-line (300 mil Body), 8-lead
(c) 2005 Microchip Technology Inc.
DS21933A-page 15
TC4420M/TC4429M
NOTES:
DS21933A-page 16
(c) 2005 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, PICMASTER, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance and WiperLock are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2005, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona and Mountain View, California in October 2003. The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2005 Microchip Technology Inc.
DS21933A-page 17
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Alpharetta, GA Tel: 770-640-0034 Fax: 770-640-0307 Boston Westford, MA Tel: 978-692-3848 Fax: 978-692-3821 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 San Jose Mountain View, CA Tel: 650-215-1444 Fax: 650-961-0286 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8676-6200 Fax: 86-28-8676-6599 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Qingdao Tel: 86-532-502-7355 Fax: 86-532-502-7205
ASIA/PACIFIC
India - Bangalore Tel: 91-80-2229-0061 Fax: 91-80-2229-0062 India - New Delhi Tel: 91-11-5160-8631 Fax: 91-11-5160-8632 Japan - Kanagawa Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Taiwan - Hsinchu Tel: 886-3-572-9526 Fax: 886-3-572-6459
EUROPE
Austria - Weis Tel: 43-7242-2244-399 Fax: 43-7242-2244-393 Denmark - Ballerup Tel: 45-4450-2828 Fax: 45-4485-2829 France - Massy Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Ismaning Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 England - Berkshire Tel: 44-118-921-5869 Fax: 44-118-921-5820
10/20/04
DS21933A-page 18
(c) 2005 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of TC4429MJA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X