Part Number Hot Search : 
C3052 SG352 LPT46 Z5250 LTC3850 D3621 LTC1514 428L4EX
Product Description
Full Text Search
 

To Download TC1NXXXXTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SEM ICONDUCTOR
500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
AXIAL LEAD DO35
Absolute Maximum Ratings
Symbol PD TSTG TJ WIV IO IFM IFSURGE Power Dissipation
TA = 25C unless otherwise noted Value 500 -65 to +200 +175 75 150 450 2 Units mW C C V mA mA A
L TC1Nxxxx DEVICE MARKING DIAGRAM
Parameter
Storage Temperature Range Operating Junction Temperature Working Inverse Voltage Average Rectified Current Non-repetitive Peak Forward Current Peak Forward Surge Current
L xx xx
: Logo : Device Code
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS) DO-35 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All external surfaces are corrosion resistant and leads are readily solderable Cathode indicated by polarity band
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Symbol BV Breakdown Voltage
TA = 25C unless otherwise noted Parameter Test Condition IR=100A IR=5A Limits Min 100 75 25 5 0.62 0.72 1.0 1.0 Volts Max Unit
Volts nA A
IR
Reverse Leakage Current
VR=20V VR=75V
VF
Forward Voltage
TC1N4448, TC1N914B TC1N4148, TC1N4148 TC1N4448, TC1N914B
IF=5mA IF=10mA IF=100mA IF=IR=10mA RL=100 IRR=1mA
TRR
Reverse Recovery Time
4
nS
C
Capacitance
VR=0V, f=1MHZ
4
pF
March 2002 / A Page 1
TC1N4148/TC1N4448/TC1N914B
TAK CHEONG
(R)
TAK CHEONG
SEM ICONDUCTOR Typical Characteristics
I
(mA)
Electrical Symbol Definition
Symbol Parameter
BV
Breakdown Voltage @ IR
IF
IR
Reverse Leakage Current @ VR
BV VR IR IR VF (mV) (V)
V
VR
Reverse Voltage
IF
Forward Current
(nA) (A)
VF
Forward Voltage @ IF
Ordering Information
Device TC1Nxxxx TC1Nxxxx.TB TC1Nxxxx.TR TC1Nxxxx Package Bulk Tape and Ammo Tape and Reel Quantity 10,000 5,000 10,000
Others (...contact Tak Cheong sales representatives)
Axial-Lead Tape Packaging Standards
This axial-lead component's packaging requirements use in automatic testing and assembly equipment. And this standard practices for lead-tape packaging of axial-lead components meets the requirements of EIA Standard RS-296-D "Lead-taping of Components on Axial Lead Configuration for Automatic Insertion".
March 2002 / A Page 2
(R)
TAK CHEONG
SEM ICONDUCTOR
Tape & Reel Packaging Information
Tape & Reel Outline
DIM D1
Millimeters 356 30 84 77.5
Reel Dimensions
D2 D3 W1
PKG Type
Quantity Per Reel
Quantity Per Reel
DO-35 10,000
March 2002 / A Page 3
(R)
TAK CHEONG
SEM ICONDUCTOR
Tape & Ammo Packaging Information
Tape & Ammo Outline
250mm x 80mm x 80mm
Quantity Per Ammo Box
PKG Type DO-35
Quantity Per Box 5,000
Taping Dimensions
Description Standard Width Tape Spacing (B) Component Pitch (C) Untaped Lead (L1 - L2) Glass Offset (F) Bent (D) Tape Width (G) Tape Mismatch (E) Taped Lead (G) Lead Beyond Tape (H) 52 52 0.69 5.08 0.4 0.69 0.69 1.2 Max 6.138 0.576 0.55 Max 3.2 Min 0
Millimeters 26 26 +0.5 / -0 5.08 0.4 0.69 0.69 1.2 Max 6.138 0.576 0.55 Max 3.2 Min 0
March 2002 / A Page 4
(R)
TAK CHEONG
SEM ICONDUCTOR
Bulk Packaging Information
Plastic Bag
Bulk Outline
Quantity Per Plastic Bag DO-35 1000 x 10 Plastic Bag
250mm x 80mm x 80mm
PKG Type
Quantity Per Box 10,000
Quantity Per Box
DO-35
March 2002 / A Page 5


▲Up To Search▲   

 
Price & Availability of TC1NXXXXTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X