![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TC1263 500mA Fixed Output CMOS LDO with Shutdown Features * * * * * * * Very Low Dropout Voltage 500mA Output Current High Output Voltage Accuracy Standard or Custom Output Voltages Over Current and Over Temperature Protection SHDN Input for Active Power Management ERROR Output Can Be Used as a Low Battery Detector (SOIC only) Package Type 5-Pin DDPAK FRONT VIEW TAB IS GND TAB IS GND 5-Pin TO-220 TC1263 12 345 TC1263 12345 * * * * * * * Battery Operated Systems Portable Computers Medical Instruments Instrumentation Cellular/GSM/PHS Phones Linear Post-Regulators for SMPS Pagers SHDN GND VIN 8-Pin SOIC VOUT GND NC BYPASS 1 2 3 4 8 VIN NC SHDN ERROR TC1263 Device Selection Table Part Number TC1263-xxVOA TC1263-xxVAT TC1263-xxVET Package 8-Pin SOIC 5-Pin TO-220 5-Pin DDPAK Junction Temp. Range -40C to +125C -40C to +125C -40C to +125C General Description The TC1263 is a fixed output, high accuracy (typically 0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1263's CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 80A at full load (20 to 60 times lower than in bipolar regulators). TC1263 key features include ultra low noise operation, very low dropout voltage (typically 350mV at full load), and fast response to step changes in load. The TC1263 incorporates both over temperature and over current protection. The TC1263 is stable with an output capacitor of only 1F and has a maximum output current of 500mA. It is available in 8-Pin SOIC, 5-Pin TO-220 and 5-Pin DDPAK packages. NOTE: xx indicates output voltages. Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0. Other output voltages are available. Please contact Microchip Technology Inc. for details. Typical Application VIN VIN VOUT + COUT 1F SHDN VOUT TC1263 GND SHDN 2002 Microchip Technology Inc. BYP SHDN GND VIN VOUT 7 6 5 VOUT BYP Applications DS21374B-page 1 (c) TC1263 1.0 ELECTRICAL CHARACTERISTICS *Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Absolute Maximum Ratings* Input Voltage .........................................................6.5V Output Voltage.................. (VSS - 0.3V) to (VIN + 0.3V) Power Dissipation................Internally Limited (Note 6) Maximum Voltage on Any Pin ........ VIN +0.3V to -0.3V Operating Temperature Range...... -40C < TJ < 125C Storage Temperature.......................... -65C to +150C TC1263 ELECTRICAL SPECIFICATIONS Electrical Characteristics: VIN = VOUT + 1V, IL = 100A, CL = 3.3F, SHDN > VIH , TA = 25C, unless otherwise noted. Boldface type specifications apply for junction temperatures of -40C to +125C. Symbol VIN IOUTMAX VOUT VOUT/T VOUT/VIN VOUT/VOUT VIN-VOUT Parameter Input Operating Voltage Maximum Output Current Output Voltage VOUT Temperature Coefficient Line Regulation Load Regulation Dropout Voltage Min 2.7 500 Typ -- -- Max 6.0 -- Units V mA V ppm/C % %/mA mV Note 1 Note 2 (VR + 1V) VIN 6V IL = 0.1mA to IOUTMAX (Note 3) IL = 100A IL = 100mA IL = 300mA IL = 500mA (Note 4) SHDN = VIH, IL = 0 SHDN = 0V FRE 1kHz VOUT = 0V Note 5 IL = IOUTMAX Test Conditions Note 8 -- -- VR 0.5% VR - 2.5% -- VR + 2.5% -- -- -- -- -- -- -- -- -- -- -- -- 60 -- 1.0 -- -- -- 40 0.05 0.002 20 60 200 350 80 0.05 64 1200 0.04 260 -- -- -- -- 0.95 x VR 50 -- 0.35 0.01 30 130 390 650 130 1 -- 1400 -- -- -- 15 -- 400 -- -- IDD ISHDN PSRR IOUTSC VOUT/PD eN SHDN Input VIH VIL VMIN VOL VTH VHYS Note 1: 2: 3: Supply Current Shutdown Supply Current Power Supply Rejection Ratio Output Short Circuit Current Thermal Regulation Output Noise SHDN Input High Threshold SHDN Input Low Threshold Minimum Operating Voltage Output Logic Low Voltage ERROR Threshold Voltage ERROR Positive Hysteresis A A dB mA V/W nV/Hz %VIN %VIN V mV V mV ERROR Output (SOIC Only) 1 mA Flows to ERROR Note 7 4: 5: 6: 7: 8: VR is the regulator output voltage setting. TC VOUT = (VOUTMAX - VOUTMIN ) x 106 VOUT x T Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from 0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a 1V differential. Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec. The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. Please see Section 4.0 Thermal Considerations for more details. Hysteresis voltage is referenced to VR. The minimum VIN has to justify the conditions: VIN VR + VDROPOUT and VIN 2.7V for IL = 0.1mA to IOUTMAX . (c) DS21374B-page 2 2002 Microchip Technology Inc. TC1263 2.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 2-1. TABLE 2-1: Pin No. (8-Pin SOIC) 1 2 3 4 5 6 7 PIN FUNCTION TABLE Symbol VOUT GND NC BYPASS ERROR NC SHDN Regulated voltage output. Ground terminal. No connect. Reference bypass input. Connecting a 470pF to this input further reduces output noise. Out-of-Regulation Flag (open drain output). This output goes low when VOUT is out-of-tolerance by approximately - 5%. No connect. Shutdown control input. The regulator is fully enabled when a logic high is applied to this input. The regulator enters shutdown when a logic low is applied to this input. During shutdown, output voltage falls to zero and supply current is reduced to 0.05A (typical). Unregulated supply input. Description 8 VIN Pin No. (5-Pin DDPAK) (5-Pin TO-220) 1 2 Symbol BYP SHDN Description Reference bypass input. Connecting a 470pF to this input further reduces output noise. Shutdown control input. The regulator is fully enabled when a logic high is applied to this input. The regulator enters shutdown when a logic low is applied to this input. During shutdown, output voltage falls to zero and supply current is reduced to 0.05A (typical). Ground terminal. Unregulated supply input. Regulated voltage output. 3 4 5 GND VIN VOUT 2002 Microchip Technology Inc. DS21374B-page 3 (c) TC1263 3.0 DETAILED DESCRIPTION 3.2 ERROR Output The TC1263 is a precision, fixed output LDO. Unlike bipolar regulators, the TC1263's supply current does not increase with load current. In addition, VOUT remains stable and within regulation over the entire 0mA to ILOADMAX load current range (an important consideration in RTC and CMOS RAM battery back-up applications). Figure 3-1 shows a typical application circuit. ERROR is driven low whenever VOUT falls out of regulation by more than - 5% (typical). This condition may be caused by low input voltage, output current limiting, or thermal limiting. The ERROR threshold is 5% below rated VOUT regardless of the programmed output voltage value (e.g., ERROR = VOL at 4.75V (typ.) for a 5.0V regulator and 2.85V (typ.) for a 3.0V regulator). ERROR output operation is shown in Figure 3-2. Note that ERROR is active when VOUT is at or below VTH, and inactive when VOUT is above VTH + VH. As shown in Figure 3-1, ERROR can be used as a battery low flag, or as a processor RESET signal (with the addition of timing capacitor C3). R1 x C3 should be chosen to maintain ERROR below VIH of the processor RESET input for at least 200 msec to allow time for the system to stabilize. Pull-up resistor R1 can be tied to VOUT, VIN or any other voltage less than (VIN + 0.3V). FIGURE 3-1: VIN 1F C2 TYPICAL APPLICATION CIRCUIT VOUT + + Battery + 1F C1 VOUT TC1263 GND V+ SHDN Shutdown Control (to CMOS Logic or Tie to VIN if unused) ERROR R1 1M C3 Required Only if ERROR is used as a Processor RESET Signal (See Text) FIGURE 3-2: BATTLOW or RESET C3 + ERROR OUTPUT OPERATION 0.2F VOUT 3.1 Output Capacitor VTH HYSTERESIS (VH) A 1F (min) capacitor from VOUT to ground is required. The output capacitor should have an effective series resistance greater than 0.1 and less than 5, and a resonant frequency above 1MHz. A 1F capacitor should be connected from VIN to GND if there is more than 10 inches of wire between the regulator and the AC filter capacitor, or if a battery is used as the power source. Aluminum electrolytic or tantalum capacitor types can be used. (Since many aluminum electrolytic capacitors freeze at approximately -30C, solid tantalums are recommended for applications operating below -25C.) When operating from sources other than batteries, supply-noise rejection and transient response can be improved by increasing the value of the input and output capacitors and employing passive filtering techniques. ERROR VIH VOL (c) DS21374B-page 4 2002 Microchip Technology Inc. TC1263 4.0 4.1 THERMAL CONSIDERATIONS Thermal Shutdown TABLE 4-2: Integrated thermal protection circuitry shuts the regulator off when die temperature exceeds 160C. The regulator remains off until the die temperature drops to approximately 150C. THERMAL RESISTANCE GUIDELINES FOR TC1263 IN 3-PIN TO-220/DDPAK PACKAGE Copper Area (Backside) Board Area Thermal Resistance (JA) 25C/W 27C/W 35C/W Copper Area (Topside)* 4.2 Power Dissipation 2500 sq mm 2500 sq mm 2500 sq mm 1000 sq mm 2500 sq mm 2500 sq mm 125 sq mm 2500 sq mm 2500 sq mm The amount of power the regulator dissipates is primarily a function of input and output voltage, and output current. The following equation is used to calculate worst case actual power dissipation: *Tab of device attached to topside copper Equation 4-1 can be used in conjunction with Equation 4-2 to ensure regulator thermal operation is within limits. For example: Given: VINMAX = 3.3V 10% VOUTMIN = 2.7V 0.5% ILOADMAX = 275mA TJMAX TAMAX JA = 125C = 95C = 60C/W EQUATION 4-1: PD (VINMAX - VOUTMIN)ILOADMAX Where: PD = VINMAX = VOUTMIN = ILOADMAX = Worst case actual power dissipation Maximum voltage on VIN Minimum regulator output voltage Maximum output (load) current The maximum allowable power dissipation (Equation 4-2) is a function of the maximum ambient temperature (TAMAX), the maximum allowable die temperature (TJMAX) and the thermal resistance from junction-to-air (JA). Find: 1. Actual power dissipation 2. Maximum allowable dissipation Actual power dissipation: PD (VINMAX - VOUTMIN)ILOADMAX = [(3.3 x 1.1) - (2.7 x .995)]275 x 10-3 = 260mW Maximum allowable power dissipation: PDMAX = (TJMAX - TAMAX) JA = (125 - 95) 60 = 500mW In this example, the TC1263 dissipates a maximum of 260mW; below the allowable limit of 500mW. In a similar manner, Equation 4-1 and Equation 4-2 can be used to calculate maximum current and/or input voltage limits. For example, the maximum allowable VIN, is found by substituting the maximum allowable power dissipation of 500mW into Equation 4-1, from which VINMAX = 4.6V. EQUATION 4-2: PDMAX = (TJMAX - TAMAX) JA Where all terms are previously defined. Table 4-1 and Table 4-2 show various values of JA for the TC1263 packages. TABLE 4-1: THERMAL RESISTANCE GUIDELINES FOR TC1263 IN 8-PIN SOIC PACKAGE Copper Area (Backside) Board Area Thermal Resistance (JA) 60C/W 60C/W 68C/W 74C/W Copper Area (Topside)* 2500 sq mm 2500 sq mm 2500 sq mm 1000 sq mm 2500 sq mm 2500 sq mm 225 sq mm 100 sq mm 2500 sq mm 2500 sq mm 2500 sq mm 2500 sq mm *Pin 2 is ground. Device is mounted on topside. 2002 Microchip Technology Inc. DS21374B-page 5 (c) TC1263 5.0 Note: TYPICAL CHARACTERISTICS The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. Line Regulation vs. Temperature 0.020 0.018 LINE REGULATION (%) 0.016 NOISE (V/Hz) 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0.000 -40C 0.0 0C 25C 70C 85C 125C 1.0 10.0 Output Noise vs. Frequency RLOAD = 50 COUT = 1F Load Regulation vs. Temperature 0.0100 0.0090 LOAD REGULATION (%/mA) 0.0080 0.0070 0.0060 0.0050 0.0040 0.0030 0.0020 0.0010 0.0100 -40C 0C 25C 70C 85C 125C 5V 2.5V 1mA to 500mA 0.1 1mA to 500mA 0.01 0.01 1 10 100 1000 TEMPERATURE (C) FREQUENCY (kHz) TEMPERATURE (C) IDD vs. Temperature 150 135 DROPOUT VOLTAGE (V) 120 105 IDD (A) 90 75 60 45 30 15 0 -40C 0.00 0C 25C 70C 85C 125C 5V 2.5V 0.40 0.50 2.5V Dropout Voltage vs. ILOAD 0.50 125C DROPOUT VOLTAGE (V) 85C 70C 0.30 25C 0.40 85C 0.30 70C 25C 0.20 125C LOAD 0.20 -40C 0.10 0C 0C 0.10 -40C 0.00 0 100 TEMPERATURE (C) 200 300 ILOAD (mA) 400 500 0 100 200 300 400 500 ILOAD (mA) 2.5V VOUT vs. Temperature 2.70 2.50 2.30 VOUT (V) VOUT (V) 2.10 1.90 1.70 1.50 -40C IL = 300mA A IL = 500mA A IL = 0.1mA 5.20 5.10 5.00 4.90 4.80 4.70 4.60 4.50 4.40 4.30 5.0V VOUT vs. Temperature IL = 0.1mA IL IL 0C 25C 70C 85C 125C 4.20 4.10 4.00 -40C 0C 25C 70C 85C 125C TEMPERATURE (C) TEMPERATURE (C) (c) DS21374B-page 6 2002 Microchip Technology Inc. TC1263 6.0 6.1 PACKAGING INFORMATION Package Marking Information Package marking data not available at this time. 6.2 Taping Form Component Taping Orientation for 8-Pin SOIC (Narrow) Devices User Direction of Feed PIN 1 W P Standard Reel Component Orientation for TR Suffix Device Carrier Tape, Number of Components Per Reel and Reel Size Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin SOIC (N) 12 mm 8 mm 2500 13 in Component Taping Orientation for 5-Pin DDPAK Devices PIN 1 User Direction of Feed Device Marking W P Standard Reel Component Orientation for TR Suffix Device (Mark Right Side Up) Carrier Tape, Number of Components Per Reel and Reel Size Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 5-Pin DDPAK 24 mm 16 mm 750 13 in 2002 Microchip Technology Inc. DS21374B-page 7 (c) TC1263 6.3 Package Dimensions 8-Pin SOIC PIN 1 .157 (3.99) .150 (3.81) .244 (6.20) .228 (5.79) .050 (1.27) TYP. .197 (5.00) .189 (4.80) .069 (1.75) .053 (1.35) .020 (0.51) .010 (0.25) .013 (0.33) .004 (0.10) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) Dimensions: inches (mm) 8 MAX. . 5-Pin TO-220 .185 (4.70) .165 (4.19) .117 (2.97) .103 (2.62) .415 (10.54) .390 (9.91) .156 (3.96) .140 (3.56) DIA. .055 (1.40) .045 (1.14) .293 (7.44) .204 (5.18) .613 (15.57) .569 (14.45) 3 - 7.5 5 PLCS. .590 (14.99) .482 (12.24) .037 (0.95) .025 (0.64) .025 (0.64) .012 (0.30) .072 (1.83) .062 (1.57) .273 (6.93) .263 (6.68) .115 (2.92) .087 (2.21) PIN 1 Dimensions: inches (mm) (c) DS21374B-page 8 2002 Microchip Technology Inc. TC1263 6.3 Package Dimensions (Continued) 5-Pin DDPAK .410 (10.41) .385 (9.78) .067 (1.70) .045 (1.14) 3 - 7 (5x) .370 (9.40) .330 (8.38) .605 (15.37) .549 (13.95) .026 (0.66) .014 (0.36) .037 (0.94) .026 (0.66) .067 (1.70) TYP. 8 MAX. Dimensions: inches (mm) .110 (2.79) .068 (1.72) .010 (0.25) .000 (0.00) .183 (4.65) .170 (4.32) .055 (1.40) .045 (1.14) PIN 1 2002 Microchip Technology Inc. DS21374B-page 9 (c) TC1263 NOTES: (c) DS21374B-page 10 2002 Microchip Technology Inc. TC1263 SALES AND SUPPORT Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products. 2002 Microchip Technology Inc. DS21374B-page 11 TC1263 NOTES: DS21374B-page 12 2002 Microchip Technology Inc. TC1263 Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. Trademarks The Microchip name and logo, the Microchip logo, FilterLab, KEELOQ, microID, MPLAB, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. dsPIC, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, MXDEV, MXLAB, PICC, PICDEM, PICDEM.net, rfPIC, Select Mode and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2002, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper. Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro (R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified. 2002 Microchip Technology Inc. DS21374B-page 13 (c) WORLDWIDE SALES AND SERVICE AMERICAS Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com ASIA/PACIFIC Australia Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 Japan Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Rocky Mountain 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456 China - Beijing Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104 Korea Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934 Atlanta 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307 Singapore Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850 Boston 2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821 China - Chengdu Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599 Taiwan Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139 Chicago 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075 Dallas 4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924 China - Fuzhou Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521 EUROPE Denmark Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910 Detroit Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260 China - Shanghai Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060 Kokomo 2767 S. Albright Road Kokomo, Indiana 46902 Tel: 765-864-8360 Fax: 765-864-8387 France Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Los Angeles 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338 China - Shenzhen Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1315, 13/F, Shenzhen Kerry Centre, Renminnan Lu Shenzhen 518001, China Tel: 86-755-2350361 Fax: 86-755-2366086 New York 150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335 Germany Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44 San Jose Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955 China - Hong Kong SAR Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Italy Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883 Toronto 6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509 India Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062 United Kingdom Microchip Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820 05/01/02 (c) DS21374B-page 14 2002 Microchip Technology Inc. *B47312SD* |
Price & Availability of TC1263
![]() |