|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Obsolete Device TC1031 Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown Features * Combines Comparator and Voltage Reference in a Single Package * Optimized for Single Supply Operation * Small Package: 8-Pin MSOP * Ultra Low Input Bias Current: Less than 100pA * Low Quiescent Current, Active: 6A (Typ.), Shutdown Mode: 0.1A (Typ.) * Rail-to-Rail Inputs and Outputs * Operates Down to VDD = 1.8V * Programmable Hysteresis General Description The TC1031 is a low-power comparator and voltage reference designed specifically for low-power applications. The TC1031 is designed for operation from a single supply, however operation from dual supplies is also possible. The power supply current drain is independent of the magnitude of the power supply voltage. The TC1031 can operate from two 1.5V alkaline cells, and operation is ensured to VDD = 1.8V. Typical active supply current is 6A. Rail-to-rail inputs and outputs allow operation from low supply voltages with large input and output signal swings. The TC1031 provides a simple method for adding useradjustable hysteresis without feedback or complex external circuitry. Hysteresis is adjusted with a simple resistor divider on the HYST input. A shutdown input, SHDN, disables the comparator and voltage reference and reduces supply current to less than 0.1A (maximum) when taken low. Temperature Range -40C to +85C The TC1031 is packaged in a space-saving 8-Pin MSOP, making it ideal for applications requiring high integration, small size and low power. Applications * Power Management Circuits * Battery Operated Equipment * Consumer Products Device Selection Table Part Number TC1031CEUA Package 8-Pin MSOP Functional Block Diagram 1 VSS Package Type 8-Pin MSOP VSS SHDN INA+ INA1 2 3 4 8 7 OUT VDD VREF IN+ SHDN TC1031 8 OUT 2 + - 3 Voltage Reference 7 VDD TC1031CEUA 6 5 6 HYST VREF IN- 4 5 HYST (c) 2005 Microchip Technology Inc. DS21342C-page 1 TC1031 1.0 ELECTRICAL CHARACTERISTICS *Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS* Supply Voltage ......................................................6.0V Voltage on Any Pin .......... (VSS - 0.3V) to (VDD + 0.3V) Junction Temperature....................................... +150C Operating Temperature Range.............-40C to +85C Storage Temperature Range ..............-55C to +150C TC1031 ELECTRICAL SPECIFICATIONS Electrical Characteristics: Typical values apply at 25C and VDD = 3.0V; TA = -40 to +85C, and VDD = 1.8V to 5.5V, unless otherwise specified. Symbol VDD IQ ISHDN VIH VIL ISI Comparator ROUT (SD) COUT (SD) TSEL TDESEL VICMR VOS IB VOH VOL CMRR PSRR ISRC Output Resistance in Shutdown Output Capacitance in Shutdown Select Time Deselect Time Common-Mode Input Voltage Range Input Offset Voltage (Note 1) Input Bias Current Output High Voltage Output Low Voltage Common Mode Rejection Ratio Power Supply Rejection Ratio Output Source Current 20 -- -- -- VSS - 0.2 -5 -- VDD - 0.3 -- 66 60 1 -- -- 20 500 -- -- -- -- -- -- -- -- -- 5 -- -- VDD + 0.2 +5 100 -- 0.3 -- -- -- M pF sec nsec V mV pA V V dB dB mA VDD = 3V, VCM = 1.5V TA = 25C IN+, IN- = VDD to VSS RL = 10k to VSS RL = 10k to VDD TA = 25C, VDD = 5V VCM = VDD to VSS TA = 25C, VDD = 1.8V to 5V VCM = 1.2V IN+ = VDD, IN- = VSS VDD = 1.8V, Output Shorted to VSS IN+ = VSS, IN- = VDD, VDD = 1.8V, Output Shorted to VDD SHDN = VSS SHDN = VSS VOUT Valid from SHDN = VIH RL=10k to VSS VOUT Invalid from SHDN = VIL RL=10k to VSS Parameter Supply Voltage Supply Current, Operating Supply Current, Shutdown Input High Threshold Input Low Threshold Shutdown Input Current Min 1.8 -- -- 80% VDD -- -- Typ -- 6 -- -- -- -- Max 5.5 10 0.1 -- 20% VDD 100 Units V A A V V nA All Outputs Open, SHDN = VDD SHDN = VSS Test Conditions Shutdown Input ISINK Output Sink Current 2 -- -- mA VHYST IHYST tPD1 tPD2 Note 1: Voltage Range at HYST Pin Hysteresis Input Current Response Time Response Time VREF - 0.08 -- -- -- -- -- 4 6 VREF 100 -- -- V nA sec sec 100mV Overdrive; CL = 100pF 100mV Overdrive; CL = 100pF VOS is measured as (VUT + VLT - 2VREF)/2 where VUT is the upper hysteresis threshold and VLT is the lower hysteresis threshold with VREF - VHYST set to 10mV. This represents the asymmetry of the hysteresis thresholds around VREF DS21342C-page 2 (c) 2005 Microchip Technology Inc. TC1031 TC1031 ELECTRICAL SPECIFICATIONS (CONTINUED) Electrical Characteristics: Typical values apply at 25C and VDD = 3.0V; TA = -40 to +85C, and VDD = 1.8V to 5.5V, unless otherwise specified. Symbol Voltage Reference VREF IREF(SINK) ROUT (SD) COUT (SD) TSEL TDESEL CL(REF) EVREF eVREF Note 1: Parameter Min Typ Max Units Test Conditions Reference Voltage Sink Current Output Resistance in Shutdown Output Capacitance in Shutdown Select Time Deselect Time Load Capacitance Voltage Noise Noise Density 1.176 50 50 20 -- -- -- -- -- -- 1.200 -- -- -- -- 200 10 -- 20 10 1.224 -- -- -- 5 -- -- 100 -- -- V A A M pF sec sec pF VRMS 100Hz to 100kHz V/Hz 1kHz SHDN = VSS SHDN = VSS REF Valid from SHDN = VIH RL = 100k to VSS REF Invalid from SHDN = VIL RL = 100k IREF(SOURCE) Source Current VOS is measured as (VUT + VLT - 2VREF)/2 where VUT is the upper hysteresis threshold and VLT is the lower hysteresis threshold with VREF - VHYST set to 10mV. This represents the asymmetry of the hysteresis thresholds around VREF (c) 2005 Microchip Technology Inc. DS21342C-page 3 TC1031 2.0 PIN DESCRIPTIONS The description of the pins are listed in Table 2-1. TABLE 2-1: Pin No. (8-Pin MSOP) 1 2 3 4 5 6 7 8 PIN FUNCTION TABLE Symbol VSS SHDN IN+ INHYST VREF VDD OUT Negative power supply. Shutdown input. Comparator non-inverting input. Comparator inverting input. Adjustable hysteresis input. Voltage reference output. Positive power supply. Comparator output. Description DS21342C-page 4 (c) 2005 Microchip Technology Inc. TC1031 3.0 DETAILED DESCRIPTION 3.3 Shutdown Input The TC1031 is one of a series of very low-power, linear building block products targeted at low-voltage, singlesupply applications. Minimum operating voltage for the device is 1.8V, and typical supply current is only 6A (fully enabled). It combines one comparator and a voltage reference in a single package. The comparator and reference outputs are in a high-impedance state during shutdown. SHDN at VIL disables both the comparator and voltage reference and reduces the supply current to less than 0.1A. The SHDN input cannot be allowed to float; when not used, connect it to VDD. The outputs are in a high impedance state when the TC1031 is disabled. The comparator's inputs and output can be driven from rail-to-rail by an external voltage when the TC1031 is disabled. No latchup will occur when the device is driven to its enabled state when SHDN is set to VIH. 3.1 Comparator The TC1031 contains one comparator with programmable hysteresis. The range of the inputs extends beyond both supply voltages by 200mV. The comparator outputs will swing to within several millivolts of the supplies depending on the load current being driven. The comparator exhibits a propagation delay and supply current which is largely independent of supply voltage. The low input bias current and offset voltage make it suitable for high impedance precision applications. The comparator is disabled during shutdown and has high-impedance output. 3.4 Programmable Hysteresis Hysteresis is added to the comparators by connecting a resistor R1 between the VREF and HYST pins and another resistor R2 between the HYST pin and VSS. For no hysteresis VREF should be directly connected to HYST. The hysteresis, VHB, is equal to twice the voltage difference between the VREF and HYST pins, where: VHB = 2 * VREF * R1/(R1 + R2) (See Figure 3-1) and is symmetrical around the normal (without hysterersis) threshold of the comparator. The maximum voltage allowed between the VREF and HYST pins is 80mV, giving a maximum hysteresis of 160mV. 3.2 Voltage Reference A 2.0% tolerance, internally biased, 1.20V bandgap voltage reference is included in the TC1031. It has a push-pull output capable of sourcing and sinking at least 50A. The voltage reference is disabled during shutdown, with a high-impedance output. FIGURE 3-1: TC1031 PROGRAMMABLE HYSTERESIS 6 R1 IREF 5 HYST VREF R1 = VHB (2) (IREF) VHB 2 (1.200V - R2 = ) IREF R2 1 VSS TC1031 Note: Size R1 and R2 such that IREF 50A (c) 2005 Microchip Technology Inc. DS21342C-page 5 TC1031 4.0 TYPICAL APPLICATIONS The TC1031 lends itself to a wide variety of applications, particularly in battery-powered systems. It typically finds application in power management, processor supervisory and interface circuitry. DS21342C-page 6 (c) 2005 Microchip Technology Inc. TC1031 5.0 Note: TYPICAL CHARACTERISTICS The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. Comparator Propagation Delay vs. Supply Voltage 7 DELAY TO RISING EDGE (sec) DELAY TO FALLING EDGE (sec) Comparator Propagation Delay vs. Supply Voltage 7 6 DELAY TO RISING EDGE (sec) Comparator Propagation Delay vs. Temperature 7 Overdrive = 100mV 6 TA = 25C CL = 100pF TA = 25C CL = 100pF 6 Overdrive = 10mV Overdrive = 10mV 5 4 5 4 Overdrive = 100mV Overdrive = 50mV 5 VDD = 5V VDD = 4V 3 2 1.5 2 2.5 3 Overdrive = 50mV 3 2 4 VDD = 2V VDD = 3V 3 1.5 2 2.5 3 3.5 4 4.5 5 5.5 -40C 25C SUPPLY VOLTAGE (V) 3.5 4 4.5 5 5.5 85C SUPPLY VOLTAGE (V) TEMPERATURE (C) Comparator Propagation Delay vs. Temperature 7 DELAY TO FALLING EDGE (sec) Overdrive = 100mV 6 VDD - VOUT (V) VDD = 5V Comparator Output Swing vs. Output Source Current 2.5 2.0 VDD = 3V VDD = 1.8V TA = 25C Comparator Output Swing vs. Output Sink Current 2.5 2.0 VOUT - VSS (V) TA = 25C 5 VDD = 4V VDD = 3V VDD = 2V 1.5 1.0 1.5 1.0 VDD = 3V VDD = 1.8V VDD = 5.5V 4 .5 0 25C TEMPERATURE (C) 85C 0 1 VDD = 5.5V .5 0 3 -40C 3 2 4 ISOURCE (mA) 5 6 0 1 2 3 4 5 6 ISINK (mA) 60 TA = -40C 50 40 TA = 85C 30 20 Sinking 10 Sourcing 0 0 REFERENCE VOLTAGE (V) TA = 25C 1.240 VDD = 1.8V VDD = 3V VDD = 5.5V SUPPLY AND REFERENCE VOLTAGES (V) Comparator Output Short-Circuit Current vs. Supply Voltage OUTPUT SHORT-CIRCUIT CURRENT (mA) Reference Voltage vs. Load Current Line Transient Response of VREF 4 VDD 1.220 1.200 1.180 1.160 VDD = 1.8V 3 Sinking TA = -4 C 0 Sourcing 2 VREF TA = 25C TA = 85C 6 VDD = 5.5V VDD = 3V 1 1.140 0 2 4 0 0 100 200 TIME (sec) 300 400 3 1 2 4 5 SUPPLY VOLTAGE (V) 6 8 10 LOAD CURRENT (mA) (c) 2005 Microchip Technology Inc. DS21342C-page 7 TC1031 5.0 TYPICAL CHARACTERISTICS (CONTINUED) Reference Voltage vs. Supply Voltage 1.25 REFERENCE VOLTAGE (V) Supply Current vs. Supply Voltage 8 7 TA = 85C 6 TA = -40C 5 4 3 TA = 25C 1.20 1.15 1.10 1.05 1 4 2 3 SUPPLY VOLTAGE (V) 5 SUPPLY CURRENT (A) 2 0 1 2 3 4 5 SUPPLY VOLTAGE (V) 6 DS21342C-page 8 (c) 2005 Microchip Technology Inc. TC1031 6.0 6.1 PACKAGING INFORMATION Package Marking Information Package marking data not available at this time. 6.2 Taping Form Component Taping Orientation for 8-Pin MSOP Devices User Direction of Feed PIN 1 W P Standard Reel Component Orientation for TR Suffix Device Carrier Tape, Number of Components Per Reel and Reel Size Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin MSOP 12 mm 8 mm 2500 13 in 6.3 Package Dimensions 8-Pin MSOP PIN 1 .122 (3.10) .114 (2.90) .197 (5.00) .189 (4.80) .026 (0.65) TYP. .122 (3.10) .114 (2.90) .043 (1.10) MAX. .016 (0.40) .010 (0.25) .006 (0.15) .002 (0.05) 6 MAX. .028 (0.70) .016 (0.40) .008 (0.20) .005 (0.13) Dimensions: inches (mm) (c) 2005 Microchip Technology Inc. DS21342C-page 9 TC1031 NOTES: DS21342C-page 10 (c) 2005 Microchip Technology Inc. TC1031 Sales and Support Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products. (c) 2005 Microchip Technology Inc. DS21342C-page11 TC1031 NOTES: DS21342C-page12 (c) 2005 Microchip Technology Inc. Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable." * * * Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act. Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights. Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, PICMASTER, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Linear Active Thermistor, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance and WiperLock are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2005, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper. Microchip received ISO/TS-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona and Mountain View, California in October 2003. The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified. (c) 2005 Microchip Technology Inc. DS21342C-page 13 WORLDWIDE SALES AND SERVICE AMERICAS Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Alpharetta, GA Tel: 770-640-0034 Fax: 770-640-0307 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 San Jose Mountain View, CA Tel: 650-215-1444 Fax: 650-961-0286 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509 ASIA/PACIFIC Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8676-6200 Fax: 86-28-8676-6599 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7250 Fax: 86-29-8833-7256 ASIA/PACIFIC India - Bangalore Tel: 91-80-2229-0061 Fax: 91-80-2229-0062 India - New Delhi Tel: 91-11-5160-8631 Fax: 91-11-5160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Gumi Tel: 82-54-473-4301 Fax: 82-54-473-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Penang Tel: 60-4-646-8870 Fax: 60-4-646-5086 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350 EUROPE Austria - Wels Tel: 43-7242-2244-399 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820 10/31/05 DS21342C-page 14 (c) 2005 Microchip Technology Inc. |
Price & Availability of TC103105 |