Part Number Hot Search : 
SA12CA SA9500DH LB123D 215025P VP2106 D1672 CRIMPFOX H1100
Product Description
Full Text Search
 

To Download TC-200-DFF-416B-62500MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Compensated Crystal Oscillators (TCXO's) TC-200
Description:
Vectron International has introduced a series of low jitter complementary PECL TCXO's for use in SONET Minimum Clock (SMC) applications and is available in Output frequencies from 311.04 MHz to 777.6 MHz.
00 TC-2
Features:
* * * * True SONET Minimum performance Ultra low Jitter 3.3 Vdc or 5 Vdc operation Complementary PECL output
Performance Characteristics
Parameter
Frequencies: Package Size: Supply Voltage (Vcc):
(other options are available upon request)
Characteristics
311.04 MHz to 777.6 MHz 30.48 x 25.4 x 6.35 mm (1.2" x 1.0" x 0.25") C = 5.0 Vdc 5% D = 3.3 Vdc 5% <200 mA Complementary PECL Voh ("1") = Vcc Vol ("0") = Vcc - 1.63 V max <400 ps (20% to 80%) 50/50 5% @ Vcc - 1.3 V C-416 - 4.1 ppm over 0oC to +70oC (per GR-253-CORE : R5-126) F-416 - 4.1 ppm over -40oC to +85oC (per GR-253-CORE : R5-126)
NOTE: Tighter stabilities and wider temperature ranges are available, please consult the factory.
Current: Output: Output Level (@ +25C): Rise/Fall Time: Symmetry (Duty Cycle): Temperature Stability:
Initial Accuracy @ +25C: Aging: Jitter Generation: Frequency vs. Supply: Electrical Frequency Adjust:
B 5 ppm max after reflow, Total Stability <20 ppm All Causes. <10 ppm for ten years <1 ps rms from 12 kHz to 80 MHz <0.2 ppm for a 5% change in supply voltage A 40 ppm min., 0 to Vcc, positive slope (per GR-253-CORE: R5-129)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
52
Temperature Compensated Crystal Oscillators (TCXO's) TC-200
Outline Drawing Pin Out Information
Pin Function 1 2 3 4 5 6 7 8 9 10 Electrical Frequency Adjust; 0 to Vcc. or No Connect Ground Missing Missing Missing Missing Ground Vcc - Supply Voltage Vcc - Supply Voltage Lock Detect Ground Output Signal - Q Ground Comp Output Signal - Q Ground Enable / Disable Floating = Enabled Logic "0" = Disabled
TCXO
Standard Frequencies
311.04 MHz 622.08 MHz 625.00 MHz 644.5313 MHz 666.5143 MHz 669.3266 MHz 777.60 MHz SONET OC-12, STM4 10 G / 16 10.3125 G / 16 OC-12 FEC 15/14 OC-12 FEC 255/237 SONET
Pad Layout
TYP. 2.54! (0.10)
1.905! TYP. 12 PLACES (0.075) 3.048! (0.12) 1615141312 1110 9 TOP VIEW BOARD
11 12 13 14 15 16
29.21! (1.15)
C L
14.605! (0.575)
12
78
L 8.89! C (0.35) 17.78! (0.70)
mm! (in)
Ordering Information
TC
Product Family TC = TCXO Package 200 = SMT package Supply Voltage C = 5.0 Vdc 5% D = 3.3 Vdc 5%
200
D
F
F
416
A
622.08 MHz
Output Frequency See Standard Freq Chart Above
Frequency Adjust Options A = Electrical Frequency Adjust (Standard) B = Fixed Frequency No Electrical Adjust, See "Initial Accuracy"previous page.
Temperature & Stability Output F = Complementary PECL
C-416 = 4.1 ppm over 0oC to +70oC F-416 = 4.1 ppm over -40oC to +85oC
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
53


▲Up To Search▲   

 
Price & Availability of TC-200-DFF-416B-62500MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X