Part Number Hot Search : 
PR150 XIT1700 PE3393 ZXCT1051 XS2206 AK4384 KBP158G BA6137
Product Description
Full Text Search
 

To Download TBD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
FEATURES
* Two differential HSTL outputs * One LVCMOS/LVTTL clock input * CLK input can accept the following input levels: LVCMOS or LVTTL * Maximum output frequency: 350MHz * Part-to-part skew: TBD * Propagation delay: 1ns (typical) * VOH: 1.4V (maximum) * Full 3.3V operating supply voltage * 0C to 70C ambient operating temperature * Industrial temperature information available upon request * Available in both standard and lead-free RoHS compliant packages
GENERAL DESCRIPTION
The ICS85222-02 is a 1-to-2 LVCMOS / LVTTLto-Differential HSTL translator and a member of HiPerClockSTM the HiPerClocksTM family of High Performance Clock Solutions from ICS. The ICS85222-02 has one single ended clock input. The single ended clock input accepts LVCMOS or LVTTL input levels and translates them to HSTL levels. The small outline 8-pin SOIC package makes this device ideal for applications where space, high performance and low power are important.
IC S
BLOCK DIAGRAM
Q0 CLK
Pullup
PIN ASSIGNMENT
nQ0 Q1 nQ1 Q0 nQ0 Q1 nQ1 1 2 3 4 8 7 6 5 VDD CLK nc GND
ICS85222-02
8-Lead SOIC 3.90mm x 4.92mm x 1.37mm body package M Package Top View
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice. 85222AM-02 www.icst.com/products/hiperclocks.html REV. A JANUARY 25, 2006
1
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
Type Output Output Power Input Unused Pullup Description Differential output pair. HSTL interface levels. Differential output pair. HSTL interface levels. Power supply ground. LVCMOS / LVTTL clock input. No connect.
TABLE 1. PIN DESCRIPTIONS
Number 1, 2 3, 4 5 6 7 Name Q0, nQ0 Q1, nQ1 GN D CLK nc
Power Positive supply pin. 8 VDD NOTE: Pullup refers to internal input resistors. See Table 2, Pin Characteristics, for typical values. NOTE: Unused output pairs must be terminated.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP Parameter Input Capacitance Input Pullup Resistor Test Conditions Minimum Typical 4 51 Maximum Units pF k
85222AM-02
www.icst.com/products/hiperclocks.html
2
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
4.6V -0.5V to VDD + 0.5V 50mA 100mA 112.7C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, IO Continuous Current Surge Current Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol VDD IDD Parameter Positive Supply Voltage Power Supply Current Test Conditions Minimum 3.135 Typical 3. 3 90 Maximum 3.465 Units V mA
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol VIH VIL IIH IIL Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current CLK CLK VDD = VIN = 3.465V VDD = 3.465, VIN = 0V -150 Test Conditions Minimum 2 -0.3 Typical Maximum VDD + 0.3 0.8 5 Units V V A A
TABLE 3C. HSTL DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol VOH VOL VSWING Parameter Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 Peak-to-Peak Output Voltage Swing Test Conditions Minimum 1 0 0.6 Typical Maximum 1.4 0.4 1.4 Units V V V
NOTE 1: Outputs terminated with 50 to GND.
TABLE 4. AC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol fMAX tPD t sk(pp) tR / tF Parameter Output Frequency Propagation Delay; NOTE 1 Par t-to-Par t Skew; NOTE 2, 3 Output Rise/Fall Time 20% to 80% 1.0 TBD 375 Test Conditions Minimum Typical Maximum 350 Units MHz ns ps ps
odc Output Duty Cycle 50 % NOTE 1: Measured from VDD/2 of the input to the differential output crossing point. NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points. NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
85222AM-02
www.icst.com/products/hiperclocks.html
3
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
PARAMETER MEASUREMENT INFORMATION
3.3V 5% PART 1 nQx
VDD
Qx
SCOPE
Qx PART 2 nQy
HSTL
Qy
nQx
tsk(pp)
GND
0V
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
VDD CLK nQ0, nQ1 Q0, Q1 tPD 2
80% Clock Outputs
80% VSW I N G
20% tR tF
20%
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
nQ0, nQ1 Q0, Q1
t PW
t
PERIOD
odc =
t PW t PERIOD
x 100%
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
85222AM-02
www.icst.com/products/hiperclocks.html
4
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR APPLICATION INFORMATION
RECOMMENDATIONS FOR UNUSED OUTPUT PINS OUTPUTS:
HSTL OUTPUT All unused HSTL outputs can be left floating. We recommend that there is no trace attached. Both sides of the differential output pair should either be left floating or terminated.
85222AM-02
www.icst.com/products/hiperclocks.html
5
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS85222-02. Equations and example calculations are also provided. 1. Power Dissipation. The total power dissipation for the ICS85222-02 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
* *
Power (core)MAX = VDD_MAX * IDD_MAX = 3.465V * 90mA = 311.85mW Power (outputs)MAX = 73.8mW/Loaded Output pair If all outputs are loaded, the total power is 2 * 73.8mW = 147.6mW
Total Power_MAX (3.465V, with all outputs switching) = 121.3mW + 147.6mW = 459.5mW
2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125C. The equation for Tj is as follows: Tj = JA * Pd_total + TA Tj = Junction Temperature JA = Junction-to-Ambient Thermal Resistance Pd_total = Total device power dissipation (example calculation is in Section 1 above) TA = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used. Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 103.3C/W per Table 5 below. Therefore, Tj for an ambient temperature of 70C with all outputs switching is: 70C + 0.460W * 103.3C/W = 117.5C. This is below the limit of 125C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer).
TABLE 5. THERMAL RESISTANCE JA FOR 8-PIN SOIC, FORCED CONVECTION
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 153.3C/W 112.7C/W
200
128.5C/W 103.3C/W
500
115.5C/W 97.1C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
85222AM-02
www.icst.com/products/hiperclocks.html
6
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
3. Calculations and Equations. The purpose of this section is to derive the power dissipated into the load. HSTL output driver circuit and termination are shown in Figure 1.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
VDD
Q1
VOUT RL 50
FIGURE 1. HSTL DRIVER CIRCUIT AND TERMINATION
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load.
Pd_H is power dissipation when the output drives high. Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MIN
/R ) * (V
L DD_MAX
-V -V
) )
OH_MIN
Pd_L = (V
OL_MAX
/R ) * (V
L DD_MAX
OL_MAX
Pd_H = (1V/50) * (3.465V - 1V) = 49.3mW Pd_L = (0.4V/50) * (3.465V - 0.4V) = 24.52mW Total Power Dissipation per output pair = Pd_H + Pd_L = 73.8mW
85222AM-02
www.icst.com/products/hiperclocks.html
7
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR RELIABILITY INFORMATION
TABLE 6. JAVS. AIR FLOW TABLE 8 LEAD SOIC
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 153.3C/W 112.7C/W
200
128.5C/W 103.3C/W
500
115.5C/W 97.1C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS85222-02 is: 411
85222AM-02
www.icst.com/products/hiperclocks.html
8
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
FOR
PACKAGE OUTLINE - M SUFFIX
8 LEAD SOIC
TABLE 7. PACKAGE DIMENSIONS
SYMBOL N A A1 B C D E e H h L 5.80 0.25 0.40 0 1.35 0.10 0.33 0.19 4.80 3.80 1.27 BASIC 6.20 0.50 1.27 8 Millimeters MINIMUM 8 1.75 0.25 0.51 0.25 5.00 4.00 MAXIMUM
Reference Document: JEDEC Publication 95, MS-012
85222AM-02
www.icst.com/products/hiperclocks.html
9
REV. A JANUARY 25, 2006
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS85222-02
1-TO-2 LVCMOS / LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
Marking 85222A02 85222A02 TBD TBD Package 8 Lead SOIC 8 Lead SOIC 8 Lead "Lead-Free" SOIC 8 Lead "Lead-Free" SOIC Shipping Package tube 2500 tape & reel tube 2500 tape & reel Temperature 0C to 70C 0C to 70C 0C to 70C 0C to 70C
TABLE 8. ORDERING INFORMATION
Part/Order Number ICS85222AM-02 ICS85222AM-02T ICS85222AM-02LF ICS85222AM-02LFT
NOTE: Par ts that are ordered with an "LF" suffix to the par t number are the Pb-Free configuration and are RoHS compliant.
The aforementioned trademark, HiPerClockS is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 85222AM-02
www.icst.com/products/hiperclocks.html
10
REV. A JANUARY 25, 2006


▲Up To Search▲   

 
Price & Availability of TBD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X