Part Number Hot Search : 
20030 21CX14 MAX9118 D70N2L SEL1713K HT1016 MS2341 CMBA847
Product Description
Full Text Search
 

To Download TAG-3210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Information
TAG-3210
5.8 - 6.4 GHz GaAs MMIC Power Amplifier
Features:
Dual Input / Output Amplifier 20 dB Small Signal Gain per Channel +26 dBm Linear Output Power per Channel Thermally Efficient Copper-Tungsten Package
ISO 9001 CERTIFIED
Product Description:
The TAG-3210 amplifier is ideally suited to provide linear power amplification for C-Band VSAT satellite applications. Typical uses are as a driver amplifier for VSAT power modules and C-Band SATCOM transmitters. The amplifier provides a minimum +26 dBm linear power output per channel and when both are externally combined, over +29 dBm linear power can be achieved. Typical DC power consumption is 1200 mA at +7.0V and 10 mA at -1.0V.
V d = +7.0V, I Freq (GHz) 5.80 5.86 5.92 5.98 6.04 6.10 6.16 6.22 6.28 6.34 6.40
d
= 600mA @25 o C Return Loss (dB) -15.5 -16.7 -18.0 -19.8 -22.5 -23.4 -24.5 -27.3 -25.1 -26.6 -28.0 30 Gain / Return Loss (dB) 20 10 0
Typical Small Signal Gain and Input Return Loss
Gain (dB) 19.1 19.7 20.1 20.5 20.8 21.0 21.1 21.1 21.1 21.0 20.9
Gain Return Loss
-10 -20 -30 5.80 5.90 6.00 6.10 Frequency (GHz) 6.20 6.30 6.40
V d = +7.0V, I Freq (GHz) 5.80 5.86 5.92 5.98 6.04 6.10 6.16 6.22 6.28 6.34 6.40
d
= 600mA @25 o C Psat (dBm) 29.8 30.0 30.2 30.3 30.3 30.4 30.4 30.4 30.4 30.3 30.2 32 Output Power (dBm) 31 30 29 28 27 26 25 24 5.80 5.90
Typical Output Power
P-1dB (dBm) 27.9 28.2 28.6 28.8 29.1 29.2 29.4 29.4 29.4 29.4 29.4
P-1dB Psat
6.00
6.10
6.20
6.30
6.40
6.50
Frequency (GHz)
TELEDYNE ELECTRONIC TECHNOLOGIES Microwave Electronic Components
6/99
www.teledynemicrowave.com email: amplifiers@teledyne.com
1274 Terra Bella Avenue, Mountain View, CA 94043 * Tel: (650) 962-6944 * Fax: (650) 962-6845
Product Information
TAG-3210
5.8 - 6.4 GHz GaAs MMIC Power Amplifier
Electrical Specifications
T = at 25_C, Vd = +7.0V, Id = 1000 to 1400 mA Parameters per Channel Small Signal Gain Input Return Loss Reverse Isolation Output Power @ 1dB Gain Compression Per Channel Temperature Coefficient of Gain Symbol S21 S11 S12 P-1dB S21 Frequency 5.8 to 6.4 GHz 5.8 to 6.4 GHz 5.8 to 6.4 GHz 5.8 GHz 6.1 GHz 6.4 GHz 5.8 to 6.4 GHz
ISO 9001 CERTIFIED
Min 20.0 30.0 26.0 28.0 28.0 -
Max -10.0 -
Typical 23.0 -16.0 48.0 27.5 29.2 29.2 -0.045
Units dB dB dB dBm dBm dBm dB/C
Package Outline
Typical Biasing Configuration
NC
NC
Vg : -0.4V TO -1.4V Vd : +8.0V TYP
NC
NC
PINS 1, 5, 6, 10 NOT CONNECTED GND: PACKAGE BASE
Notes: 1. 2. 3. 4. DC supply sequencing and protection circuitry not included. User must apply Vg (negative voltage) before applying Vd (positive voltage) to prevent damage to amplifier due to excessive current. The bias point of the amplifier can be varied by adjustment of Vg for specific applications. Lower DC current levels and greater efficiencies can be obtained trading off absolute output power level and small signal gain using Vg adjustments. A 180 pF DC supply line decoupling capacitor is included on both Vd and Vg lines. Additional external capacitance may be required (see typical biasing configuration shown above). The unit must be soldered to DC and RF ground for best results.
Teledyne reserves the right to make changes without further notice to any specifications herein. "Typical" parameters can and do vary.
TELEDYNE ELECTRONIC TECHNOLOGIES Microwave Electronic Components
6/99
www.teledynemicrowave.com email: amplifiers@teledyne.com
1274 Terra Bella Avenue, Mountain View, CA 94043 * Tel: (650) 962-6944 * Fax: (650) 962-6845


▲Up To Search▲   

 
Price & Availability of TAG-3210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X