Part Number Hot Search : 
D1210 100KR 91000 BDX33B MAX7348 1N5364C UPC617C 8800A
Product Description
Full Text Search
 

To Download T525T687M2R5ATE040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CONDUCTIVE POLYMER CHIP CAPACITORS
T525 SERIES - High Temperature
FEATURES
Polymer Cathode Technology 125C Maximum Temperature Capability High Frequency Capacitance Retention Non-Ignition Failure Mode Capacitance: 33 - 680F Voltage: 2.5 to 16 volts Use up to 90% of Rated Voltage (10% Derating) for part types 10 Volts * Use up to 80% of Rated Voltage (20% Derating) for part types >10 Volts * * * * * * * * * * * * * * * Operating Temperature -55C to +125C 100% Accelerated Steady State Aging 100% Surge Current Testing Self-Healing Mechanism Volumetrically Efficient Extremely Stable ESR at 125C EIA Standard Case Size RoHS Compliant / Leadfree Termination (See www.kemet.com for lead transition)
OUTLINE DRAWING
CATHODE (-) END VIEW W SIDE VIEW ANODE (+) END VIEW BOTTOM VIEW
H K X S T G S
E A L
F
DIMENSIONS - MILLIMETERS
Case Size KEMET T B D EIA 3528-12 3528-21 7343-31 L 3.5 0.2 3.5 0.2 7.3 0.3 W 2.8 0.2 2.8 0.2 4.3 0.3 H 1.2 max. 1.9 0.1 2.8 0.3 K 0.20 0.3 0.9 1.5 F 0.1 2.2 2.2 2.4 S 0.3 0.8 0.8 1.3 X (Ref) 0.05 0.10 0.10 0.10 0.10 T (Ref) 0.13 0.13 0.13 A (Min) 2.1 2.1 3.8 G (Ref) E (Ref) 1.8 1.8 3.5 2.2 2.2 3.5
RECOMMENDED TEMPERATURE/VOLTAGE DERATING
T525 Temperature/Application Recommended Voltage Derating
100%
100% 100% 100% 100%
T525 Rated Voltage with temperature derating T525 Recommended Application Voltage with temperature derating (Vr<10VDC) T525 Recommended Application Voltage with temperature derating (Vr>10VDC)
90% % Rated Voltage
90%
90%
90%
90%
80%
80%
80%
80%
80%
70%
67%
60%
60% 53%
50% -55 25 85 Temperature ( C) 105 125
COMPONENT MARKING
KEMET High Temperature Tantalum Polymer (KT) Rated Voltage
KT 477 4K 504
504=4th week of 2005
Polarity Indicator (+) (Solid Stripe) Picofarad Code KEMET I.D. Symbol PWC
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
53
Conductive Polymer Surface Mount
CONDUCTIVE POLYMER CHIP CAPACITORS
T525 SERIES - High Temperature
T525 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage A @ 25C Max DF% @ 25C 120 Hz Max ESR m @ 25C 100 kHz Max Ripple Current (Arms) 100 kHz Max
w/T= 20C @ -55C to 105C w/T= 2C @ 125C
100.0 330.0 470.0 680.0 100.0 150.0 330.0 470.0 680.0 68.0 68.0 100.0 220.0 330.0 470.0 470.0 33.0 47.0 47.0 68.0 150.0 220.0 330.0 330.0 33.0 22.0 33.0 33.0 100.0 100.0 150.0 150.0 220.0 47.0 47.0
T D D D B B D D D T B B D D D D B T B B D D D D T B T B D D D D D D D
2.5 Volt Rating at 105C (1.7 Volt Rating at 125C) T525T107M2R5A(1)E080 25 8.0 T525D337M2R5A(1)E025 83 10.0 T525D477M2R5A(1)E025 118 10.0 T525D687M2R5A(1)E025 170 10.0 3 Volt Rating at 105C (2 Volt Rating at 125C) T525B107M003A(1)E080 30 8.0 T525B157M003A(1)E080 45 8.0 T525D337M003A(1)E025 99 10.0 T525D477M003A(1)E025 141 10.0 T525D687M003A(1)E025 204 10.0 4 Volt Rating at 105C (2.7 Volt Rating at 125C) T525T686M004A(1)E080 27 8.0 T525B686M004A(1)E080 28 8.0 T525B107M004A(1)E080 40 8.0 T525D227M004A(1)E025 88 10.0 T525D337M004A(1)E025 132 10.0 T525D477M004A(1)E025 188 10.0 T525D477M004A(1)E040 188 10.0 6.3 Volt Rating at 105C (4.2 Volt Rating at 125C) T525B336M006A(1)E080 21 8.0 T525T476M006A(1)E080 30 8.0 T525B476M006A(1)E080 30 8.0 T525B686M006A(1)E080 43 8.0 T525D157M006A(1)E025 95 10.0 T525D227M006A(1)E025 139 10.0 T525D337M006A(1)E025 208 10.0 T525D337M006A(1)E040 208 10.0 8 Volt Rating at 105C (5.3 Volt Rating at 125C) T525T336M008A(1)E080 26 8.0 10 Volt Rating at 105C (6.6 Volt Rating at 125C) T525B226M010A(1)E080 8.0 22 T525T336M010A(1)E080 33 8.0 T525B336M010A(1)E080 33 8.0 T525D107M010A(1)E025 100 10.0 T525D107M010A(1)E055 100 10.0 T525D157M010A(1)E025 150 10.0 T525D157M010A(1)E055 150 10.0 T525D227M010A(1)E025 220 10.0 16 Volt Rating at 105C (10.6 Volt Rating at 125C) T525D476M016A(1)E035 76 10.0 T525D476M016A(1)E065 76 10.0
80 25 25 25 80 80 25 25 25 80 80 80 25 25 25 40 80 80 80 80 25 25 25 40 80 80 80 80 25 55 25 55 25 35 65
0.9 2.4 2.4 2.4 1.0 1.0 2.4 2.4 2.4 0.9 1.0 1.0 2.4 2.4 2.4 1.9 1.0 0.9 1.0 1.0 2.4 2.4 2.4 1.9 0.9 1.0 0.9 1.0 2.4 1.7 2.4 1.7 2.4 2.1 1.5
0.3 0.8 0.8 0.8 0.3 0.3 0.8 0.8 0.8 0.3 0.3 0.3 0.8 0.8 0.8 0.6 0.3 0.3 0.3 0.3 0.8 0.8 0.8 0.6 0.3 0.3 0.3 0.3 0.8 0.5 0.8 0.5 0.8 0.7 0.5
(1) To complete KEMET Part Number, insert lead material designation for ordering information below. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET'S option. Voltage substitutions will be marked with the higher voltage rating.
T525 ORDERING INFORMATION T 525 D 337 M 006 A T E040
Tantalum Series
T525 - High Temperature Tantalum Polymer (KT) Expressed in milliohms T - 100% Tin H - Tin/Lead (SnPb 5% Pb minimum)
ESR
Lead Material Failure Rate
Case Size
B, D, T
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
A - Not Applicable
Voltage
Note: 006 - 6.3
Capacitance Tolerance
M = 20% 54 (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
KEMET's Molded Tantalum and Aluminum Chip Capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with EIA Standard 481-1: Taping of Surface Mount Components for Automatic Handling. This packaging system is compatible with all tape fed automatic pick and place systems.
Right Hand Orientation Only
Embossed Carrier
(+)
(-)
Embossment
Top Tape Thickness .10mm (.004") Max Thickness
8mm .30 8mm (0.315") (.315 .012") or or 12mm (0.472") 12mm .30 (.472 .012")
178mm (7.00") 180mm (7.0") oror 330mm (13.00") 330mm (13.0")
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
QUANTITIES PACKAGED PER REEL
Case Code KEMET EIA R 2012-12 S 3216-12 T 3528-12 U 6032-15 W 7343-15 V 7343-20 A 3216-18 B 3528-21 C 6032-28 D 7343-31 Y 7343-40 X 7343-43 E 7260-38 Tape Width-mm 8 8 8 12 12 12 8 8 12 12 12 12 12 7" Reel* 2,500 2,500 2,500 1,000 1,000 1,000 2,000 2,000 500 500 500 500 500 13" Reel* 10,000 10,000 10,000 5,000 3,000 3,000 9,000 8,000 3,000 2,500 2,000 2,000 2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging.
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
91
Packaging
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13" reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
Table 1 -- EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions -- Millimeters (Inches)
Tape Size 8 mm and 12 mm D0 E P0 4.0 0.10 (0.157 0.004) P2 2.0 0.05 (0.079 0.002) T Max 0.600 (0.024) T1 Max 0.100 (0.004) 1.5 1.75 0.10 +0.10 -0.0 (0.059 (0.069 0.004) +0.004, -0.0) Pitch Single (4 mm) B1 Max. Note 1 4.4 (0.173) 12 mm Double (8 mm) 8.2 (0.323) D1 Min. Note 2 1.0
Variable Dimensions -- Millimeters (Inches)
Tape Size 8 mm F 3.5 0.05 P1 4.0 0.10 R Min. Note 3 25.0 T2 Max 2.5 (0.098) W 8.0 0.30 (.315 0.012) A0B0K0 Note 4
(0.039) (0.138 0.002) 1.5 5.5 0.05 (0.059) (0.217 0.002)
(0.157 0.004) (0.984) 8.0 0.10 30.0 (0.315 0.004) (1.181)
4.6 12.0 0.30 (0.181) (0.472 0.012)
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius "R" without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A0, B0, and K0 shall be configured to surround the part with sufficient clearance such that the chip does not protrude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.)
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
93
Packaging
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information Embossed Carrier Tape Configuration (cont.)
20
Sketch D: Tape Camber (Top View)
1mm (0.039) Max.
1mm (0.039) Max.
250mm (9.843) Allowable camber to be 1 mm/250 mm.
400mm (15.75) Min.
Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern)
Figure 3: Reel Dimensions (Metric Dimensions will govern)
Table 2 - REEL DIMENSIONS (Metric will govern)
Tape Size 8 mm A Max 330.0 (12.992) B* Min 1.5 (0.059) C 13.0 0.20 (0.512 0.008) D* Min 20.2 (0.795) N Min 50.0 (1.969) See Note 3 Table 1 W1 8.4 +1.5, -0.0 (0.331 +0.059, -0.0) 12.4 +2.0, -0.0 (0.488 +0.078, -0.0) W2 Max 14.4 (0.567) W3 7.9 Min (0.311) 10.9 Max (0.429) 11.9 Min (0.469) 15.4 Max (0.606)
12 mm
330.0 (12.992)
1.5 (0.059)
13.0 0.20 (0.512 0.008)
20.2 (0.795)
18.4 (0.724)
94
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300


▲Up To Search▲   

 
Price & Availability of T525T687M2R5ATE040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X