Part Number Hot Search : 
K4T1G 2SK18 MN5291HB MT9126AE AD547LH 00030 T1413 PJ3206
Product Description
Full Text Search
 

To Download T497C685M010BT6215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin
KEMET HIGH GRADE COTS TANTALUM CHIPS - T497 SERIES
FEATURES
Pb-free/RoHS Compliant: Available Self-healing Mechanism Various Termination Options Capacitance: 0.10 to 150 F Voltage: 4V to 25V 100% Accelerated Steady State Aging Surge Current Testing Available 100% Thermal Shock Low Profile Case Sizes Customer Defined Performance Options
For custom low leakage and ESR solutions, contact your local KEMET Sales Representative.
OUTLINE DRAWING
DIMENSIONS - INCHES (Millimeters)
KEMET Size Code A B C D E F G H X L Length .38 (.015) 2.54 (.100) 3.81 (.150) 5.08 (.200) 3.81 (.150) 5.08 (.200) 5.59 (.220) 6.73 (.265) 7.24 (.285) 6.93 (.273) W Width 0.38 (.015) 1.27 (.050) 1.27 (.050) 1.27 (.050) 2.54 (.100) 2.54 (.100) 3.43 (.135) 2.79 (.110) 3.81 (.150) 5.41 (.213) H Height 0.38 (.015) 1.27 (.050 1.27 (.050) 1.27 (.050) 1.27 (.050) 1.27 (.050) 1.78 (.070) 2.79 (.110) 2.79 (.110) 2.74 (.108) P +0.25 (.010) - 0.13 (.005) 0.76 (.030) 0.76 (.030) 0.76 (.030) 0.76 (.030) 0.76 (.030) 0.76 (.030) 1.27 (.050) 1.27 (.050) 1.19 (.047) W2 1.27 0.13 (.050 .005) 1.27 0.13 (.050 .005) 1.27 0.13 (.050 .005) 2.41 + .13, -.25 (.095 + .005, -.010) 2.41 + .13, -.25 (.095 + .005, -.010) 3.30 0.13 (.130 .005) 2.67 0.13 (.105 .005) 3.68 + 0.13, -0.51 (.145 + .005 - .020) 3.05 0.13 (.120 .005) H2 Minimum 0.76 (.030) 0.76 (.030) 0.76 (.030) 0.76 (.030) 0.76 (.030) 1.02 (.040) 1.52 (.060) 1.52 (.060) 1.22 (.048)
KEMET ORDERING INFORMATION
T
Tantalum Series
T497 High Grade
497
D
156 M
006
A
T
6XXX
6110 6115 6210 6215 6410 6415 Standard Features Surge = None, 100% X-Ray Surge = 10 Cycles, +25C Surge = 10 Cycles, +25C, 100% X-Ray Surge = 10 Cycles, -55C and +85C Surge = 10 Cycles, -55C and +85C, 100% X-Ray
Performance Options
Case Size
A,B,C,D,E,F,G,H,X
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
Lead Material
T = 100% Tin B = Gold H = SnPb (5% Pb minimum)
Capacitance Tolerances
M = 20%; K = 10%
Voltage
As shown Note: 006 = 6.3V
Failure Rate
A = Not Applicable B = 0.1%/1000 Hrs. C = 0.01%/1000 Hrs.
F3271C 05/06
T497 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage VR (A) @ 25C Max. DF % @ +25C 120 Hz Max. 6.0 6.0 8.0 8.0 8.0 8.0 6.0 10.0 10.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 8.0 8.0 8.0 6.0 8.0 8.0 6.0 8.0 10.0 10.0 10.0 10.0 10.0 10.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 8.0 6.0 6.0 6.0 8.0 8.0 6.0 8.0 8.0 8.0 8.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 ESR @ +25C 100 kHz Max. 12.0 8.0 8.0 4.0 2.2 3.0 2.0 1.1 0.9 8.0 10.0 12.0 8.0 12.0 5.5 8.0 4.5 8.0 3.5 8.0 5.0 5.0 3.5 2.2 3.5 3.5 1.1 1.5 0.9 1.1 1.1 0.9 10.0 10.0 10.0 12.0 8.0 12.0 10.0 8.0 4.5 8.0 5.0 3.5 8.0 4.0 3.5 5.0 3.0 2.5 4.0 2.0 1.5 1.5 1.5 1.1 1.5 1.0 0.9 1.1 1.1 0.9 0.9
4.7 4.7 15.0 33.0 33.0 68.0 68.0 68.0 100.0 1.5 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10.0 10.0 15.0 15.0 22.0 22.0 22.0 33.0 47.0 47.0 68.0 68.0 100.0 150.0 150.0 0.47 1.0 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 6.8 10.0 10.0 10.0 15.0 15.0 15.0 22.0 22.0 22.0 22.0 33.0 33.0 47.0 47.0 47.0 68.0 100.0 100.0 150.0
4 Volt Rating at 85C (2.7 Volt Rating at 125C) A/1005 T497A475(1)004(2)(3) 1.0 B/1505 T497B475(1)004(2)(3) 1.0 B/1505 T497B156(1)004(2)(3) 1.0 D/1510 T497D336(1)004(2)(3) 2.0 F/2214 T497F336(1)004(2)(3) 2.0 E/2010 T497E686(1)004(2)(3) 3.0 F/2214 T497F686(1)004(2)(3) 3.0 G/2711 T497G686(1)004(2)(3) 3.0 H/2915 T497H107(1)004(2)(3) 4.0 6 Volt Rating at 85C (4 Volt Rating at 125C) A/1005 T497A155(1)006(2)(3) 1.0 A/1005 T497A225(1)006(2)(3) 1.0 A/1005 T497A335(1)006(2)(3) 1.0 B/1505 T497B335(1)006(2)(3) 1.0 A/1005 T497A475(1)006(2)(3) 1.0 D/1510 T497D475(1)006(2)(3) 1.0 B/1505 T497B685(1)006(2)(3) 1.0 D/1510 T497D685(1)006(2)(3) 1.0 B/1505 T497B106(1)006(2)(3) 1.0 E/2010 T497E106(1)006(2)(3) 1.0 B/1505 T497B156(1)006(2)(3) 1.0 D/1510 T497D156(1)006(2)(3) 1.0 D/1510 T497D226(1)006(2)(3) 1.0 E/2010 T497E226(1)006(2)(3) 2.0 F/2214 T497F226(1)006(2)(3) 2.0 E/2010 T497E336(1)006(2)(3) 2.0 F/2214 T497F476(1)006(2)(3) 3.0 G/2711 T497G476(1)006(2)(3) 3.0 F/2214 T497F686(1)006(2)(3) 4.0 H/2915 T497H686(1)006(2)(3) 4.0 G/2711 T497G107(1)006(2)(3) 6.0 G/2711 T497G157(1)006(2)(3) 10.0 H/2915 T497H157(1)006(2)(3) 10.0 10 Volt Rating at 85C (7 Volt Rating at 125C) A/1005 T497A474(1)010(2)(3) 1.0 A/1005 T497A105(1)010(2)(3) 1.0 A/1005 T497A155(1)010(2)(3) 1.0 A/1005 T497A225(1)010(2)(3) 1.0 B/1505 T497B225(1)010(2)(3) 1.0 A/1005 T497A335(1)010(2)(3) 1.0 B/1505 T497B335(1)010(2)(3) 1.0 B/1505 T497B475(1)010(2)(3) 1.0 D/1510 T497D475(1)010(2)(3) 1.0 B/1505 T497B685(1)010(2)(3) 1.0 D/1510 T497D685(1)010(2)(3) 1.0 E/2010 T497E685(1)010(2)(3) 1.0 B/1505 T497B106(1)010(2)(3) 1.0 D/1510 T497D106(1)010(2)(3) 1.0 E/2010 T497E106(1)010(2)(3) 1.0 D/1510 T497D156(1)010(2)(3) 2.0 E/2010 T497E156(1)010(2)(3) 2.0 F/2214 T497F156(1)010(2)(3) 2.0 D/1510 T497D226(1)010(2)(3) 2.0 E/2010 T497E226(1)010(2)(3) 3.0 F/2214 T497F226(1)010(2)(3) 3.0 G/2711 T497G226(1)010(2)(3) 3.0 F/2214 T497F336(1)010(2)(3) 3.0 G/2711 T497G336(1)010(2)(3) 3.0 F/2214 T497F476(1)010(2)(3) 4.0 G/2711 T497G476(1)010(2)(3) 4.0 H/2915 T497H476(1)010(2)(3) 5.0 G/2711 T497G686(1)010(2)(3) 6.0 G/2711 T497G107(1)010(2)(3) 10.0 H/2915 T497H107(1)010(2)(3) 10.0 H/2915 T497H157(1)010(2)(3) 15.0
(1) To complete KEMET part number, insert Capacitance Tolerance: K = 10%; M = 20%. (2) To complete KEMET part number, insert Failure Rate: A - Not Applicable; B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs. (3) To complete KEMET part number, insert Lead Material: T = 100% Tin; B = Gold; H= SnPb.
(c) KEMET Electronics Corporation P.O. Box 5928 Greenville, SC 29606 * (864) 963-6300 * www.kemet.com
T497 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage VR (A) @ 25C Max. DF % @ +25C 120 Hz Max. ESR @ +25C 100 kHz Max. 15.0 15.0 15.0 20.0 15.0 15.0 8.0 15.0 9.0 5.0 5.0 6.0 4.0 6.0 6.0 4.0 2.5 4.0 2.5 3.0 1.1 3.0 0.9 1.1 0.9 0.9 15.0 14.0 15.0 10.0 15.0 12.0 9.0 9.0 5.0 6.0 4.0 6.0 4.0 5.0 5.0 2.4 3.0 3.0 1.1 2.5 0.9 0.9 0.9 15.0 15.0 7.5 10.0 6.5 6.0 3.5 4.0 2.5 3.0 1.2 2.5 1.4 1.4 1.0 1.4 0.9 0.9
0.10 0.22 0.33 0.68 1.0 1.5 1.5 2.2 3.3 3.3 4.7 4.7 4.7 6.8 10.0 10.0 10.0 15.0 15.0 22.0 22.0 33.0 33.0 47.0 68.0 100.0 0.15 0.47 0.68 0.68 1.0 1.0 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 6.8 10.0 15.0 15.0 22.0 22.0 33.0 47.0 0.33 0.47 0.68 1.0 1.5 2.2 2.2 3.3 4.7 6.8 6.8 10.0 10.0 15.0 15.0 22.0 22.0 33.0
15 Volt Rating at 85C (10 Volt Rating at 125C) A/1005 T497A104(1)015(2)(3) 1.0 6.0 A/1005 T497A224(1)015(2)(3) 1.0 6.0 A/1005 T497A334(1)015(2)(3) 1.0 6.0 A/1005 T497A684(1)015(2)(3) 1.0 6.0 A/1005 T497A105(1)015(2)(3) 1.0 6.0 A/1005 T497A155(1)015(2)(3) 1.0 6.0 B/1505 T497B155(1)015(2)(3) 1.0 6.0 A/1005 T497A225(1)015(2)(3) 1.0 6.0 B/1505 T497B335(1)015(2)(3) 1.0 6.0 D/1510 T497D335(1)015(2)(3) 1.0 6.0 B/1505 T497B475(1)015(2)(3) 1.0 6.0 D/1510 T497D475(1)015(2)(3) 1.0 6.0 E/2010 T497E475(1)015(2)(3) 1.0 6.0 D/1510 T497D685(1)015(2)(3) 1.0 6.0 D/1510 T497D106(1)015(2)(3) 2.0 6.0 E/2010 T497E106(1)015(2)(3) 2.0 6.0 F/2214 T497F106(1)015(2)(3) 2.0 6.0 E/2010 T497E156(1)015(2)(3) 2.0 6.0 F/2214 T497F156(1)015(2)(3) 2.0 6.0 F/2214 T497F226(1)015(2)(3) 3.0 8.0 G/2711 T497G226(1)015(2)(3) 4.0 6.0 F/2214 T497F336(1)015(2)(3) 5.0 6.0 H/2915 T497H336(1)015(2)(3) 5.0 8.0 G/2711 T497G476(1)015(2)(3) 10.0 8.0 H/2915 T497H686(1)015(2)(3) 10.0 8.0 H/2915 T497H107(1)015(2)(3) 15.0 10.0 20 Volt Rating at 85C (13 Volt Rating at 125C) A/1005 T497A154(1)020(2)(3) 1.0 8.0 A/1005 T497A474(1)020(2)(3) 1.0 8.0 A/1005 T497A684(1)020(2)(3) 1.0 6.0 B/1505 T497B684(1)020(2)(3) 1.0 6.0 A/1005 T497A105(1)020(2)(3) 1.0 6.0 B/1505 T497B105(1)020(2)(3) 1.0 6.0 B/1505 T497B155(1)020(2)(3) 1.0 6.0 B/1505 T497B225(1)020(2)(3) 1.0 6.0 D/1510 T497D225(1)020(2)(3) 1.0 6.0 D/1510 T497D335(1)020(2)(3) 1.0 6.0 E/2010 T497E335(1)020(2)(3) 1.0 6.0 E/2010 T497E475(1)020(2)(3) 1.0 6.0 F/2214 T497F475(1)020(2)(3) 1.0 6.0 D/1510 T497D685(1)020(2)(3) 2.0 6.0 E/2010 T497E685(1)020(2)(3) 2.0 6.0 F/2214 T497F685(1)020(2)(3) 2.0 6.0 F/2214 T497F106(1)020(2)(3) 2.0 6.0 F/2214 T497F156(1)020(2)(3) 3.0 6.0 G/2711 T497G156(1)020(2)(3) 3.0 6.0 G/2711 T497G226(1)020(2)(3) 4.0 6.0 H/2915 T497H226(1)020(2)(3) 4.0 6.0 H/2915 T497H336(1)020(2)(3) 6.0 8.0 H/2915 T497H476(1)020(2)(3) 10.0 8.0 25 Volt Rating at 85C (17 Volt Rating at 125C) A/1005 T497A334(1)025(2)(3) 1.0 6.0 A/1005 T497A474(1)025(2)(3) 1.0 6.0 B/1505 T497B684(1)025(2)(3) 1.0 6.0 B/1505 T497B105(1)025(2)(3) 1.0 6.0 D/1510 T497D155(1)025(2)(3) 1.0 6.0 D/1510 T497D225(1)025(2)(3) 1.0 6.0 E/2010 T497E225(1)025(2)(3) 1.0 6.0 E/2010 T497E335(1)025(2)(3) 1.0 6.0 F/2214 T497F475(1)025(2)(3) 2.0 6.0 F/2214 T497F685(1)025(2)(3) 2.0 6.0 G/2711 T497G685(1)025(2)(3) 2.0 6.0 F/2214 T497F106(1)025(2)(3) 2.0 6.0 G/2711 T497G106(1)025(2)(3) 3.0 6.0 G/2711 T497G156(1)025(2)(3) 4.0 6.0 H/2915 T497H156(1)025(2)(3) 4.0 6.0 G/2711 T497G226(1)025(2)(3) 6.0 6.0 H/2915 T497H226(1)025(2)(3) 6.0 6.0 H/2915 T497H336(1)025(2)(3) 10.0 8.0
(1) To complete KEMET part number, insert Capacitance Tolerance: K = 10%; M = 20%. (2) To complete KEMET part number, insert Failure Rate: A - Not Applicable; B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs. (3) To complete KEMET part number, insert Lead Material: T = 100% Tin; B = Gold; H= SnPb.
(c) KEMET Electronics Corporation P.O. Box 5928 Greenville, SC 29606 * (864) 963-6300 * www.kemet.com
T497 RATINGS & PART NUMBER REFERENCE COMPONENT MARKING
Polarity Indicator (+)
Rated Voltage
686 4K 518
Picofarad Code KEMET ID Print Week Code 1st Digit = Year 2nd & 3rd Digits = Week "518" = 18th Week of 2005
PACKAGING SPECIFICATIONS
Tape and Reel Dimensions KEMET Case Codes Tape Width - mm Part A B C D E F G H X 1005 1505 2005 1510 2010 2214 2711 2915 2824 8 12 12 12 12 12 12 12 12 4 4 4 4 4 8 8 8 8 Pitch mm 0.1 Sprocket 4 4 4 4 4 4 4 4 4 Reel Quantity 180mm (7" dia) 2500 2500 2500 2500 2500 1000 500 500 500 330mm (13" dia) 9500 9500 9500 9500 9500 3500 2500 2500 2500
LAND PATTERN DIMENSIONS FOR REFLOW SOLDER
Size Code KEMET A B C D E F G H X EIA 1005 1505 2005 1510 2010 2214 2711 2915 2824 Z 3.42 4.65 5.72 4.65 5.72 6.43 7.57 8.08 8.08 Pad Dimensions (mm) G 0.18 1.45 2.72 1.45 2.72 3.23 3.35 3.86 3.28 X 1.85 1.85 1.85 2.87 2.87 3.89 3.25 3.89 3.07 Y (Ref) 1.73 1.73 1.73 1.73 1.73 1.73 2.24 2.24 2.54 C (ref) 1.78 3.05 4.32 3.05 4.32 4.83 5.46 5.97 5.66
(c) KEMET Electronics Corporation P.O. Box 5928 Greenville, SC 29606 * (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of T497C685M010BT6215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X