Part Number Hot Search : 
4863G PRM504 2MBI1200 AXHV1002 2MR30 2SB1626 FB3508 02201
Product Description
Full Text Search
 

To Download SZ5890 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SZ5706 thru SZ5890 And SZ5110 thru SZ5227 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
DESIGNER'S DATA SHEET
FEATURES:
Hermetically Sealed in Glass Rated at 5 W Available in Axial and Square Tab Surface Mount (SMS) version Available to TX, TXV, and Space Levels Replacement for Microsemi UZ5706 and UZ5806 Series.
Note:
SSDI's Zeners offer standard Voltage Tolerance of 10% and 5%. For other Voltages and Voltage Tolerances, contact SSDI's Marketing Department.
DIM A B C D MIN. ----.047" 1.00" MAX .158" .185" .053" ---
AXIAL(L)
Maximum Ratings Nominal Zener Voltage Maximum Zener Current Forward Surge Current (8.3 msec Puls) Continuous Power Operating and Storage Temp.
Thermal Resistance, Junction to Lead L=3/8" (Axial)
Symbol
Value
Units
VZ IZM IFSM
6.8 - 270 16 - 675 .30 - 40
V mA A W C C/W C/W
DIM A B C D MIN. .155" .190" .020"
Body to Tab Clearance: .001" All dimensions are prior to soldering
5.0 PD Top -65 to +175 &Tstg RJL RJE 22 7
Thermal Resistance,
Junction to End Cap (SMS)
MAX. .185" .220" .030"
SQUARE TAB (SMS)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00007C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SZ5706 thru SZ5890 And SZ5110 thru SZ5227
ELECTRICAL SPECIFICATIONS @ 25C MAXIMUM RATINGS
Typical Temperature Coefficient
TC @ IZT 5%(B)
5.2 5.7 6.2 6.9 7.6 9.1 9.9 10.6 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 30.4 34.2 38.0 42.6 45.7 53.3 56.0 60.8 68.5 76.0 83.6 91.2 98.8 106.0 114.0 122.0 129.0 137 144 152 167 182 198 213
Electrical Characteristics
PART
NUMBER (note 6)
VOLTAGE TOLERANCE 10%
SZ5806 SZ5807 SZ5808 SZ5809 SZ5810 SZ5812 SZ5813 SZ5814 SZ5815 SZ5816 SZ5818 SZ5820 SZ5822 SZ5824 SZ5827 SZ5830 SZ5833 SZ5836 SZ5840 SZ5845 SZ5850 SZ5856 SZ5860 SZ5870 SZ5875 SZ5880 SZ5890 SZ5210 SZ5211 SZ5212 SZ5213 SZ5214 SZ5215 SZ5216 SZ5217 SZ5218 SZ5219 SZ5220 SZ5222 SZ5224 SZ5226 SZ5227
Nominal Zener Voltage (note 1)
VZ @ IZT VOLT
6.8 7.5 8.2 9.1 10 12 13 14 15 16 18 20 22 24 27 30 33 36 40 45 50 56 60 70 75 80 90 100 110 120 130 140 150 160 170 180 190 200 220 240 260 270
Zener Test Current
IZT mA
175 175 150 150 125 100 100 100 75 75 65 65 50 50 50 40 40 30 30 30 25 20 20 20 15 15 15 10 10 10 10 8 8 8 8 5 5 5 5 5 5 4
Maximum Zener Impedance (note 2)
ZZ @ IZT Ohms
1.0 1.5 1.5 2.0 2.0 2.5 3.0 3.0 3.5 3.5 4.0 4.5 5.0 5.0 6.0 8.0 10 11 14 20 25 35 40 50 55 80 90 100 125 170 190 230 330 350 380 450 470 500 550 650 750 850
Maximum Reverse Leakage Current
IR @ VR A
500 400 200 100 75 50 25 20 15 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Continuous (note 3)
IZM mA
675 620 570 510 470 385 350 320 300 275 255 220 195 180 155 140 130 120 105 95 85 80 75 65 60 55 50 45 40 38 35 33 31 30 27 25 24 22 20 18 17 16
Maximum Surge Current (note 4)
IS Amps
40 32 24 22 20 18 16 14 12 10 9.0 8.0 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.8 2.5 2.3 2.0 1.8 1.6 1.4 1.2 1.0 0.80 0.80 0.75 0.70 0.65 0.60 0.55 0.50 0.45 0.40 0.35 0.30
VR 10%(A)
4.9 5.4 5.9 6.6 7.2 8.6 9.3 10.1 10.8 11.5 12.9 14.4 15.8 17.3 19.4 21.6 23.7 25.9 28.8 32.4 36.0 40.3 43.2 50.5 54.0 57.7 64.8 72.0 79.2 86.4 93.6 101.0 108.0 115.0 122.0 129 137 144 158 173 187 202
5%
SZ5706 SZ5707 SZ5708 SZ5709 SZ5710 SZ5712 SZ5713 SZ5714 SZ5715 SZ5716 SZ5718 SZ5720 SZ5722 SZ5724 SZ5727 SZ5730 SZ5733 SZ5736 SZ5740 SZ5745 SZ5750 SZ5756 SZ5760 SZ5770 SZ5775 SZ5780 SZ5790 SZ5110 SZ5111 SZ5112 SZ5113 SZ5114 SZ5115 SZ5116 SZ5117 SZ5118 SZ5119 SZ5120 SZ5122 SZ5124 SZ5126 SZ5127
%/C
.05 .06 .06 .06 .07 .07 .08 .08 .08 .08 .085 .085 .085 .09 .09 .09 .09 .095 .095 .095 .095 .095 .100 .100 .100 .100 .100 .100 .100 .100 .105 .105 .105 .105 .105 .110 .110 .110 .115 .115 .120 .120
NOTES: 1) All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured value due to heating effects. 2) Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current. 3) Ratings based on maximum zener voltage of individual units (leaded units). 4) Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pulse rating is 71% of the value shown. 5) SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels. 6) Suffix "L" for axial lead, "SM" for surface mount Round Tab. "SMS" for Square Tab. For optional high reliability screening or higher nominal zener voltages, consult SSDI MARKETING Department. NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00007C
DOC


▲Up To Search▲   

 
Price & Availability of SZ5890

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X