|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Micrel, Inc. 3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER Precision Edge SY89306/316V Precision Edge(R) SY89306/316V (R) FEATURES s s s s s s fMAX > 2.5GHz Inputs (D, /D) include 75k pull-down resistors SY89306V: 100k EP compatible SY89316V: 10k EP compatible Industrial temperature range: -40C to +85C Available in an ultra-small 8-pin (2mm x 2mm) MLF(R) package Precision Edge(R) DESCRIPTION The SY89306V and SY89316V are a high-speed buffer/ receivers. The devices are functionally equivalent to the 10/100EP16 buffers, but feature a 70% smaller footprint. The SY89306/316V includes a VBB reference for singleended AC-coupling applications. Whenever used, the VBB pin should be bypassed to ground via a 0.01F capacitor. VBB reference can only sink/source 0.5mA. Under open input conditions (pulled to VEE), internal input clamps will force the Q output LOW. BLOCK DIAGRAM D /D Q /Q AV 40V/V FUNCTIONAL CROSS REFERENCE Micrel Part Number SY89306V SY89316V Logic 100kEP 10kEP Functional Cross 100EP16V 10EP16V Precision Edge is a registered trademark of Micrel, Inc. MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc. M9999-051006 hbwhelp@micrel.com or (408) 955-1690 Rev.: D Amendment: /0 1 Issue Date: May 2006 Micrel, Inc. Precision Edge(R) SY89306/316V PACKAGE/ORDERING INFORMATION Ordering Information NC D /D VBB 1 2 3 4 8 7 6 5 VCC Q /Q VEE Part Number SY89306VMITR SY89316VMITR SY89306VMGTR(1) SY89316VMGTR(1) Note: Package Type MLF-8 MLF-8 MLF-8 MLF-8 Operating Range Industrial Industrial Industrial Industrial Package Marking 306 316 306 with Pb-Free bar-line indicator 316 with Pb-Free bar-line indicator Lead Finish Sn-Pb Sn-Pb Pb-Free NiPdAu Pb-Free NiPdAu 8-Pin MLF(R) Ultra-Small Outline 1. Pb-Free package is recommended for new designs. PIN DESCRIPTION SY89306V Pin Number 2, 3 Pin Name D, /D Type 100k ECL Input Pin Function Differential PECL/ECL Input: The signal inputs include internal 75k pulldown resistors. If inputs are left open, Q output will default to LOW. See "Input Interface Applications" section for single-ended inputs. Differential PECL/ECL Output: Defaults to LOW if D inputs left open. See "Output Interface Applications" section for recommendations on terminations. Positive Power Supply: Bypass with 0.1F//0.01F low ESR capacitors. Negative Power Supply: VEE and exposed pad must be tied to most negative supply. For PECL/LVPECL connect to ground. Bias Voltage: VCC-1.4V. Used as reference voltage when AC coupling to the D, /D inputs. Max sink/source is 0.5mA. No connection. 7, 6 8 5 4 1 Q, /Q VCC VEE Exposed Pad VBB NC 100k ECL Output Positive Power Supply Negative Power Supply Reference Voltage Output SY89316V Pin Number 2, 3 Pin Name D, /D Type 10k ECL Input Pin Function Differential PECL/ECL Input: The signal inputs include internal 75k pull-down resistors. If inputs are left open, Q output will default to LOW. See "Input Interface Applications" section for single-ended inputs. Differential PECL/ECL Output: Defaults to LOW if D inputs left open. See "Output Interface Applications" section for recommendations on terminations. Positive Power Supply: Bypass with 0.1F//0.01F low ESR capacitors. Negative Power Supply: VEE and exposed pad must be tied to most negative supply. For PECL/LVPECL connect to ground. Bias Voltage: VCC-1.4V. Used as reference voltage when AC coupling to the D, /D inputs. Max sink/source is 0.5mA. No connection. 7, 6 8 5 4 1 Q, /Q VCC VEE Exposed Pad VBB NC 10k ECL Output Positive Power Supply Negative Power Supply Reference Voltage Output M9999-051006 hbwhelp@micrel.com or (408) 955-1690 2 Micrel, Inc. Precision Edge(R) SY89306/316V Absolute Maximum Ratings(1) Power Supply Voltage (VEE) (VCC = 0V) .......... -6.0V to 0V Power Supply Voltage (VCC) (VEE = 0V) .......... +6.0V to 0V Input Voltage (VIN) (VCC = 0V, VIN not more negative than VEE) -6.0V to 0V (VEE = 0V, VIN not more negative than VCC) +6.0V to 0V Output Current (IOUT) Continuous ............................................................. 50mA Surge .................................................................... 100mA VBB Sink/Source Current (IBB) ................................ 0.5mA Lead Temperature (soldering, 20 sec.) ..................... 260C Storage Temperature (TS) ....................... -65C to +150C Operating Ratings(2) Power Supply Voltage (|VCC-VEE|) ................. 3.0V to 3.6V ................................................................ 4.5V to 5.5V Ambient Temperature (TA) ......................... -40C to +85C Package Thermal Resistance(3) MLF(R) (JA) Still-Air ............................................................. 93C/W 500lfpm ............................................................ 87C/W MLF(R) (JB) .......................................................... 60C/W SY89306V (100K ECL) DC ELECTRICAL CHARACTERISTICS VCC = +3.3V10% or +5V10% and VEE = 0V; VCC = 0V and VEE = -3.3V10% or -5V10%; TA = -40C to +85C, unless otherwise noted. Symbol IEE VOH VOL VIH VIL VIHCMR VBB IIH IIL Parameter Power Supply Current Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Voltage Common Mode Range Bias Voltage Input HIGH Current Input LOW Current Note 6 Note 4, 5 Note 4, 5 VCC-1.085 VCC-1.830 VCC-1.165 VCC-1.810 VEE +2.0 VCC-1.38 -- 0.5 -- -- -- -- -- -- -- -- Condition Min Typ Max 48 VCC-0.880 VCC-1.555 VCC-0.880 VCC-1.475 VCC-0.4 VCC-1.26 150 -- Units mA V V V V V V A A Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Package Thermal Resistance values assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB. 4. Output loaded with 50 to VCC-2V. 5. VIN = VIL(min) or VIH(max) 6. VIHCMR (Min) varies 1:1 with VEE, (max) varies 1:1 with VCC. M9999-051006 hbwhelp@micrel.com or (408) 955-1690 3 Micrel, Inc. Precision Edge(R) SY89306/316V SY89316V (10K ECL) DC ELECTRICAL CHARACTERISTICS VCC = +3.3V 10% or +5V 10% and VEE = 0V; VCC = 0V and VEE = -3.3V 10% or -5V 10%; TA = -40C to +85C, unless otherwise noted. Symbol IEE VOH VOL VIH VIL VIHCMR VBB IIH IIL Parameter Power Supply Current Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Voltage Common Mode Range Bias Voltage Input HIGH Current Input LOW Current Note 6 Note 4, 5 Note 4, 5 VCC-1.08 VCC-1.95 VCC-1.23 VCC-1.95 VEE +2.0 VCC-1.43 -- 0.5 -- -- -- -- -- -- -- -- Condition Min Typ Max 48 VCC-0.72 VCC-1.595 VCC-0.72 VCC-1.445 VCC-0.4 VCC-1.19 150 -- Units mA V V V V V V A A Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Package Thermal Resistance values assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB. 4. Output loaded with 50 to VCC-2V. 5. VIN = VIL(min) or VIH(max) 6. VIHCMR (Min) varies 1:1 with VEE, (max) varies 1:1 with VCC. AC ELECTRICAL CHARACTERISTICS VCC = +3.3V 10% or +5V 10% and VEE = 0V; VCC = 0V and VEE = -3.3V 10% or -5V 10%; RL = 50 to VCC -2V; TA = -40C to +85C, unless noted. Symbol fMAX tPLH tPHL tSKEW tr,tf Parameter Maximum Input Frequency Propagation Delay (Differential) Duty-Cycle Skew Output Rise/Fall Times (20% to 80%) Condition Note 7 D to Q, /Q; Note 8 Note 9 Q, /Q 60 Min 2.5 100 8 110 300 30 180 Typ Max Units GHz ps ps ps Notes: 7. fMAX guaranteed for functionality only, VOUT 400mV. VOL and VOH levels are guaranteed at DC only. 8. VIN = 800mV. 9. Duty-cycle skew is the difference between the tPLH and tPHL propagation delay. M9999-051006 hbwhelp@micrel.com or (408) 955-1690 4 Micrel, Inc. Precision Edge(R) SY89306/316V INPUT INTERFACE APPLICATIONS D SY89306/316V VCC /D 0.01F VBB Figure 1. Single-Ended LVPECL Input (Terminating Unused Input) LVPECL OUTPUT INTERFACE APPLICATIONS VCC VCC VCC R1 ZO = 50 ZO = 50 VCC --2V R2 VCC = 3.3V; R1 = 130, R2 = 82 VCC = 5V; R1 = 83, R2 = 125 ZO = 50 ZO = 50 50 50 VCC R1 VCC VCC R2 VCC = 3.3V; Rpd = 50 VCC = 5V; Rpd = 100 VCC -2V Rpd C (Optional) 0.01F Figure 2a. Parallel Thevenin-Equivalent Termination VCC VCC VCC R1 R1 ZO = 50 VCC --2V R3 Figure 2b. Three Resistor "Y Termination" VCC R2 R2 R4 VCC --1.3V VCC = 3.3V; R1 = 130, R2 = 82, R3 = 1k, R4 = 1.6k, VCC = 5V; R1 = 83, R2 = 125, R3 = 1k, R4 = 2.8k, Figure 2c. Terminating Unused I/O RELATED PRODUCT AND SUPPORT DOCUMENTATION Part Number SY89206/216V SY89223L HBW Solutions Function 3.3V/5V 1GHz Differential PECL/ECL Receiver/Buffer 3.3V Dual Differential LVPECL-to-LVTTL Translator New Products and Applications Data Sheet Link www.micrel.com/product-info/products/sy89206-216v.shtml www.micrel.com/product-info/products/sy89223l.shtml www.micrel.com/product-info/products/solutions.shtml M9999-051006 hbwhelp@micrel.com or (408) 955-1690 5 Micrel, Inc. Precision Edge(R) SY89306/316V 8-PIN ULTRA-SMALL EPAD-MicroLeadFrame(R) (MLF-8) Package EP- Exposed Pad Die CompSide Island Heat Dissipation Heat Dissipation VEE Heavy Copper Plane VEE Heavy Copper Plane PCB Thermal Consideration for 8-Pin MLF(R) Package Package Notes: 1. Package meets Level 2 Moisture Sensitivity Classification and is shipped in Dry-pack form. 2. Exposed pads must be soldered to the most negative supply plane, equivalent to VEE, for proper thermal management. MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 TEL USA + 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-051006 hbwhelp@micrel.com or (408) 955-1690 6 |
Price & Availability of SY89316VMITR |