Part Number Hot Search : 
2SD2083 CRBV5 HT162609 CRBV5 1000B AN1230 E6651A 12FR20
Product Description
Full Text Search
 

To Download SY10H60706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
REGISTERED HEX PECL-TO-TTL
DESCRIPTION
SY10H607 SY100H607 SY10H607
SY100H607
FEATURES
s s s s s s s s Differential PECL data and clock inputs 48mA sink, 15mA source TTL outputs Single +5V power supply Multiple power and ground pins to minimize noise Specified within-device skew VBB output for single-ended use Fully compatible with MC10H/100H607 Available in 28-pin PLCC package
The SY10/100H607 are 6-bit, registered, dual supply PECL-to-TTL translators. The devices feature differential PECL inputs for both data and clock. The TTL outputs feature 48mA sink, 15mA source drive capability for driving high fanout loads. The asynchronous master reset control is a PECL level input. With its differential PECL inputs and TTL outputs, the H607 device is ideally suited for the receive function of a HPPI bus-type board-to-board interface application. The on-chip registers simplify the task of synchronizing the data between the two boards. The device is available in either ECL standard: the 10H device is compatible with 10K logic levels, while the 100H device is compatible with 100K logic levels.
BLOCK DIAGRAM
PIN NAMES
Pin Function True PECL Data Inputs Inverted PECL Data Inputs Differential PECL Clock Input PECL Master Reset Input TTL Outputs PECL VCC (5.0V) TTL VCC (5.0V) TTL Ground PECL Ground VBB Reference Output (PECL)
1 OF 6 BITS Dn Dn D Q Qn
D0 - D5 D0 - D5 CLK, CLK MR Q0 - Q5
CLK R
VCCE VCCT TGND
CLK CLK
EGND VBB
MR
VBB
M9999-032906 hbwhelp@micrel.com or (408) 955-1690
1
Rev.: G
Amendment: /0
Issue Date: March 2006
Micrel, Inc.
SY10H607 SY100H607
PACKAGE/ORDERING INFORMATION
VCCT Q4 TGND Q5 VCCT MR
Ordering Information(1)
Part Number
18 17 16
Q3
25 24 23 22 21 20 19
Package Type J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1
Operating Range Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial
Package Marking SY10H607JC SY10H607JC SY100H607JC SY100H607JC SY10H607JZ with Pb-Free bar-line indicator SY10H607JZ with Pb-Free bar-line indicator SY100H607JZ with Pb-Free bar-line indicator SY100H607JZ with Pb-Free bar-line indicator
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Matte-Sn Matte-Sn Matte-Sn Matte-Sn
Q2 Q1 Q0 TGND CLK CLK VBB
26 27 28 1 2 3 4 5 6 7 8 9 10 11
D5 D5 D4 D4 VCCE D3 D3
SY10H607JC SY10H607JCTR(2) SY100H607JC SY100H607JCTR(2) SY10H607JZ(3) SY10H607JZTR(2, 3) SY100H607JZ(3) SY100H607JZTR(2, 3)
Notes:
TOP VIEW PLCC
15 14 13 12
D0
D0 EGND D1 D1
28-Pin PLCC (J28-1)
D2 D2
1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
M9999-032906 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
SY10H607 SY100H607
TRUTH TABLE
Dn L H X MR L L H TCLK/CLK Z Z X Qn + 1 L H L
Z = Low to High Transition.
DC ELECTRICAL CHARACTERISTICS
VCCT = VCCE = 5.0V 5%
TA= 0C Symbol IEE Parameter PECL Power Supply Current 10H 100H TTL Supply Current TTL Supply Current Output Short Circuit Current Min. -- -- -- -- -100 Typ. 70 65 100 100 -- Max. 85 80 120 120 -225 TA= +25C Min. -- -- -- -- -100 Typ. 70 70 100 100 -- Max. 85 85 120 120 -225 TA= + 85C Min. -- -- -- -- -100 Typ. 70 75 100 100 -- Max. 85 95 120 120 -225 mA mA mA Unit mA Condition
ICCL ICCH IOS
10H PECL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V 5%
TA= 0C Symbol IIH IIL VIH VIL VBB Parameter Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Output Bias Voltage Min. -- 0.5 3830 3050 3620 Max. 225 -- 4160 3520 3730 TA= +25C Min. -- 0.5 3870 3050 3650 Max. 145 -- 4190 3520 3750 TA= + 85C Min. -- 0.5 3930 3050 3690 Max. 145 -- 4280 3555 3810 Unit A A mV mV mV VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V Condition
Note: 1. PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.
100H PECL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V 5%
TA= 0C Symbol IIH IIL VIH VIL VBB Parameter Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Output Bias Voltage Min. -- 0.5 3835 3190 3620 Max. 225 -- 4120 3525 3740 TA= +25C Min. -- 0.5 3835 3190 3620 Max. 145 -- 4120 3525 3740 TA= + 85C Min. -- 0.5 3835 3190 3620 Max. 145 -- 4120 3525 3740 Unit A A mV mV mV VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V Condition
Note: 1. PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.
M9999-032906 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
SY10H607 SY100H607
10H/100H TTL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V 5%
TA= 0C Symbol VOH VOL Parameter Output HIGH Voltage Output LOW Voltage Min. 2.5 2.0 -- Max. -- -- 0.55 TA= +25C Min. 2.5 2.0 -- Max. -- -- 0.55 TA= + 85C Min. 2.5 2.0 -- Max. -- -- 0.55 Unit V V Condition IOH = -15mA IOH = -24mA IOL = 48mA
Note: 1. DC levels such as VOH, VOL, etc., are standard for PECL and FAST devices, with the exceptions of: IOL =48mA at 0.5 VOL; and IOH = 24mA at 2.0 VOH.
AC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V 5%
TA= 0C Symbol tPD Parameter Propagation Delay to Output CLK to Q MR to Q Part-to-Part Skew(1,4) Within-Device Within-Device Set-up Time Hold Time Minimum Pulse Width CLK, MR Minimum Input Swing Rise/Fall Time 1.0V to 2.0V Max. Input Frequency(5,6) Skew(2,4) Skew(3,4) Min. -- -- -- -- -- 0.200 0.500 1.0 200 -- 160 Typ. -- -- -- -- -- -- -- -- 150 -- -- Max. 6.0 6.0 0.5 0.3 0.3 -- -- -- -- 1.5 -- TA= +25C Min. -- -- -- -- -- 0.200 0.500 1.0 200 -- 160 Typ. -- -- -- -- -- -- -- -- 150 -- -- Max. 6.0 6.0 0.5 0.3 0.3 -- -- -- -- 1.5 -- TA= + 85C Min. -- -- -- -- -- 0.200 0.500 1.0 200 -- 160 Typ. -- -- -- -- -- -- -- -- 150 -- -- Max. 6.0 6.0 0.5 0.3 0.3 -- -- -- -- 1.5 -- mV ns MHz CL = 50pF ns ns ns ns ns ns CL = 50pF CL = 50pF CL = 50pF Unit ns Condition CL = 50 pF
tskpp tskew++ tskew- - tS tH tPW VPP tr tf fMAX
Notes: 1. Device-to-Device Skew considering HIGH-to-HIGH transitions at common VCC level. 2. Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level. 3. Within-Device Skew considering LOW-to-LOW transitions at common VCC level. 4. All skew parameters are guaranteed but not tested. 5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing. 6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.
M9999-032906 hbwhelp@micrel.com or (408) 955-1690
4
Micrel, Inc.
SY10H607 SY100H607
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-032906 hbwhelp@micrel.com or (408) 955-1690
5


▲Up To Search▲   

 
Price & Availability of SY10H60706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X