Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download SY10EP32VZITR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
5V/3.3V / 2 DIVIDER
Precision Edge(R) PrecisionSY10EP32V Edge(R) SY100EP32V
SY10EP32V SY100EP32V
FEATURES
Guaranteed maximum frequency > 4GHz 3.3V and 5V power supply options Guaranteed propagation delay <440ps over temperature Internal 75K input pull-down resistors Wide operating temperature range: -40C to +85C Available in 8-pin MSOP and SOIC packages
ECL ProTM DESCRIPTION
The SY10/100EP32V is an integrated /2 divider with differential clock inputs. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC-coupled inputs. When used, decouple VBB and VCC via a 0.01F capacitor and limit current sourcing or sinking to 0.5mA. When not used, VBB should be left open. The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronous use of multiple EP32's in a system. The 100k series includes internal temperature compensation circuitry.
PIN NAMES
Pin CLK, /CLK Reset VBB Q, /Q Function ECL Clock Inputs ECL Asynchronous Reset Reference Voltage Output ECL Data Outputs
TRUTH TABLE(1)
CLK X Z
Note 1:
/CLK X /Z
RESET Z L
Q L F
/Q H F
Z = LOW-to-HIGH Transition /Z = HIGH-to-LOW Transition F = Divide by 2 function.
ECL Pro is a trademarks of Micrel, Inc. Precision Edge is a registered trademarks of Micrel, Inc. M9999-111605 hbwhelp@micrel.com or (408) 955-1690
Rev.: D Amendment: /0
1
Issue Date: September 2005
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Reset CLK /CLK VBB 1 R 2 /2 3 4 6 5 /Q VEE 7 Q 8 VCC
Part Number SY10EP32VZC SY10EP32VZCTR(2) SY100EP32VZC SY100EP32VZCTR(2) SY10EP32VKC SY10EP32VKCTR(2) SY100EP32VKC SY100EP32VKCTR(2) SY10EP32VZI SY10EP32VZITR(2) SY100EP32VZI SY100EP32VZITR(2) SY10EP32VKI SY10EP32VKITR(2) SY100EP32VKI SY100EP32VKITR(2) SY10EP32VZG(3) SY10EP32VZGTR(2, 3) SY100EP32VZG(3) SY100EP32VZGTR(2, 3) SY10EP32VKG(3) SY10EP32VKGTR(2, 3) SY100EP32VKG(3) SY100EP32VKGTR(2, 3)
Package Type Z8-1 Z8-1 Z8-1 Z8-1 K8-1 K8-1 K8-1 K8-1 Z8-1 Z8-1 Z8-1 Z8-1 K8-1 K8-1 K8-1 K8-1 Z8-1 Z8-1 Z8-1 Z8-1 K8-1 K8-1 K8-1 K8-1
Operating Range Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial
Package Marking HEP32V HEP32V XEP32V XEP32V HP32 HP32 XP32 XP32 HEP32V HEP32V XEP32V XEP32V HP32 HP32 XP32 XP32
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb
8-Pin SOIC (Z8-1) 8-Pin MSOP (K8-1)
HEP32V with NiPdAu Pb-Free bar-line indicator Pb-Free HEP32V with NiPdAu Pb-Free bar-line indicator Pb-Free XEP32V with NiPdAu Pb-Free bar-line indicator Pb-Free XEP32V with NiPdAu Pb-Free bar-line indicator Pb-Free HP32 with NiPdAu Pb-Free bar-line indicator Pb-Free HP32 with NiPdAu Pb-Free bar-line indicator Pb-Free XP32 with NiPdAu Pb-Free bar-line indicator Pb-Free XP32 with NiPdAu Pb-Free bar-line indicator Pb-Free
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VCC -- VEE VIN IOUT IBB TA TSTORE TLEAD JA Power Supply Voltage Input Voltage (VCC = 0V, VIN not more negative than VEE) Input Voltage (VEE = 0V, VIN not more positive than VCC) Output Current VBB Sink/Source Current(2) Operating Temperature Range Storage Temperature Range Lead Temperature (soldering, 20 sec.) Package Thermal Resistance (Junction-to-Ambient) Package Thermal Resistance (Junction-to-Case) -Still Air SOIC -Still Air MSOP -multi-layer PCB SOIC MSOP -Continuous -Surge Rating Value +6.0 -6.0 to 0 +6.0 to 0 50 100 0.5 -40 to +85 -65 to +150 +260 160 206 39 39 Unit V V V mA mA C C C C/W C/W C/W C/W
JC
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. Due to the limited drive capability, the VBB reference should only be used for inputs from the same packge device (i.e., do not sue for other devices).
Note 2.
(10EP) LVPECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 3.3V 10%; VEE = 0V(2)
TA = -40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Parameter Power Supply Current Output HIGH Voltage(3) Output LOW Voltage(3) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Input HIGH Voltage(4) Common Mode Range (Differential) Input HIGH Current Input LOW Current CLK /CLK Min. -- 2165 1365 2090 1365 1790 2.0 -- 0.5 -150 Typ. 30 2290 1490 -- -- 1890 -- -- -- -- Max. 37 2415 1615 2415 1690 1990 VCC 150 -- -- Min. -- 2230 1430 2155 1430 1855 2.0 -- 0.5 -150 TA = +25C Typ. 30 2355 1555 -- -- 1955 -- -- -- -- Max. 37 2480 1680 2480 1755 2055 VCC 150 -- -- Min. -- 2290 1490 2215 1490 1915 2.0 -- 0.5 -150 TA = +85C Typ. 30 2415 1615 -- -- 2015 -- -- -- -- Max. 37 2540 1740 2540 1815 2115 VCC 150 -- -- Unit mA mV mV mV mV mV V A A
IIH IIL
Note 1. Note 2. Note 3. Note 4.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary 1:1 with VCC. All loading with 50 to VCC -2.0V. The VIHCMR range is referenced to the most positive side of the differential input signal.
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
(10EP) PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 5.0V 10%; VEE = 0V(2)
TA = -40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Parameter Power Supply Current Output HIGH Output LOW Voltage(3) Voltage(3) Min. -- 3865 3065 3790 3065 3490 2.0 -- CLK /CLK 0.5 -150 Typ. -- 3990 3190 -- -- 3590 -- -- -- -- Max. 37 4115 3315 4115 3390 3690 VCC 150 -- -- Min. -- 3930 3130 3855 3130 3555 2.0 -- 0.5 -150 TA = +25C Typ. 30 4055 3255 -- -- 3655 -- -- -- -- Max. 37 4180 3380 4180 3455 3755 VCC 150 -- -- Min. -- 3990 3190 3915 3190 3615 2.0 -- 0.5 -150 TA = +85C Typ. -- 4115 3315 -- -- 3715 -- -- -- -- Max. 37 4240 3440 4240 3515 3815 VCC 150 -- -- Unit mA mV mV mV mV mV V A A
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Input HIGH Common Mode Range (Differential) Input HIGH Current Input LOW Current Voltage(4)
IIH IIL
Note 1. Note 2. Note 3. Note 4.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary 1:1 with VCC. All loading with 50 to VCC -2.0V. The VIHCMR range is referenced to the most positive side of the differential input signal.
(10EP) ECL/LVECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 0V; VEE = -3.3V to 5.0V 10%(2)
TA = -40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Parameter Power Supply Current Output HIGH Output LOW Voltage(3) Voltage(3) Min. -- -1135 -1935 -1210 -1935 -1510 Typ. -- -1010 -1810 -- -- -1410 Max. 37 -885 -1685 -885 -1610 -1310 0.0 150 -- -- Min. -- -1070 -1870 -1145 -1870 -1445 TA = +25C Typ. 30 -945 -1745 -- -- -1345 Max. 37 -820 -1620 -820 -1545 -1245 0.0 150 -- -- Min. -- -1010 -1810 -1085 -1810 -1385 TA = +85C Typ. -- -885 -1685 -- -- -1285 Max. 37 -760 -1560 -760 -1485 -1185 0.0 150 -- -- Unit mA mV mV mV mV mV V A A
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Input HIGH Common Mode Range (Differential) Input HIGH Current Input LOW Current CLK /CLK Voltage(4)
VEE +2.0 -- 0.5 -150 -- -- --
VEE +2.0 -- 0.5 -150 -- -- --
VEE +2.0 -- 0.5 -150 -- -- --
IIH IIL
Note 1. Note 2. Note 3. Note 4.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary 1:1 with VCC. All loading with 50 to VCC - 2.0V. VIHCMR (min) varies 1:1 with VEE. The VIHCMR range is referenced to the most positive side of the differential input signal.
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
4
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
(100EP) LVPECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = +3.3V 10%; VEE = 0V(2)
TA = -40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Parameter Power Supply Current Output HIGH Output LOW Voltage(3) Voltage(3) Min. -- 2155 1355 2075 1355 1775 2.0 -- CLK /CLK 0.5 -150 Typ. -- 2280 1480 -- -- 1875 -- -- -- -- Max. 37 2405 1605 2420 1675 1975 VCC 150 -- -- Min. -- 2155 1355 2075 1355 1775 2.0 -- 0.5 -150 TA = +25C Typ. 30 2280 1480 -- -- 1875 -- -- -- -- Max. 37 2405 1605 2420 1675 1975 VCC 150 -- -- Min. -- 2155 1355 2075 1355 1775 2.0 -- 0.5 -150 TA = +85C Typ. -- 2280 1480 -- -- 1875 -- -- -- -- Max. 42 2405 1605 2420 1675 1975 VCC 150 -- -- Unit mA mV mV mV mV mV V A A
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Input HIGH Common Mode Range (Differential) Input HIGH Current Input LOW Current Voltage(4)
IIH IIL
Note 1. Note 2. Note 3. Note 4.
100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary 1:1 with VCC. All loading with 50 to VCC -2.0V. The VIHCMR range is referenced to the most positive side of the differential input signal.
(100EP) PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = +5.0V 10%; VEE = 0V(2)
TA = -40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Parameter Power Supply Current Output HIGH Output LOW Voltage(3) Voltage(3) Min. -- 3855 3055 3775 3055 3475 2.0 -- CLK /CLK 0.5 -150 Typ. -- 3980 3180 -- -- 3575 -- -- -- -- Max. 37 4105 3305 4120 3375 3675 VCC 150 -- -- Min. -- 3855 3055 3775 3055 3475 2.0 -- 0.5 -150 TA = +25C Typ. 30 3980 3180 -- -- 3575 -- -- -- -- Max. 37 4105 3305 4120 3375 3675 VCC 150 -- -- Min. -- 3855 3055 3775 3055 3475 2.0 -- 0.5 -150 TA = +85C Typ. -- 3980 3180 -- -- 3575 -- -- -- -- Max. 42 4105 3305 4120 3375 3675 VCC 150 -- -- Unit mA mV mV mV mV mV V A A
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Input HIGH Common Mode Range (Differential) Input HIGH Current Input LOW Current Voltage(4)
IIH IIL
Note 1. Note 2. Note 3. Note 4.
100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary 1:1 with VCC. All loading with 50 to VCC -2.0V. The VIHCMR range is referenced to the most positive side of the differential input signal.
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
5
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
(100EP) ECL/LVECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 0V; VEE = -3.3V to -5.0V 10%(2)
TA = -40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Parameter Power Supply Current Output HIGH Output LOW Voltage(3) Voltage(3) Min. -- -1145 -1945 -1225 -1945 -1525 Typ. -- -1020 -1820 -- -- -1425 Max. 37 -895 -1695 -880 -1625 -1325 0.0 150 -- -- Min. -- -1145 -1945 -1225 -1945 -1525 TA = +25C Typ. 30 -1020 -1820 -- -- -1425 Max. 37 -895 -1695 -880 -1625 -1325 0.0 150 -- -- Min. -- -1145 -1945 -1225 -1945 -1525 TA = +85C Typ. -- -1020 -1820 -- -- -1425 Max. 42 -895 -1695 -880 -1625 -1325 0.0 150 -- -- Unit mA mV mV mV mV mV V A A
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Input HIGH Common Mode Range (Differential) Input HIGH Current Input LOW Current CLK /CLK Voltage(4)
VEE +2.0 -- 0.5 -150 -- -- --
VEE +2.0 -- 0.5 -150 -- -- --
VEE +2.0 -- 0.5 -150 -- -- --
IIH IIL
Note 1. Note 2. Note 3. Note 4.
100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary 1:1 with VCC. All loading with 50 to VCC -2.0V. VIHCMR (min) varies 1:1 with VEE. The VIHCMR range is referenced to the most positive side of the differential input signal.
TIMING DIAGRAM
CLK
t
RR
RESET Q
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
6
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
AC ELECTRICAL CHARACTERISTICS(1)
NECL: VCC = 0V, VEE = -3.3V to -5.0V 10%; PECL: VEE = 0V, VCC = +3.3V to +5.0V 10%
TA = -40C Symbol fMAX tPLH tPHL tRR tPW tJITTER VPP tr tf
Note 1. Note 2. Note 3.
TA = +25C Max. -- Min. 4 Typ. -- Max. -- Min. 4
TA = +85C Typ. -- Max. -- Unit GHz ps
Parameter Maximum Frequency(3)
Min. 4
Typ. --
Propagation Delay to Output Differential RESET, CLK Q, /Q Set/Reset Recovery Minimum Pulse Width RESET Cycle-to-Cycle RMS Input Voltage Swing (Differential) Output Rise/Fall Times Q, /Q (20% to 80%)
See Figure 1. fMAX Jitter below.
250 200 550 -- 150 50
330 -- -- 0.2 800 100
420 -- -- <1 1200 150
260 200 550 -- 150 50
275 100 200 0.2 800 100
430 -- -- <1 1200 160
280 200 550 -- 150 50
400 -- -- 0.2 800 100
440 -- -- <1 1200 160 ps ps ps(rms) mV ps
Jitter(2)
Measured using a 750mV source, 50% duty cycle clock source. All loading with 50 to VCC -2.0V. fMAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
fMAX Jitter
900 800 700 Measured 9 8 7 5 4 3 2 0 1000 2000 3000 4000 5000 6000 FREQUENCY (MHz) (Jitter) 1 6 Simulated
VOLTAGE (mV)
500 400 300 200 100 0 0
Figure 1. fMAX and RMS Jitter
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
7
ps (RMS)
600
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
8 LEAD MSOP (K8-1)
Rev. 01
M9999-111605 hbwhelp@micrel.com or (408) 955-1690
8
Micrel, Inc.
Precision Edge(R) SY10EP32V SY100EP32V
8 LEAD SOIC .150" WIDE (Z8-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated. M9999-111605 hbwhelp@micrel.com or (408) 955-1690
9


▲Up To Search▲   

 
Price & Availability of SY10EP32VZITR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X