![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Micrel, Inc. 5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER Precision Edge(R) SY100EL11V SY10EL11V SY100EL11V SY10EL11V FEATURES s s s s s s s s 3.3V and 5V power supply options 265ps propagation delay 5ps skew between outputs High bandwidth output transitions Internal 75K input pull-down resistors Replaces SY10/100EL11 Improved output waveform characteristics Available in 8-pin SOIC package Precision Edge(R) DESCRIPTION The SY10/100EL11V are 1:2 differential fanout gates. These devices are functionally similar to the E111A/L devices, with higher performance capabilities. Having within-device skews and output transition times significantly improved over the E111A/L, the EL11V is ideally suited for those applications which require the ultimate in AC performance. The differential inputs of the EL11V employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open (pulled to VEE), the Q outputs will go LOW. PIN NAMES Pin D Q0, Q1 Function Data Inputs Data Outputs Precision Edge is a registered trademark of Micrel, Inc. M9999-031006 hbwhelp@micrel.com or (408) 955-1690 Rev.: G Amendment: /0 1 1 Issue Date: March 2006 Micrel, Inc. SY10EL11V SY100EL11V PACKAGE/ORDERING INFORMATION Ordering Information(1) Q0 1 8 VCC Part Number SY10EL11VZC SY10EL11VZCTR(2) SY100EL11VZC SY100EL11VZCTR(2) SY10EL11VZI SY10EL11VZITR(2) SY100EL11VZI SY100EL11VZITR(2) Package Type Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Z8-1 Operating Range Commercial Commercial Commercial Commercial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Industrial Package Marking HEL11V HEL11V XEL11V XEL11V HEL11V HEL11V XEL11V XEL11V HEL11V with Pb-Free bar-line indicator HEL11V with Pb-Free bar-line indicator XEL11V with Pb-Free bar-line indicator XEL11V with Pb-Free bar-line indicator Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Sn-Pb Pb-Free NiPdAu Pb-Free NiPdAu Pb-Free NiPdAu Pb-Free NiPdAu Q0 2 7 D Q1 3 6 D Q1 4 5 VEE 8-Pin SOIC (Z8-1) SY10EL11VZG(3) SY10EL11VZGTR(2, 3) SY100EL11VZG(3) SY100EL11VZGTR(2, 3) Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs. M9999-031006 hbwhelp@micrel.com or (408) 955-1690 2 Micrel, Inc. SY10EL11V SY100EL11V ABSOLUTE MAXIMUM RATINGS(1) Symbol VCC VEE VIN IOUT TLEAD TA Tstore JA JC ESD Note 1. Rating Power Supply Voltage (VEE = 0) Power Supply Voltage (VCC = 0) Input Voltage (VCC = 0V, VIN not more negative than VEE) Input Voltage (VEE = 0V, VIN not more positive than VCC) Output Current Lead Temperature Range (soldering, 20sec.) Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Mil Std. 883 Human Body Model, All Pins -Still Air -500lfpm -Continuous -Surge Value +6.0 to 0 -6.0 to 0 -6.0 to 0 +6.0 to 0 50 100 +260 -40 to +85 -65 to +150 160 109 39 >1.5k Unit V V V V mA C C C C/W C/W C/W V Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. DC ELECTRICAL CHARACTERISTICS(1) VEE = VEE (Min.) to VEE (Max.); VCC = GND TA = -40C Symbol IEE Parameter Power Supply Current 10EL 100EL Input HIGH Current Parametric values specified at: TA = 0C Min. 15 15 -- Typ. 26 26 -- Max. 31 31 150 TA = +25C Min. 15 15 -- Typ. 26 26 -- Max. 31 31 150 Min. 15 15 -- TA = +85C Typ. 26 30 -- Max. 31 36 150 A Unit mA Min. -- -- -- Typ. 26 26 -- Max. 31 31 150 IIH Note 1. 10/100EL11V Series: -3.0V to -5.5V. M9999-031006 hbwhelp@micrel.com or (408) 955-1690 3 Micrel, Inc. SY10EL11V SY100EL11V AC ELECTRICAL CHARACTERISTICS(1) VEE = VEE (Min.) to VEE (Max.); VCC = GND TA = -40C Symbol tPLH tPHL tskew VPP VCMR tr tf Note 1. Note 2. Note 3. Note 4. Note 5. TA = 0C Min. 185 -- -- 150 -1.4 100 Typ. 260 5 5 -- -- 225 Max. 335 20 20 -- -0.4 350 TA = +25C Min. 190 -- -- 150 -1.4 100 Typ. 265 5 5 -- -- 225 Max. 340 20 20 -- -0.4 350 Min. 215 -- -- 150 -1.4 100 TA = +85C Typ. 290 5 5 -- -- 225 Max. 365 20 20 -- -0.4 350 Unit ps ps mV V ps Parameter Propagation Delay to Output D Within-Device Skew(2) Duty Cycle Skew(3) Minimum Input Swing(4) Common Mode Range(5) Min. 135 -- -- 150 -1.3 Typ. 260 5 5 -- -- 225 Max. 385 -- -- -- -0.4 350 Output Rise/Fall Times Q 100 (20% to 80%) Parametric values specified at: 10/100EL11V Series: -3.0V to -5.5V. Within-device skew defined as identical transitions on similar paths through a device. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of 40. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V - |VCMR (min)|. M9999-031006 hbwhelp@micrel.com or (408) 955-1690 4 Micrel, Inc. SY10EL11V SY100EL11V 8-PIN SOIC .150" WIDE (Z8-1) Rev. 03 Package Notes: Note 1. Package meets Level 1 moisture sensitivity. MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 TEL USA + 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-031006 hbwhelp@micrel.com or (408) 955-1690 5 |
Price & Availability of SY10EL11VZITR
![]() |