Part Number Hot Search : 
KP20A CT534 ACA0861C 48S15 2SD20 00110 MAN6610 BYV2100
Product Description
Full Text Search
 

To Download SY10E14306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
9-BIT HOLD REGISTER
SY10E143 SY100E143
SY10E143 SY100E143
FEATURES
s s s s s s 700MHz min. operating frequency Extended 100E VEE range of -4.2V to -5.5V 9 bits wide for byte-parity applications Asynchronous Master Reset Dual clocks Fully compatible with industry standard 10KH, 100K ECL levels s Internal 75k input pulldown resistors s Fully compatible with Motorola MC10E/100E143 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E143 are high-speed 9-bit hold registers designed for use in new, high-performance ECL systems. The E143 can hold current data or load new data. The nine inputs, D0-D8, accept parallel input data. The SEL (Select) control pin serves to determine the mode of operation; either HOLD or LOAD. The input data has to meet the set-up time before being clocked into the nine input registers on the rising edge of CLK1 or CLK2. The MR (Master Reset) control signal asynchronously resets all nine registers to a logic LOW when a logic HIGH is applied to MR. The E143 is designed for applications requiring highspeed registers, pipeline registers, synchronous operation, and is also suitable for byte-wide parity.
BLOCK DIAGRAM PIN NAMES
D0 MUX D R Q0
Pin D0-D8
Q1
Function Parallel Data Inputs Mode Select Input Clock Inputs Master Reset Data Outputs No Connection VCC to Output
D D1 MUX R
SEL CLK1, CLK2
D2
MUX
D R
Q2
MR Q0-Q8 NC
D D3 MUX R
Q3
VCCO
D D4 MUX R
Q4
D D5 MUX R
Q5
D D6 MUX R
Q6
D D7 MUX R
Q7
D8 SEL CLK1 CLK2 MR
MUX
D R
Q8
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
Rev.: F
Amendment: /0
1
Issue Date: March 2006
Micrel, Inc.
SY10E143 SY100E143
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
VCCO Q8 SEL
Part Number SY10E143JC
18 17
Package Type J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1
Operating Range Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial
Package Marking SY10E143JC SY10E143JC SY100E143JC SY100E143JC
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb
25 24 23 22 21 20 19
MR CLK1 CLK2 VEE NC D0 D1
D8 D7 D6
D5
26 27 28 1 2 3 4 5 6 7 8 9 10 11
Q7 Q6 VCC Q5 VCCO Q4 Q3
SY10E143JCTR(2) SY100E143JC SY100E143JCTR(2) SY10E143JZ(3) SY10E143JZTR(2, 3) SY100E143JZ(3) SY100E143JZTR(2, 3)
Notes:
PLCC TOP VIEW J28-1
16 15 14 13 12
SY10E143JZ with Matte-Sn Pb-Free bar-line indicator SY10E143JZ with Matte-Sn Pb-Free bar-line indicator SY100E143JZ with Matte-Sn Pb-Free bar-line indicator SY100E143JZ with Matte-Sn Pb-Free bar-line indicator
28-Pin PLCC (J28-1)
D4 VCCO
Q0 Q1 Q2
D2 D3
1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
SY10E143 SY100E143
TRUTH TABLE
SEL L H MODE LOAD HOLD
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E -- -- 120 120 145 145 -- -- 120 120 145 145 -- -- 120 138 145 165 TA = +25C TA = +85C Typ. -- Max. 150 Unit A mA Condition -- -- Min. Typ. Max. Min. Typ. -- -- 150 -- -- Max. Min. 150 --
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol fMAX tPD Parameter Max. Toggle Frequency Propagation Delay to Output CLK MR Set-up Time D SEL Hold Time D SEL Reset Recovery Time Minimum Pulse Width CLK, MR Within-Device Skew Rise/Fall Time 20% to 80% TA = +25C TA = +85C Max. -- 1000 1000 ps 50 300 300 75 900 400 -- 300 -100 150 100 -150 700 -- 75 525 -- -- -- -- -- -- -- 800 50 300 300 75 900 400 -- 300 -100 150 100 -150 700 -- 75 525 -- -- -- -- -- -- -- 800 50 300 300 75 900 400 -- 300 -100 150 100 -150 700 -- 75 525 -- -- ps -- -- -- -- -- 800 ps ps ps ps -- -- 1 -- -- -- Unit MHz ps 600 600 800 800 1000 1000 600 600 800 800 1000 1000 600 600 800 800 Condition -- --
Min. Typ. Max. Min. Typ. 700 900 -- 700 900
Max. Min. Typ. -- 700 900
tS
tH
tRR tPW tskew tr tf
Note: 1. Within-device skew is defined as identical transitions on similar paths through a device.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
SY10E143 SY100E143
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-032006 hbwhelp@micrel.com or (408) 955-1690
4


▲Up To Search▲   

 
Price & Availability of SY10E14306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X