Part Number Hot Search : 
SIS780DN 73D19 IN74H LCE17A ADP3650 B9947 NX5313EH 2SC4984
Product Description
Full Text Search
 

To Download SY10E10706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
QUINT 2-INPUT XOR/XNOR GATE
SY10E107 SY100E107
SY10E107 SY100E107
FEATURES
s s s s s 600ps max. propagation delay Extended 100E VEE range of -4.2V to -5.5V True and complementary outputs OR/NOR function outputs Fully compatible with Industry standard 10KH, 100K I/O levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E107 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E107 offer five 2-input XOR/XNOR gates and are designed for use in new, high- performance ECL systems. The E107 also features a function output, F, which is the OR of all five XOR gate outputs, while F is the NOR. Both true and complementary outputs are provided.
BLOCK DIAGRAM
F F D0a D0b D1a D1b D2a D2b D3a D3b D4a D4b Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4
PIN NAMES
Pin Dna, Dnb Q0-Q4 Q0-Q4 F F VCCO Data Inputs XOR Outputs XNOR Outputs OR Output NOR Output VCC to Output Function
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
Rev.: F
Amendment: /0
1
Issue Date: March 2006
Micrel, Inc.
SY10E107 SY100E107
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
D4b D3a D4a VCCO NC
Part Number
25 24 23 22 21 20 19 18 17
Package Type J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1
Operating Range Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial
Package Marking SY10E107JC SY10E107JC SY100E107JC SY100E107JC SY10E107JZ with Pb-Free bar-line indicator SY10E107JZ with Pb-Free bar-line indicator SY100E107JZ with Pb-Free bar-line indicator SY100E107JZ with Pb-Free bar-line indicator
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Matte-Sn Matte-Sn Matte-Sn Matte-Sn
F
F
SY10E107JC
Q4 Q4 VCC Q3 Q3 Q2 Q2
D3b D2a D2b VEE D1a D1b D0a
26 27 28 1 2 3 4 5 6 7 8 9 10 11
SY10E107JCTR(2) SY100E107JC SY100E107JCTR(2) SY10E107JZ(3) SY10E107JZTR(2, 3) SY100E107JZ(3) SY100E107JZTR(2, 3)
Notes:
PLCC TOP VIEW J28-1
16 15 14 13 12
28-Pin PLCC (J28-1)
VCCO
VCCO
Q1
D0b
Q0
Q0
Q1
1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
SY10E107 SY100E107
LOGIC EQUATION
F = (D0a D0b) + (D1a D1b) + (D2a D2b) + (D3a D3b) + (D4a D4b) F = Q0 + Q1 + Q2 + Q3 + Q4
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max); VCC = VCCO = GND
TA = 0C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E -- -- 42 42 50 50 -- -- 42 42 50 50 -- -- 42 48 50 58 TA = +25C TA = +85C Max. 200 Unit A mA Condition -- -- Min. Typ. Max. MIin. Typ. -- -- 200 -- -- Max. Min. Typ. 200 -- --
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol tPD Parameter Propagation Delay to Output D to Q D to F Within-Device Skew, D to Q Rise/Fall Time 20% to 80% Q F TA = +25C TA = +85C Max. 600 1000 -- 700 700 ps ps 275 300 450 475 700 700 275 300 450 475 700 700 275 300 450 475 1 -- Unit ps 250 500 -- 410 725 75 600 1000 -- 250 500 -- 410 725 75 600 1000 -- 250 500 -- 410 725 75 Condition --
Min. Typ. Max. Min. Typ.
Max. Min. Typ.
tskew tr tf
Note: 1. Within-device skew is defined as identical transitions on similar paths through a device.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
SY10E107 SY100E107
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-032006 hbwhelp@micrel.com or (408) 955-1690
4


▲Up To Search▲   

 
Price & Availability of SY10E10706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X