Part Number Hot Search : 
TLP67 R1133 MXB7846 INTEGRA 01140 74HC04A SB1620DC LTC14
Product Description
Full Text Search
 

To Download SVR117AHV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SVR117AHV SERIES
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Designer's Data Sheet
Part Number /Ordering Information
SVR117AHV M DB H Screening 2/:
(None) = Not Screened H = High Rel Level K = Space Level
1/
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
FEATURES:
* * * * * * * Min 1.5A Output Current Eutectic Die Attach Superior to LH117AHVK Types Hermetically Sealed Power Package 150oC Operating Temperature Custom Lead Forming Available Class H or K (Space) Screening Available
Lead Bend: 3/
(None) = Straight DB = Down Bend UB = Up Bend
Package: 3/
M = TO-254 Z = TO-254Z J = TO-257 E = MilPack I
APPLICATION:
* Wide Range Power Supplies * Constant Current Supplies * Voltage Programmable Supplies
MAXIMUM RATINGS
Power Dissipation 4/ Input to Output Voltage Differential Maximum Current Load Operating Junction Temperature Storage Temperature TO-254 (M): TO-254Z (Z):
SYMBOL
PD VIN/OUT IOUT TJ TSTG TO-257 (J):
VALUE
62 60 1.5 -55 TO +150 -65 TO +150 MilPack I (E):
UNITS
W V A
o
C C
o
FOR PACKAGE OUTLINE REQUEST FOLLOWING DOCUMENTS PACKAGE TO-254 (M, MDB, MUB) TO-254Z (Z, ZDB, ZUB) TO-257 (J) MilPack I (E)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
PIN ASSIGNMENT PACKAGE TO-254 (M) TO-254Z (Z) TO-257 (J) MilPack I (E) Adjust Pin 1 Pin 1 Pin 1 Pin 1 Output Pin 2 Pin 2 Pin 2 Pin 2 Input Pin 3 Pin 3 Pin 3 Pin 3
DOCUMENT 60-0149-503 60-0149-501 60-0149-504 60-0149-467
DATA SHEET #: LA0001B
SVR117AHV SERIES
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics 4/
Reference Voltage Line Regulation 5/ (3V < V < 60V) Load Regulation 5/ (10mA < IOUT < IMAX) VOUT < 5V VOUT > 5V VOUT < 5V VOUT > 5V 20 msec Pulse CADJ = 0F CADJ = 10F IOUT = 10mA 10mA < IOUT < IMAX, 3V < V < 60V, Pto 25 * 25 * 25 25 * * 25 25 25 * * V < 60V -55oC < TJ < +150oC
SYMBOL VREF VOUT VIN VOUT IOUT
MIN 1.238 1.225 -------66
TYP 1.250 1.250 0.005 0.01 5 0.1 20 0.3 .002 65 80 50 0.2
MAX 1.262 1.270 0.010 0.02 15 0.3 50 1.0 .02 --100 5
UNITS V V %/V %/V mV % mV % %/W dB dB A A
Thermal Regulation Ripple Rejection VOUT = 10V, f = 120Hz Adjust Pin Current Adjust Pin Current Change 10mA < IOUT < IMAX , 2.5V < V < 60V Minimum Load Current Temperature Stability Long Term Stability RMS Output Noice (% of VOUT) Thermal Resistance Junction to Case NOTES: * 1/ 2/ 3/ 4/ Full Temperature Range
IADJ IADJ
---
* * 125 VOUT T VOUT Vtime en RJC
-------
3.5 1 0.3 0.001 ---
7.0 2 1.0 -4.0 2.5
o o
mA % % % C/W C/W
10 Hz < f < 10 kHz Packages M, Z, and J Package E
25
For Ordering Information, Price, and Availability Contact Factory. Screening per MIL-STD-883. For Package Outline and Lead Bend Dimensions Consult Factory. Unless otherwise specified, these specifications apply: V = 5V and IOUT = 0.5A. Power dissipations is internally limited. However, these specifications apply for power dissipation up to 20W, IMAX = 1.5A. Testing is done using a pulsed low duty cycle technique.
5/


▲Up To Search▲   

 
Price & Availability of SVR117AHV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X