Part Number Hot Search : 
TPS606LB GI751 KRM08 MFW2815D F71869ED PRSC48X XVT9009 EMS1F
Product Description
Full Text Search
 

To Download SVR117A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SVR117A SERIES
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Designer's Data Sheet
Part Number /Ordering Information
SVR117A M DB H Screening 2/:
(None) = Not Screened H = High Rel Level K = Space Level
1/
1.5 Amp / 40 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
FEATURES:
* * * * * * * * * * * Guaranteed 1% Output Voltage Tolerance Guaranteed 0.01% Line Regulation Guaranteed 0.3% Load Regulation Min 1.5A Output Current Eutectic Die Attach Superior to LM117 Types Complimentary use with LM137 Types Isolated Hermetically Sealed Power Package 150oC Operating Temperature Custom Lead Forming Available Class H or K (Space) Screening Available
Lead Bend: 3/
(None) = Straight DB = Down Bend UB = Up Bend
Package: 3/
M = TO-254 Z = TO-254Z J = TO-257 E = MilPack I
MAXIMUM RATINGS
Power Dissipation 4/ Input to Output Voltage Differential Maximum Current Load Operating Junction Temperature Storage Temperature TO-254 (M): TO-254Z (Z):
SYMBOL
PD VIN/OUT IOUT TJ TSTG TO-257 (J):
VALUE
Internally Limited, 20 40 1.5 -55 TO +150 -65 TO +150 MilPack I (E):
UNITS
W V A
o
C C
o
PIN ASSIGNMENT FUNCTION Voltage Regulator PIN 1 Adjust PIN 2 Output PIN 3 Input
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0005C
SVR117A SERIES
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics 4/
Reference Voltage Line Regulation 5/ (3V #V # 40V) Load Regulation 5/ (10mA # IOUT # IMAX) VOUT # 5V VOUT $ 5V VOUT # 5V VOUT $ 5V 20 msec Pulse CADJ = 0 CADJ = 10:F V = 5V, IOUT = 10mA 10mA # IOUT # IMAX, 3V#V#40V, P#PMAX
to 25 * 25 * 25 25 * * 25 25 25 * * V # 40V -55oC # TJ # +150oC
SYMBOL VREF VOUT VIN VOUT IOUT
MIN 1.238 1.225 -------66
TYP 1.250 -1.250 0.005 0.01 5 0.1 20 0.3 .002 65 80 50 0.2
MAX 1.262 1.270 0.010 0.02 15 0.3 50 1.0 .02 --100 5
UNITS V V %/V %/V mV % mV % %/W dB dB :A :A
Thermal Regulation Ripple Rejection VOUT = -10V, f=120Hz Adjust Pin Current Adjust Pin Current Change 10mA # IOUT # IMAX 2.5V # V # 40V Minimum Load Current Temperature Stability Long Term Stability RMS Output Noice (% of VOUT) Thermal Resistance Junction to Case NOTES: * 1/ 2/ 3/ 4/ 5/ Full Temperature Range
IADJ IADJ
---
* * 125 VOUT T VOUT Vtime en R2JC
-------
3.5 1 0.3 0.001 ---
5.0 2 1.0 -4.0 2.5
o o
mA % % % C/W C/W
10 Hz # f # 10 kHz Package J, M, and Z Package E
25
For Ordering Information, Price, and Availability Contact Factory. Screening per MIL-STD-883. For Package Outline and Lead Bend Dimensions Consult Factory. Unless otherwise specified, these specifications apply: V = 5V and IOUT = 0.5A. Power dissipations is internally limited. However, these specifications apply for power dissipation up to 20W, IMAX = 1.5A. Testing is done using a pulsed low duty cycle technique.


▲Up To Search▲   

 
Price & Availability of SVR117A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X