Part Number Hot Search : 
L1029 B1015 SI210706 AM7201 09081 RA23097 2MC06010 UMA78
Product Description
Full Text Search
 

To Download SVC276 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7618
SVC276
Diffused Junction Type Silicon Diode
SVC276
FM Receiver Electronic Tuning Applications
Features
*
Package Dimensions
unit : mm 1326
[SVC276]
0.25
*
* *
Twin type with a good linearity of C-V characteristic. Excels in large input characteristic. Small package permits SVC276-applied sets to be compact and slim. High capacitance ratio (VR=2.0 to 8.0V). High Quality Factor.
0.3 3
0.15
2.1
Electrical Connection
0.25
1.6
2 0.65 2.0
1
3
0.07
(Top view) 1 2
0.85
1 : Anode 2 : Anode 3 : Cathode
(Bottom view)
3
1 : Anode 2 : Anodet 3 : Cathode
1 2
(Top view)
SANYO : MCPH3
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Reverse Voltage Junction Temperature Storage Temperature Symbol VR Tj Tstg Conditions Ratings 16 125 --55 to +125 Unit V C C
Electrical Characteristics at Ta=25C
Parameter Breakdown Voltage Reverse Voltage Interterminal Capacitance* Quality Factor Capacitance Ratio Symbol V(BR)R IR C2.0V C6.0V C8.0V Q CR IR=10A VR=10V VR=2.0V, f=1MHz VR=6.0V, f=1MHz VR=8.0V, f=1MHz VR=2.0V, f=100MHz C2.0V / C8.0V Conditions Ratings min 14 50 73.72 25.50 18.04 100 3.1 79.77 33.61 23.78 typ max Unit V nA pF pF pF
Note)* : Capacitance value per each diode. Marking : V3
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
90503 TS IM TA-100655 No.7618-1/3
SVC276
1000
C, Q -- VR
VRF=20mVrms
1000
7
7
5
5
Q(f
3
=1
H 00M
z)
3
Interterminal Capacitance, C -- pF
2
2
100
100
7
7
5
5
C(f
3
=1M
Hz)
3
2
2
10
10
0
1
2
3
4
5
6
7
8
9
10 IT06455
Reverse Voltage, VR -- V
C -- Ta
1.03
f=1MHz VRF=20mVrms
2V 4V 6V 8V
1.02
1.01
Capacitance Ratio
1.00
0.99
0.98
8V 6V 4V 2V
0.97 --75
--50
--25
0
Ambient Temperature, Ta -- C
25
50
75
100
125
150 IT06456
Quality factor, Q
No.7618-2/3
SVC276
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of September, 2003. Specifications and information herein are subject to change without notice.
PS No.7618-3/3


▲Up To Search▲   

 
Price & Availability of SVC276

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X