Part Number Hot Search : 
FD400 TMP130 STK4112 GBPC50 EP2645 C848C 74ACT273 ZRC250
Product Description
Full Text Search
 

To Download SUR551J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR551J
Semiconductor
Epitaxial Planar Type PNP Silicon Transistor
Description
* Digital transistor
Features
* Both SRC1203 chips and SRA2203 chip in SOT-363 package * With built-in bias resistors
Ordering Information
Type NO. SUR551J Marking 51J Package Code SOT-363
Outline Dimensions
2.1 BSC 3 2 1
unit : mm
R1
R2
Tr2
Tr1
R2 R1
1 2
0.15~0.30
6
1.30 BSC
5 4
2.0 BSC
4
5
6
3
R1 Tr1 Tr2 22K 22K
R2 22K 22K
PIN Connections 1. Emitter 1 2. Base 1 3. Collector 2 4. Emitter 2 5. Base 2 6. Collector 1
0.90.1
0~0.1
0.1~0.25
KST-6026-000
1
SUR551J
Absolute maximum ratings [ Tr1:NPN ]
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VO VI IO PD TJ TSTG
Ratings
50 40 100 625 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics [ Tr1:NPN ]
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT* II
Test Condition
VO=50V, VI=0 VO=5V, IO=10mA IO=10mA, II=0.5mA VO=0.2V, IO=5mA VO=5V, IO=0.1mA VO=10V, IO=5mA VI=5V
Min. Typ. Max.
70 1.0 120 0.1 2.1 1.2 200 0.36 500 0.3 3.0 -
Unit
nA V V V MHz mA
* : Characteristic of Transistor Only
Absolute maximum ratings [ Tr2 : PNP ]
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VO VI IO PD TJ TSTG
Ratings
-50 -40 -100 400 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics [ Tr2 : PNP ]
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=-50V, VI=0 VO=-5V, IO=-10mA IO=-10mA, II=-0.5mA VO=-0.2V, IO=-5mA VO=-5V, IO=-0.1mA VO=-10V, IO=-5mA VI=-5V
Min. Typ. Max.
70 -1.0 120 -0.1 -2.1 -1.2 200 -500 -0.3 -3.0 -0.36
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KST-6026-000
2
SUR551J
Electrical Characteristic Curves
[ Tr1 : NPN ]
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KST-6026-000
3
SUR551J
Electrical Characteristic Curves
[ Tr2 : PNP ]
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
KST-6026-000
4


▲Up To Search▲   

 
Price & Availability of SUR551J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X