Part Number Hot Search : 
BSS81 AN2135SC CXG1040T SK210 302UR100 501MF SLA50 IRU431L
Product Description
Full Text Search
 

To Download SUR511EF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SUR511EF
NPN/PNP Epitaxial Planar Silicon Transistor
Description
* Digital transistor
Features
* Both SRC1202 chip and SRA2202 chip in SOT-563F package * With built-in bias resistors
Ordering Information
Type NO. SUR511EF Marking BX Package Code SOT-563F
Outline Dimensions
unit : mm
3
R1
2
R2
1
Tr2
R2 R1
Tr1
4
5
6
R1 Tr1 Tr2 10K 10K
R2 10K 10K
PIN Connections 1. Emitter 1 2. Base 1 3. Collector 2 4. Emitter 2 5. Base 2 6. Collector 1
KST-J010-000
1
SUR511EF
Absolute maximum ratings (Tr1, Tr2)
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
Ta=25C
Symbol
VO VI IO PD TJ TSTG
Ratings
Tr1 50 30 100 100 150 -55 ~ 150 Tr2 -50 -30 -100
Unit
V V mA mW C C
Electrical Characteristics(Tr1 : NPN)
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
Ta=25C
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=50V, VI=0 VO=5V, IO=10mA IO=10mA, II=0.5mA VO=0.2V, IO=5mA VO=5V, IO=0.1mA VO=10V, IO=5mA VI=5V
Min. Typ. Max.
50 1.0 80 0.1 1.8 1.2 200 0.88 500 0.3 2.4 -
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
Electrical Characteristics(Tr2 : PNP)
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
Ta=25C
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT* II
Test Condition
VO=-50V, VI=0 VO=-5V, IO=-10mA IO=-10mA, II=-0.5mA VO=-0.2V, IO=-5mA VO=-5V, IO=-0.1mA VO=-10V, IO=-5mA VI=-5V
Min. Typ. Max.
50 -1.0 80 -0.1 -1.8 -1.2 200 -500 -0.3 -2.4 -0.88
Unit
nA V V V MHz mA
* : Characteristic of Transistor Only
KST-J010-000
2
SUR511EF
Electrical Characteristic Curves
Tr1 : NPN
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Tr2 : PNP
Fig. 3 GI - IO Fig. 1 IO - VI(ON)
Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KST-J010-000
3


▲Up To Search▲   

 
Price & Availability of SUR511EF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X