Part Number Hot Search : 
BAS16 BV55C 2N2222A 50RIA10 HT162 PLR050 735D70 XFATM9P4
Product Description
Full Text Search
 

To Download SUP85N08-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUP/SUB85N08-08
New Product
Vishay Siliconix
N-Channel 75-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
75
rDS(on) (W)
0.008 @ VGS = 10 V
ID (A)
85 a
TO-220AB
D
TO-263
G DRAIN connected to TAB G GDS Top View SUP85N08-08 DS S N-Channel MOSFET
Top View SUB85N08-08
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) 175 C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Maximum Power Dissipationb L = 0.1 mH TC = 25_C (TO-220AB and TO-263) TA = 25_C (TO-263)d TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
75 "20 85a 67a 240 75 280 250c 3.7 -55 to 175
Unit
V
A
mJ W _C
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
PCB Mount (TO-263)d Junction-to-Ambient Free Air (TO-220AB) Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 71165 S-01884--Rev. B, 28-Aug-00 www.vishay.com RthJA RthJC
Symbol
Limit
40 62.5 0.6
Unit
_C/W
2-1
SUP/SUB85N08-08
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 60 V, VGS = 0 V Zero Gate Voltage Drain Current Z G Vl DiC IDSS VDS = 60 V, VGS = 0 V, TJ = 125_C VDS = 60 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea DiS OS Ri rDS(on) VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 30 120 0.0063 0.008 0.014 0.018 S W 75 V 2.5 "100 1 50 250 A mA A nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 35 V, RL = 0 4 W V, 0.4 ID ^ 85 A, VGEN = 10 V RG = 2 5 W A V, 2.5 VDS = 35 V, VGS = 10 V ID = 85 A V V, VGS = 0 V, VDS = 25 V, f = 1 MHz 5800 900 285 100 35 25 20 115 50 80 30 175 ns 75 120 150 nC C pF F
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr A, di/dt A/ms IF = 85 A di/d = 100 A/ IF = 85 A, VGS = 0 V 1.0 70 4 0.14 85 A 240 1.5 120 7 0.30 V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2-2
Document Number: 71165 S-01884--Rev. B, 28-Aug-00
SUP/SUB85N08-08
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 7 V 200 I D - Drain Current (A) 6V I D - Drain Current (A) 200 250
Vishay Siliconix
Transfer Characteristics
150
150
100 5V 50 4, 3 V 0 0 2 4 6 8 10
100 TC = 125_C 50 25_C -55_C 0 0 1 2 3 4 5 6 7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
240 TC = -55_C r DS(on) - On-Resistance ( W ) 200 g fs - Transconductance (S) 25_C 160 125_C 120 0.008 0.010
On-Resistance vs. Drain Current
VGS = 10 V 0.006
0.004
80
40
0.002
0 0 20 40 60 80 100
0 0 20 40 60 80 100 120
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
8000 7000 V GS - Gate-to-Source Voltage (V) 6000 C - Capacitance (pF) 5000 4000 3000 2000 1000 0 0 15 30 45 60 75 Ciss 16 20
Gate Charge
VDS = 35 V ID = 85 A
12
8
Crss
Coss
4
0 0 50 100 150 200
VDS - Drain-to-Source Voltage (V) Document Number: 71165 S-01884--Rev. B, 28-Aug-00
Qg - Total Gate Charge (nC) www.vishay.com
2-3
SUP/SUB85N08-08
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) 2.0 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.5
TJ = 150_C 10
TJ = 25_C
1.0
0.5
0 -50
1 -25 0 25 50 75 100 125 150 175 0 0.3 0.6 0.9 1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
1000 95
Drain Source Breakdown vs. Junction Temperature
90 100 IAV (A) @ TA = 25_C I Dav (a) V (BR)DSS (V) 85
ID = 250 mA
10 IAV (A) @ TA = 150_C 1
80
75
0.1 0.00001 0.0001 0.001 0.01 0.1 1
70 -50
-25
0
25
50
75
100
125
150
175
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com
2-4
Document Number: 71165 S-01884--Rev. B, 28-Aug-00
SUP/SUB85N08-08
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
100 1000
Vishay Siliconix
Safe Operating Area
80 100 I D - Drain Current (A) 60 I D - Drain Current (A)
10 ms 100 ms Limited by rDS(on)
10
1 ms 10 ms 100 ms dc
40
20
1
TC = 25_C Single Pulse
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse
0.01 10-4
10-3
10-2
10-1
1
10
Square Wave Pulse Duration (sec)
Document Number: 71165 S-01884--Rev. B, 28-Aug-00
www.vishay.com
2-5


▲Up To Search▲   

 
Price & Availability of SUP85N08-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X