Part Number Hot Search : 
5913BT30 0302B 5560N LM393A SM59364 2N60C BSOZA403 BUZ202
Product Description
Full Text Search
 

To Download SUM85N03-07P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM85N03-07P
New Product
Vishay Siliconix
N-Channel 30-V (D-S) 175_C MOSFET
FEATURES PRODUCT SUMMARY
V(BR)DSS (V)
30
rDS(on) (W)
0.007 @ VGS = 10 V 0.010 @ VGS = 4.5 V
ID (A)
85 71
D D D D
TrenchFETr Power MOSFET 175_C Junction Temperature PWM Optimized for High Efficiency New Package with Low Thermal Resistance
APPLICATIONS
D Buck Converter - High Side - Low Side D Synchronous Rectifier - Secondary Rectifier
D
TO-263
G
G
DS S N-Channel MOSFET
Top View SUM85N03-07P
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energya Maximum Power Dissipationa Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_Cc TC = 25_C TC = 100_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
30 "20 85 60 200 45 101 93b 3.75 - 55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
PCB Mountc Junction-to-Ambient J ti t A bi t Junction-to-Case Notes a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material). Document Number: 72036 S-03919--Rev. A, 19-May-03 www.vishay.com Free Air RthJA RthJC
Symbol
Limit
40 62.5 1.6
Unit
_C/W C/W
1
SUM85N03-07P
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 24 V, VGS = 0 V Zero Gate Voltage Drain Current g IDSS VDS = 24 V, VGS = 0 V, TJ = 125_C VDS = 24 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 20 A VGS = 10 V, ID = 20 A, TJ = 125_C Drain-Source On-State Drain Source On State Resistancea rDS(on) VGS = 10 V, ID = 20 A, TJ = 175_C VGS = 4.5 V, ID = 20 A Forward Transconductancea gfs VDS = 15 V, ID = 20 A 20 0.0077 120 0.0054 0.007 0.010 0.012 0.010 S W 30 V 1 3.0 "100 1 50 250 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate-Resistance Total Gate Chargeb Gate-Source Chargeb Gate-Drain Chargeb Turn-On Delay Timeb Rise Timeb Ciss Coss Crss RG Qg Qgs Qgd td(on) tr td(off) tf VDD = 15 V, RL = 0.3 W ID ^ 50 A, VGEN = 10 V, RG = 2.5 W VDS = 15 V, VGS = 4.5V, ID = 50 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 2900 530 235 1.9 20 9 7 13 9 30 8 20 15 45 15 ns 30 nC W pF
Turn-Off Delay Timeb Fall Timeb
Source-Drain Diode Ratings and Characteristics (TC = 25_C)c
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time IS ISM VSD trr IF = 30 A, VGS = 0 V IF = 50 A, di/dt = 100 A/ms 1.2 35 85 200 1.5 70 A V ns
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Independent of operating temperature. c. Guaranteed by design, not subject to production testing.
www.vishay.com
2
Document Number: 72036 S-03919--Rev. A, 19-May-03
SUM85N03-07P
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
200 VGS = 10 thru 6 V 150 I D - Drain Current (A) 5V I D - Drain Current (A) 80 120
Vishay Siliconix
Transfer Characteristics
100
100 4V 50
60
40 TC = 125_C 20 25_C - 55_C 0
2, 3 V 0 0 2 4 6 8 10 0 1 2 3
4
5
6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
120 TC = - 55_C 25_C g fs - Transconductance (S) 80 125_C 60 r DS(on) - On-Resistance ( W ) 100 0.0125 0.0150
On-Resistance vs. Drain Current
0.0100 VGS = 4.5 V 0.0075 VGS = 10 V 0.0050
40
20
0.0025
0 0 20 40 60 80 100
0.0000 0 20 40 60 80 100 120
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
4000 3500 3000 2500 2000 1500 1000 500 0 0 6 12 18 24 30 Crss Coss Ciss 10
Gate Charge
V GS - Gate-to-Source Voltage (V)
8
VDS = 15 V ID = 50 A
C - Capacitance (pF)
6
4
2
0 0 10 20 30 40 50
VDS - Drain-to-Source Voltage (V) Document Number: 72036 S-03919--Rev. A, 19-May-03
Qg - Total Gate Charge (nC)
www.vishay.com
3
SUM85N03-07P
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.0 VGS = 10 V ID = 20 A r DS(on) - On-Resistance (W) (Normalized) 1.6 I S - Source Current (A) TJ = 150_C TJ = 25_C 10 100
Source-Drain Diode Forward Voltage
1.2
0.8
0.4
0.0 - 50
1 - 25 0 25 50 75 100 125 150 175 0 0.3 0.6 0.9 1.2 1.5
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Drain-Source Voltage Breakdown vs. Junction Temperature
100
80
V (BR)DSS (V)
60
40
20
0 0 25 50 75 100 125 150 175
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 72036 S-03919--Rev. A, 19-May-03
SUM85N03-07P
New Product
THERMAL RATINGS
Maximum Avalanche Drain Current vs. Case Temperature Safe Operating Area, Junction-to-Case
40 VGS = 10 V ID = 20 A 38 100 I D - Drain Current (A) I D - Drain Current (A) 36 Limited by rDS(on) 1000 10 ms 100 ms 1 ms 10 10 ms 100 ms dc 1 TA = 25_C Single Pulse
Vishay Siliconix
34
32
30 - 50
0.1 - 25 0 25 50 75 100 125 150 175 0.1 1 10 100
TC - Case Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1
1
10
Square Wave Pulse Duration (sec)
Document Number: 72036 S-03919--Rev. A, 19-May-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM85N03-07P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X