Part Number Hot Search : 
4V21T MST4110C 3107M 5531760 NJU3713D P6KE24C BFW92A ICROS
Product Description
Full Text Search
 

To Download SUM60N04-05LT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM60N04-05LT
Vishay Siliconix
N-Channel 40-V (D-S) MOSFET with Sensing Diode
PRODUCT SUMMARY
V(BR)DSS (V)
40
FEATURES
ID (A)
60a 20a
rDS(on) (W)
0.0045 @ VGS = 10 V 0.0065 @ VGS = 4.5 V
D TrenchFETr Power MOSFETS Plus Temperature Sensing Diode D 175_C Junction Temperature D New Low Thermal Resistance Package
APPLICATIONS
D
D2PAK-5L
D Automotive D Industrial
T1 G 12345 T2 D1 D2
S G D T1 S T2 N-Channel MOSFET
Ordering Information: SUM60N04-05LT
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C)d Pulsed Drain Current Continous Diode Current (Diode Conduction)d Avalanche Current Repetitive Avalanche Energyb L = 0.1 mH TC = 25_C TA = 25_C TC = 25_C TC = 100_C
Symbol
VDS VGS ID IDM IS IAR EAR PD TJ, Tstg
Limit
40 "20 60a 60a 250 60a 60a 180 200c 3.75d -55 to 175
Unit
V
A
mJ W _C
Maximum Power Dissipationa Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambientd Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 71747 S-40862--Rev. C, 03-May-04 www.vishay.com PCB Mountd
Symbol
RthJA RthJC
Limit
40 0.75
Unit
_C/W
1
SUM60N04-05LT
Vishay Siliconix
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, IDS = 250 mA VDS = 0 V, VGS = "20 V VDS = 40 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currenta IDSS ID(on) VDS = 40 V, VGS = 0 V, TJ = 125_C VDS = 40 V, VGS = 0 V, TJ = 175_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 60 A Drain-Source On-State Drain Source On State Resistancea rDS( ) DS(on) VGS = 4.5 V, ID = 20 A VGS = 10 V, ID = 60 A, TJ = 125_C VGS = 10 V, ID = 60 A, TJ = 175_C Sense Diode Forward Voltage Sense Diode Forward Voltage Increase Forward Transconductancea VFD1 and VFD2 DVF gfs IF = 50 mA IF = 25 mA From IF = 25 mA to IF = 50 mA VDS = 15 V, ID = 20 A 655 600 30 35 120 0.0035 0.0051 0.0045 0.0065 0.0069 0.0086 715 660 80 S mV W 40 1 3 "100 1 50 500 A m mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reversen Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 20 V, RL = 0.8 W ID ] 25 A, VGEN = 10 V, Rg = 2.5 W VDS = 20 V, VGS = 10 V, ID = 25 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 6000 1100 700 130 25 40 15 80 100 100 20 120 150 150 ns nC pF
Turn-On Delay Timec Rise Timec
Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge Is ISM VSD trr IRM(REC) Qrr IF = 60 A, di/dt = 100 A/ms , m IF = 60 A, VGS = 0 V 1.0 60 2.1 0.065 60 200 1.5 90 4 0.18 A V ns A mC
Notes: a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 71747 S-40862--Rev. C, 03-May-04
SUM60N04-05LT
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 6 V 5V I D - Drain Current (A) 250
Transfer Characteristics
200 I D - Drain Current (A)
200
150
150
100 4V 50 3V 0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
100 TC = 125_C 50 25_C -55_C 0 0 1 2 3 4 5 6 VGS - Gate-to-Source Voltage (V)
Transconductance
200 TC = -55_C 160 g fs - Transconductance (S) 25_C 125_C 120 rDS(on) - On-Resiistance (Normalized) 0.012 0.015
On-Resistance vs. Drain Current
0.009 VGS = 4.5 V VGS = 10 V 0.003
80
0.006
40
0 0 20 40 60 80 100 120 VGS - Gate-to-Source Voltage (V)
0.000 0 20 40 60 80 100 120
ID - Drain Current (A) 20 VGS = 20 V ID = 25 A
10000
Capacitance
Gate Charge
8000 C - Capacitance (pF)
V GS - Gate-to-Source Voltage (V)
Ciss
16
6000
12
4000 Coss Crss 0 0 8 16 24 32 40 VDS - Drain-to-Source Voltage (V)
8
2000
4
0 0 40 80 120 160 200 240 Qg - Total Gate Charge (nC) www.vishay.com
Document Number: 71747 S-40862--Rev. C, 03-May-04
3
SUM60N04-05LT
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2.0
On-Resistance vs. Junction Temperature
100 VGS = 10 V ID = 25 A I S - Source Current (A)
Source-Drain Diode Forward Voltage
r DS(on) - On-Resistance (W) (Normalized)
1.6
1.2
TJ = 150_C 10 TJ = 25_C
0.8
0.4
0.0 -50
-25
0
25
50
75
100
125
150
175
1 0 0.2 0.4 0.6 0.8 1.0 1.2 VSD - Source-to-Drain Voltage (V)
TJ - Junction Temperature (_C)
1000
Avalanche Current vs. Time
Drain Source Breakdown vs. Junction Temperature
55 ID = 1 mA
52 100 I Dav (a) IAV (A) @ TA = 150_C 10 V (BR)DSS (V) 49
46 1
IAV (A) @ TA = 25_C
43
0.1 0.00001 0.0001 0.001 0.01 0.1 1 tin (Sec)
40 -50
-25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
1.0
Sense Diode Forward Voltage vs. Temperature
0.01
Sense Diode Forward Voltage
0.8 ID = 50 mA I F (V) 0.6 I F (V) ID = 25 mA 0.4 0.0001 0.001 TJ = 150_C
0.2
0.00001
TJ = 25_C
0.0 0 25 50 75 100 125 150 TJ - Junction Temperature (_C) www.vishay.com
0.000001 0 0.25 0.5 0.75 VF (V) Document Number: 71747 S-40862--Rev. C, 03-May-04 1.0 1.25 1.5
4
SUM60N04-05LT
Vishay Siliconix
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C) 2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance 0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1 10 Square Wave Pulse Duration (sec) 100
1000 Limited by rDS(on) I D - Drain Current (A)
Safe Operating Area
10 ms 100 ms
I D - Drain Current (A)
1 ms 10 10 ms 100 ms dc TC = 25_C Single Pulse
1
0.1 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
Document Number: 71747 S-40862--Rev. C, 03-May-04
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM60N04-05LT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X