Part Number Hot Search : 
AS170 D2424 00950 23A10 LH5268A V607TE03 UH4PCC 00393
Product Description
Full Text Search
 

To Download SUM47N10-24L-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM47N10-24L
New Product
Vishay Siliconix
N-Channel 100-V (D-S) 175_C MOSFET
FEATURES PRODUCT SUMMARY
VDS (V)
100
rDS(on) (W)
0.024 @ VGS = 10 V 0.027 @ VGS = 4.5 V
ID (A)
47 44
D TrenchFETr Power MOSFET D 175_C Maximum Junction Temperature D 100% Rg Tested
APPLICATIONS
D Automotive Such As: - HID Lamp - Ignition Systems - Injection Systems
D
TO-263
G G DS
Top View Ordering Information: SUM47N10-24L--E3 S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C)b Pulsed Drain Current Continuous Source Current (Diode Conduction) Single Pulse Avalanche Current Single Pulse Avalanche Energy (Duty Cycle v 1%) Maximum Power Dissipation Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IS IAs EAs PD TJ, Tstg
Limit
100 "20 47 27 70 47 40 80 136b 3.75a -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
PCB Mount Junction-to-Ambient J ti t A bi t Junction-to-Case Notes a. Surface Mounted on 1" x1" FR4 Board. b. See SOA curve for voltage derating. Document Number: 72827 S-40434--Rev. A, 15-Mar-04 www.vishay.com Free Air RthJA RthJC
Symbol
Maximum
40 62.5 1.1
Unit
_C/W C/W
1
SUM47N10-24L
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 100 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currentb IDSS ID(on) VDS = 100 V, VGS = 0 V, TJ = 125_C VDS = 100 V, VGS = 0 V, TJ = 175_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 40 A Drain-Source On-State Drain Source On State Resistanceb rDS( ) DS(on) VGS = 10 V, ID = 40 A, TJ = 125_C VGS = 10 V, ID = 40 A, TJ = 175_C VGS = 4.5 V, ID = 20 A Forward Transconductanceb gfs VDS = 15 V, ID = 40 A 0.021 70 70 0.019 0.024 0.048 0.060 0.027 S W 100 1.0 3.0 "100 1 50 250 A m mA V nA
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf VDD = 50 V, RL = 1.25 W ID ^ 47 A, VGEN = 10 V, Rg = 2.5 W f = 1 MHz 1 VDS = 50 V, VGS = 10 V, ID = 40 A , , VGS = 0 V, VDS = 25 V, F = 1 MHz 2400 290 120 40 11 9 2.2 8 40 15 80 3.5 13 60 25 120 ns W 60 nC pF
Gate-Drain Chargec Gate Resistance Turn-On Delay Rise Timec Turn-Off Delay Timec Fall Timec Timec
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current Diode Forward Voltageb Source-Drain Reverse Recovery Time ISM VSD trr IF = 40 A, VGS = 0 V IF = 47 A, di/dt = 100 A/ms 1.0 75 70 1.5 120 A V ns
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72827 S-40434--Rev. A, 15-Mar-04
SUM47N10-24L
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
160 VGS = 10 thru 6 V 120 I D - Drain Current (A) I D - Drain Current (A) 5V 80 100
Vishay Siliconix
Transfer Characteristics
60
80 4V 40 3V 0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
40
TC = 125_C 25_C -55_C
20
0 0 1 2 3 4 5 VGS - Gate-to-Source Voltage (V)
Transconductance
100 TC = -55_C r DS(on)- On-Resistance ( W ) 80 g fs - Transconductance (S) 25_C 0.04 0.05
On-Resistance vs. Drain Current
60
125_C
0.03
VGS = 4.5 V
40
0.02 VGS = 10 V 0.01
20
0 0 10 20 30 40 50 60
0.00 0 20 40 60 80 100
ID - Drain Current (A) 4000
ID - Drain Current (A) 20 VDS = 50 V ID = 40 A
Capacitance
Gate Charge
V GS - Gate-to-Source Voltage (V)
C - Capacitance (pF)
3000 Ciss 2000
16
12
8
1000 Crss 0 0 20 40 60 80 100 VDS - Drain-to-Source Voltage (V) Coss
4
0 0 20 40 60 80 Qg - Total Gate Charge (nC)
Document Number: 72827 S-40434--Rev. A, 15-Mar-04
www.vishay.com
3
SUM47N10-24L
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
3.0 2.5 rDS(on) - On-Resiistance (Normalized) 2.0 1.5 1.0 0.5 0.0 -50 VGS = 10 V ID = 40 A I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
TJ = 175_C 10
TJ = 25_C
-25
0
25
50
75
100
125
150
175
1 0 0.3 0.6 0.9 1.2 VSD - Source-to-Drain Voltage (V)
TJ - Junction Temperature (_C)
THERMAL RATINGS
Maximum Avalanche Drain Current vs. Case Temperature
50 100 Limited by rDS(on) I D - Drain Current (A) 10 1 ms 10 ms 1 TC = 25_C Single Pulse 100 ms, dc
Safe Operating Area
10 ms
40 I D - Drain Current (A)
100 ms
30
20
10
0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C)
0.1
0.1
1
10
100
1000
VDS - Drain-to-Source Voltage (V)
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5 0.2 0.1 0.1 0.02 0.05 Single Pulse 0.01 10-4 10-3
Normalized Thermal Transient Impedance, Junction-to-Case
10-2
10-1 Square Wave Pulse Duration (sec)
1
10
30
www.vishay.com
4
Document Number: 72827 S-40434--Rev. A, 15-Mar-04


▲Up To Search▲   

 
Price & Availability of SUM47N10-24L-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X