Part Number Hot Search : 
C5000 M3504 B80C53 SP800MEP S2405 1303E 1D13UM LM293
Product Description
Full Text Search
 

To Download SUM18N25-165 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM18N25-165
New Product
Vishay Siliconix
N-Channel 250-V (D-S) 175_C MOSFET
FEATURES PRODUCT SUMMARY
V(BR)DSS (V)
250
rDS(on) (W)
0.165 @ VGS = 10 V
ID (A)
18
D TrenchFETr Power MOSFET D 175_C Junction Temperature D New Low Thermal Resistance Package
APPLICATIONS
D Automotive Such As: - Diesel Fuel Injection - High-Side Switch - Motor Drives
D
TO-263
G
G
DS S
Top View
Ordering Information: SUM18N25-165--E3 (Lead Free)
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Single Pulse Avalanche Current Single Pulse Avalanche Energya Maximum Power Dissipationa Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_Cc TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAS EAS PD TJ, Tstg
Limit
250 "20 18 10.4 20 5 1.25 150b 3.75 -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient Junction-to-Case (Drain) Notes a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material). Document Number: 72849 S-40467--Rev. A, 15-Mar-04 www.vishay.com PCB Mount (TO-263)c
Symbol
RthJA RthJC
Limit
40 1.0
Unit
_C/W
1
SUM18N25-165
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 250 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currenta IDSS ID(on) VDS = 250 V, VGS = 0 V, TJ = 125_C VDS = 250 V, VGS = 0 V, TJ = 175_C VDS w 15 V, VGS = 10 V VGS = 10 V, ID = 14 A Drain-Source On-State Resistancea Forward Transconductancea rDS(on) gfs VGS = 10 V, ID = 14 A, TJ = 125_C VGS = 10 V, ID = 14 A, TJ = 175_C VDS = 15 V, ID = 18 A 36 20 0.130 0.165 0.347 0.462 S W 250 2.5 4 "100 1 50 250 A m mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf VDD = 125 V, RL = 7.0 W ID ^ 18 A, VGEN = 10 V, Rg = 2.5 W VDS = 125 V, VGS = 10 V, ID = 18 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 1950 160 70 30 10 10 1.6 15 130 30 100 25 195 45 150 ns W 45 nC pF
Gate Resistance Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 18 A, di/dt = 100 A/ms IF = 18 A, VGS = 0 V 1.0 115 10 0.58 18 20 1.5 175 15 1.3 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72849 S-40467--Rev. A, 15-Mar-04
SUM18N25-165
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
20 VGS = 10 thru 6 V 5V I D - Drain Current (A) 20
Vishay Siliconix
Transfer Characteristics
16 I D - Drain Current (A)
16
12
12
8
8 TC = 125_C 4 25_C -55_C 0
4 4V 0 0 4 8 12 16 20 VDS - Drain-to-Source Voltage (V)
0
1
2
3
4
5
6
VGS - Gate-to-Source Voltage (V)
Transconductance
60 TC = -55_C 50 g fs - Transconductance (S) 40 30 20 10 0 0 4 8 12 16 20 25_C 125_C r DS(on)- On-Resistance ( W ) 0.32 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0.00 0
On-Resistance vs. Drain Current
VGS = 10 V
4
8
12
16
20
ID - Drain Current (A) 2800
ID - Drain Current (A) 20 VDS = 125 V ID = 17 A
Capacitance
Gate Charge
V GS - Gate-to-Source Voltage (V)
C - Capacitance (pF)
2100
16
Ciss
12
1400
8
700 Crss Coss 0 0 40 80 120 160 200 VDS - Drain-to-Source Voltage (V)
4
0 0 8 16 24 32 40 48 56 Qg - Total Gate Charge (nC)
Document Number: 72849 S-40467--Rev. A, 15-Mar-04
www.vishay.com
3
SUM18N25-165
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.8 2.4 rDS(on) - On-Resiistance (Normalized) 2.0 1.6 1.2 0.8 0.4 -50 VGS = 10 V ID = 18 A I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
TJ = 150_C 10
TJ = 25_C
-25
0
25
50
75
100
125
150
175
1 0 0.3 0.6 0.9 1.2 VSD - Source-to-Drain Voltage (V)
TJ - Junction Temperature (_C)
100
Avalanche Current vs. Time
325
Drain Source Breakdown vs. Junction Temperature
10 I Dav (a)
310
ID = 10 mA
IAV (A) @ TA = 25_C 1
V(BR)DSS (V)
295
280
0.1 IAV (A) @ TA = 150_C 0.01 0.000001 0.00001 0.0001 0.001 0.01 0.1 tin (Sec)
265
250 -50
-25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 72849 S-40467--Rev. A, 15-Mar-04
SUM18N25-165
New Product
THERMAL RATINGS
Maximum Drain Current vs. Case Temperature Safe Operating Area
Vishay Siliconix
20
100
16 I D - Drain Current (A) I D - Drain Current (A) 10
Limited by rDS(on)
10 ms 100 ms
12
8
1 TC = 25_C Single Pulse
1 ms 10 ms 100 ms, dc
4
0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C)
0.1
0.1
1
10
100
1000
VDS - Drain-to-Source Voltage (V)
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5 0.2 0.1 0.1 0.02 0.05 Single Pulse
Normalized Thermal Transient Impedance, Junction-to-Case
0.01 10-4 10-3 10-2 Square Wave Pulse Duration (sec) 10-1 1
Document Number: 72849 S-40467--Rev. A, 15-Mar-04
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM18N25-165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X