|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPICE Device Model SUM110N03-04P Vishay Siliconix N-Channel 30-V (D-S) 175C MOSFET CHARACTERISTICS * N-Channel Vertical DMOS * Macro Model (Subcircuit Model) * Level 3 MOS * Apply for both Linear and Switching Application * Accurate over the -55 to 125C Temperature Range * Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics DESCRIPTION The attached spice model describes the typical electrical characteristics of the n-channel vertical DMOS. The subcircuit model is extracted and optimized over the -55 to 125C temperature ranges under the pulsed 0 to 10V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device. SUBCIRCUIT MODEL SCHEMATIC This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 72423 09-Jun-04 www.vishay.com 1 SPICE Device Model SUM110N03-04P Vishay Siliconix SPECIFICATIONS (TJ = 25C UNLESS OTHERWISE NOTED) Parameter Static Gate Threshold Voltage On-State Drain Current a Symbol Test Conditions Simulated Data 1.8 1375 0.0033 0.0049 0.0058 0.0052 70 0.92 Measured Data Unit VGS(th) ID(on) VDS = VGS, ID = 250 A VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 20 A V A 0.0033 Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 20 A, TJ = 125C VGS = 10 V, ID = 20 A, TJ = 175C VGS = 4.5 V, ID = 20 A 0.0052 S 1.2 V Forward Transconductance Forward Voltage a a gfs VSD VDS = 15 V, ID = 20 A IS = 100 A, VGS = 0 V Dynamic b Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Charge Gate-Drain Chargec Turn-On Delay Time c Rise Time c c Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 15 V, RL = 0.30 ID 50 A, VGEN = 10 V, RG = 2.5 VDS = 15 V, VGS = 4.5 V, ID = 50 A VGS = 0 V, VDS = 25 V, f = 1 MHz 5194 780 292 43 18 16 13 15 31 31 5100 860 430 40 18 16 12 12 40 10 Ns NC Pf Turn-Off Delay Time c Fall Time c Notes a. Pulse test; pulse width 300 s, duty cycle 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature. www.vishay.com 2 Document Number: 72423 09-Jun-04 SPICE Device Model SUM110N03-04P Vishay Siliconix COMPARISON OF MODEL WITH MEASURED DATA (TJ=25C UNLESS OTHERWISE NOTED) Document Number: 72423 09-Jun-04 www.vishay.com 3 |
Price & Availability of SUM110N03-04P |