Part Number Hot Search : 
21242 SB1030CT VN16B FT0409DF NSM025 IRFP9143 500RL 1N5473B
Product Description
Full Text Search
 

To Download SUD50N03-07AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUD50N03-07AP
Vishay Siliconix
N-Channel 30-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
30
rDS(on) (W)
0.007 @ VGS = 10 V 0.010 @ VGS = 4.5 V
ID (A)a, b
81c 67c
D
TO-252
G Drain Connected to Tab G D S
Top View Order Number: SUD50N03-07AP S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage
a, Continuous Drain Current (TJ = 175_C)a b
Symbol
VDS VGS TC = 25_C TC = 100_C ID IDM IS TC = 25_C PD TJ, Tstg
Limit
30 "20 81c 57c 100 25 88 8.3a, b - 55 to 175
Unit
V
Pulsed Drain Current Continuous Source Current (Diode Conduction)a, b Maximum Power Dissipation Operating Junction and Storage Temperature Range
A
TA = 25_C
W _C
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Junction-to-Ambienta J ti t A bi t Junction-to-Case Steady State RthJA RthJC
Symbol
Typical
15 40 1.4
Maximum
18 50 1.7
Unit
_C/W C/W
Notes a. Surface Mounted on 1" x1" FR4 Board. b. t v 10 sec. c. Based on maximum allowable Junction Temperature. Package limitation current is 50 A. Document Number: 71148 S-31271--Rev. C, 16-Jun-03 www.vishay.com
1
SUD50N03-07AP
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currentb V(BR)DSS VGS(th) IGSS IDSS ID(on) VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 125_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 20 A Drain-Source On-State Resistanceb rDS(on) VGS = 10 V, ID = 20 A, TJ = 125_C VGS = 4.5 V, ID = 20 A Forward Transconductanceb gfs VDS = 15 V, ID = 20 A 20 50 0.007 0.011 0.010 S W 30 V 1.0 2.0 "100 1 50 nA mA A
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 15 V, RL = 0.3 W ID ^ 50 A, VGEN = 10 V, RG = 2.5 W VDS = 15 V, VGS = 4.5 V, ID = 50 A , , VGS = 0 V, VDS = 25 V, F = 1 MHz 3720 715 370 28 12 10 11 6 50 11 25 15 100 20 ns 45 nC pF
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current Diode Forward Voltageb Source-Drain Reverse Recovery Time ISM VSD trr IF = 100 A, VGS = 0 V IF = 50 A, di/dt = 100 A/ms 1.2 45 100 1.5 100 A V ns
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 71148 S-31271--Rev. C, 16-Jun-03
SUD50N03-07AP
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 6 V 200 I D - Drain Current (A) I D - Drain Current (A) 5V 100 120
Transfer Characteristics
80
150 4V 100
60 TC = 125_C 40 25_C - 55_C
50 2V 0 0 2 4 6 8 10 3V
20
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
120 TC = - 55_C r DS(on)- On-Resistance ( W ) 25_C 80 125_C 0.015 0.020
On-Resistance vs. Drain Current
100 g fs - Transconductance (S)
60
0.010
VGS = 4.5 V VGS = 10 V
40
0.005
20
0 0 10 20 30 40 50
0.000 0 20 40 60 80 100
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
5000 10
Gate Charge
4000 C - Capacitance (pF)
V GS - Gate-to-Source Voltage (V)
Ciss
8
VDS = 15 V ID = 50 A
3000
6
2000 Coss
4
1000 Crss 0 0 6 12
2
0 18 24 30 0 12 24 36 48 60
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Document Number: 71148 S-31271--Rev. C, 16-Jun-03
www.vishay.com
3
SUD50N03-07AP
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.0 VGS = 10 V ID = 30 A r DS(on)- On-Resistance ( W ) (Normalized) 1.6 I S - Source Current (A) TJ = 150_C 100
Source-Drain Diode Forward Voltage
1.2
10 TJ = 25_C
0.8
0.4
0.0 - 50
1 - 25 0 25 50 75 100 125 150 175 0 0.3 0.6 0.9 1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
THERMAL RATINGS
Maximum Avalanche Drain Current vs. Case Temperature
30 1000 Limited by rDS(on) 24 I D - Drain Current (A) I D - Drain Current (A) 100 10 ms 100 ms 1 ms 10 ms 1 100 ms 1s 0.1 TA = 25_C Single Pulse 10 s 100 s, dc
Safe Operating Area
18
10
12
6
0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C)
0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.02
0.05 Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 10 100 600 Square Wave Pulse Duration (sec)
www.vishay.com
4
Document Number: 71148 S-31271--Rev. C, 16-Jun-03


▲Up To Search▲   

 
Price & Availability of SUD50N03-07AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X