Part Number Hot Search : 
084V2 1024EA ROV07 SMCJ5643 HV9861A NT6868CH M1001 684J63
Product Description
Full Text Search
 

To Download SUD50N03-07-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUD50N03-07
Vishay Siliconix
N-Channel 30-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
30
FEATURES
ID (A)
20 16
rDS(on) (W)
0.007 @ VGS = 10 V 0.010 @ VGS = 4.5 V
D TrenchFETr Power MOSFET D 175_C Maximum Junction Temperature D 100% Rg Tested
TO-252
D
Drain Connected to Tab G D S
G
Top View Ordering Information: SUD50N03-07 SUD50N03-07--E3 ( Lead Free) S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Currenta Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipation Operating Junction and Storage Temperature Range TC = 25_C TA = 25_C TA = 25_C TA = 100_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
Limit
30 "20 20 14 100 20 136 5a -55 to 175
Unit
V
A
W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambienta Maximum Junction-to-Case Notes a. Surface Mounted on FR4 Board, t v 10 sec. Document Number: 70767 S-40272--Rev. E, 23-Feb-04 www.vishay.com
Symbol
RthJA RthJC
Typical
Maximum
30
Unit
_C/W
0.85
1.1
1
SUD50N03-07
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currentb V(BR)DSS VGS(th) IGSS IDSS ID(on) VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 125_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID =20 A Drain-Source On-State Resistanceb Forward Transconductanceb rDS(on) gfs VGS = 10 V, ID =20 A, TJ = 125_C VGS = 4.5 V, ID = 20 A VDS = 15 V, ID = 20 A 20 50 0.007 0.011 0.010 S W 30 1.0 2.0 3.0 "100 1 50 V nA mA A
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Gate Resistance Turn-On Delay Timec Rise Timec Turn-Off Delay Fall Timec Timec Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf VDD = 15 V, RL = 0.3 W ID ^ 50 A, VGEN = 10 V, Rg = 2.5 W 0.5 14 11 60 15 VDS = 15 V, VGS = 10 V, ID = 50 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 5600 1100 450 70 16 10 3.1 30 20 120 40 ns W 130 nC pF
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current Diode Forward Voltageb ISM VSD trr IF = 100 A, VGS = 0 V IF = 50 A, di/dt = 100 A/ms 1.2 55 100 1.5 100 A V ns
Source-Drain Reverse Recovery Time
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 70767 S-40272--Rev. E, 23-Feb-04
SUD50N03-07
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10, 9, 8, 7, 6 V 200 I D - Drain Current (A) I D - Drain Current (A) 80 100
Transfer Characteristics
150 5V 100 4V 50 3V 0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
60
40
TC = 125_C 25_C -55_C
20
0 0 1 2 3 4 5 VGS - Gate-to-Source Voltage (V)
Transconductance
120 TC = -55_C 90 r DS(on)- On-Resistance ( W ) 0.0125 0.0100 0.0075 0.0050 0.0025 0.0000 0 10 20 30 40 50 0 g fs - Transconductance (S) 0.0150
On-Resistance vs. Drain Current
25_C 125_C
VGS = 4.5 V
60
VGS = 10 V
30
0
20
40
60
80
100
ID - Drain Current (A) 8000
ID - Drain Current (A) 20 Ciss VDS = 15 V ID = 45 A
Capacitance
Gate Charge
V GS - Gate-to-Source Voltage (V)
C - Capacitance (pF)
6000
16
12
4000
8
2000 Crss 0 0 5 10 15 20 25 30 VDS - Drain-to-Source Voltage (V)
4
0 0 30 60 90 120 Qg - Total Gate Charge (nC)
Document Number: 70767 S-40272--Rev. E, 23-Feb-04
www.vishay.com
3
SUD50N03-07
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2.5
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 45 A I S - Source Current (A)
100
Source-Drain Diode Forward Voltage
2.0 rDS(on) - On-Resiistance (Normalized)
1.5
TJ = 150_C TJ = 25_C
1.0
0.5
0.0 -50
-25
0
25
50
75
100
125
150
1 0 0.3 0.6 0.9 1.2 1.5 VSD - Source-to-Drain Voltage (V)
TJ - Junction Temperature (_C)
THERMAL RATINGS
Maximum Drain Current vs. Ambiemt Temperature
24 20 I D - Drain Current (A) 16 12 8 4 0 0 25 50 75 100 125 150 175 TA - Ambient Temperature (_C) I D - Drain Current (A)
500
Safe Operating Area
100 Limited by rDS(on) 10
10, 100 ms 1 ms 10 ms 100 ms
1
1s TA = 25_C Single Pulse dc
0.1 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5 0.2
0.1 0.1 0.02 0.05 Single Pulse 0.01 10-4 10-3 10-2 10-1
1
10
100
500
Square Wave Pulse Duration (sec) www.vishay.com Document Number: 70767 S-40272--Rev. E, 23-Feb-04
4


▲Up To Search▲   

 
Price & Availability of SUD50N03-07-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X