Part Number Hot Search : 
BC857B RTC62423 XMXXX 6348S T6B20 4HC30 N4750A HC321
Product Description
Full Text Search
 

To Download SUD50N03-06P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUD50N03-06P
Vishay Siliconix
N-Channel 30-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
30
FEATURES
ID (A)b
84b 59b
rDS(on) (W)
0.0065 @ VGS = 10 V 0.0095 @ VGS = 4.5 V
D TrenchFETr Power MOSFET D 175_C Junction Temperature D Optimized for Low-Side Synchronous Rectifier Operation
APPLICATIONS
D DC/DC Converters D Synchronous Rectifiers
D
TO-252
G Drain Connected to Tab G D S
Top View Order Number: SUD50N03-06P S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Currenta Pulsed Drain Current Continuous Source Current (Diode Conduction)a TC = 25_C Maximum Power Dissipation Operating Junction and Storage Temperature Range TA = 25_C PD TJ, Tstg TC = 25_C TC = 100_C ID IDM IS
Symbol
VDS VGS
Limit
30 "20 84b 59b 100 25 88 8.3a - 55 to 175
Unit
V
A
W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction to Ambienta Junction-to-Ambient Maximum Junction-to-Case Notes a. Surface Mounted on FR4 Board, t v 10 sec. b. Based on maximum allowable Junction Temperature, package limitation current is 50 A. Document Number: 71844 S-31268--Rev. B, 16-Jun-03 www.vishay.com t v 10 sec Steady State RthJA RthJC
Symbol
Typical
15 40 1.4
Maximum
18 50 1.7
Unit
_C/W C/W
1
SUD50N03-06P
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currentb Drain Source On State Drain-Source On-State Resistanceb Forward Transconductanceb V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) gfs VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 125_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 20 A VGS = 10 V, ID = 20 A, TJ = 125_C VGS = 4.5 V, ID = 20 A VDS = 15 V, ID = 20 A 20 0.0078 50 0.0053 0.0065 0.0105 0.0095 S W 30 1.0 3.0 "100 1 50 V nA mA A
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Ciss Coss Crss Rg Qg Qgs Qgd td(on) tr td(off) tf VDD = 15 V, RL = 0.3 W ID ^ 50 A, VGEN = 10 V, RG = 2.5 W VDS = 15 V, VGS = 4.5 V, ID = 50 A VGS = 0 V, VDS = 25 V, f = 1 MHz 3100 565 255 1.9 21 10 7.5 12 12 30 10 20 20 45 15 ns 30 nC W p pF
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current Diode Forward Voltageb Source-Drain Reverse Recovery Time ISM VSD trr IF = 100 A, VGS = 0 V IF = 50 A, di/dt = 100 A/ms 1.2 35 100 1.5 70 A V ns
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%. c. Independent of operating temperature.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
200 VGS = 10 thru 6 V 160 I D - Drain Current (A) 5V I D - Drain Current (A) 80 100
Transfer Characteristics
120
60
80
4V
40 TC = 125_C 20 25_C - 55_C 0
40 3V 0 0 2 4 6 8 10
0
1
2
3
4
5
VDS - Drain-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 71844 S-31268--Rev. B, 16-Jun-03
2
SUD50N03-06P
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Transconductance
120 TC = - 55_C 25_C 80 125_C 60 r DS(on)- On-Resistance ( W ) 0.0150
On-Resistance vs. Drain Current
100 g fs - Transconductance (S)
0.0125
0.0100 VGS = 4.5 V 0.0075 VGS = 10 V 0.0050
40
20
0.0025
0 0 10 20 30 40 50
0.0000 0 20 40 60 80 100
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
4000 3500 3000 2500 2000 1500 1000 Crss 500 0 0 5 10 15 20 25 30 Coss Ciss V GS - Gate-to-Source Voltage (V) 8 VDS = 15 V ID = 50 A 10
Gate Charge
C - Capacitance (pF)
6
4
2
0 0 10 20 30 40 50
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
2.0 VGS = 10 V ID = 20 A r DS(on)- On-Resistance ( W ) (Normalized) I S - Source Current (A) 1.5 100
Source-Drain Diode Forward Voltage
TJ = 150_C 10
TJ = 25_C
1.0
0.5
0.0 - 50
1 - 25 0 25 50 75 100 125 150 175 0 0.3 0.6 0.9 1.2 1.5 TJ - Junction Temperature (_C) VSD - Source-to-Drain Voltage (V)
Document Number: 71844 S-31268--Rev. B, 16-Jun-03
www.vishay.com
3
SUD50N03-06P
Vishay Siliconix
THERMAL RATINGS
Maximum Drain Current vs. Ambiemt Temperature
30 1000 Limited by rDS(on) 24 I D - Drain Current (A) I D - Drain Current (A) 100 10, 100 ms
Safe Operating Area
18
10
1 ms 10 ms
12
1
100 ms 1s 10 s
6
0.1
TA = 25_C Single Pulse
100 s dc
0 0 25 50 75 100 125 150 175
0.01 0.1 1 10 100 TA - Ambient Temperature (_C) VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2
0.1 0.1 0.02 0.05
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 10 100 1000
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance, Junction-to-Case
2 Normalized Effective Transient Thermal Impedance 1 Duty Cycle = 0.5
0.2 0.1 0.1 0.02 0.05 Single Pulse
0.01
10 -4
10 -3
10 -2
10 -1 Square Wave Pulse Duration (sec)
1
10
100
www.vishay.com
4
Document Number: 71844 S-31268--Rev. B, 16-Jun-03


▲Up To Search▲   

 
Price & Availability of SUD50N03-06P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X