Part Number Hot Search : 
BFS466L6 F80N60 ICS8545 2M1224 EDZ13B 3ABP375 EDZ13B 3ABP375
Product Description
Full Text Search
 

To Download SUD50N02-04P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE Device Model SUD50N02-04P
Vishay Siliconix
N-Channel 20-V (D-S) 175C MOSFET
CHARACTERISTICS
* N- and P-Channel Vertical DMOS * Macro Model (Subcircuit Model) * Level 3 MOS * Apply for both Linear and Switching Application * Accurate over the -55 to 125C Temperature Range * Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics
DESCRIPTION
The attached spice model describes the typical electrical characteristics of the n-channel vertical DMOS. The subcircuit model is extracted and optimized over the -55 to 125C temperature ranges under the pulsed 0 to 10V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 72389 08-Jun-04 www.vishay.com
1
SPICE Device Model SUD50N02-04P
Vishay Siliconix
SPECIFICATIONS (TJ = 25C UNLESS OTHERWISE NOTED) Parameter Static
Gate Threshold Voltage On-State Drain Current
a
Symbol
Test Conditions
Simulated Data
1.7 1190 0.0035 0.0048 0.0049 68 0.91
Measured Data
Unit
VGS(th) ID(on)
VDS = VGS, ID = 250 A VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 20 A
V A 0.0035 0.0048 S 0.90 V
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 20 A, TJ = 125C VGS = 4.5 V, ID = 20 A
Forward Transconductancea Forward Voltage
a
gfs VSD
VDS = 15 V, ID = 20 A IS = 50 A, VGS = 0 V
Dynamic
b
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Charge
c
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 0.20 ID 50 A, VGEN = 10 V, RG = 2.5 VDS = 10 V, VGS = 4.5 V, ID = 50 A VGS = 0 V, VDS = 10 V, f = 1 MHz
4807 1664 641 40 14 13 31 18 34 31
5000 1650 770 40 14 13 20 20 50 15 Ns NC Pf
Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec
Notes a. Pulse test; pulse width 300 s, duty cycle 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72389 08-Jun-04
SPICE Device Model SUD50N02-04P
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25C UNLESS OTHERWISE NOTED)
Document Number: 72389 08-Jun-04
www.vishay.com
3


▲Up To Search▲   

 
Price & Availability of SUD50N02-04P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X