Part Number Hot Search : 
A5800732 NJW1142 CD748A KMB001 AP2014 SI2301 CAT3705 CEB3205
Product Description
Full Text Search
 

To Download STY34NB50F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STY34NB50F
N - CHANNEL 500V - 0.11 - 34 A - Max247 PowerMESHTM MOSFET
TYPE STY34NB50F
s s s s s s s
V DSS 500 V
R DS(on) < 0.14
ID 34 A
TYPICAL RDS(on) = 0.11 EXTREMELY HIGH dv/dt CAPABILITY 30V GATE TO SOURCE VOLTAGE RATING 100% AVALANCHE TESTED LOW INTRINSIC CAPACITANCE GATE CHARGE MINIMIZED REDUCED VOLTAGE SPREAD
1
2
3
DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLY (SMPS) s DC-AC CONVERTER FOR WELDING EQUIPMENT AND UNINTERRUPTABLE POWER SUPPLY AND MOTOR DRIVE ABSOLUTE MAXIMUM RATINGS
Symb ol V DS V DGR V GS ID ID I DM (*) P tot dv/dt(1) T s tg Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (RGS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 o C Drain Current (continuous) at Tc = 100 o C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating F actor Peak Diode Recovery voltage slope Storage Temperature Max. O perating Junction Temperature
o
Max247TM
INTERNAL SCHEMATIC DIAGRAM
Value 500 500 30 34 21.4 136 450 3.61 4.5 -65 to 150 150
( 1) ISD 34 A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX
Un it V V V A A A W W/ C V/ns
o o o
C C
(*) Pulse width limited by safe operating area
December 1999
1/8
STY34NB50F
THERMAL DATA
R thj -case R thj -amb R thc-sink Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature F or Soldering Purpose 0.277 30 0.1 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy o (starting Tj = 25 C, I D = IAR , VDD = 50 V) Max Valu e 34 1000 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 500 10 100 100 T yp. Max. Unit V A A nA
V DS = Max Rating Zero G ate Voltage Drain Current (V GS = 0) V DS = Max Rating o C Gate-body Leakage Current (VDS = 0) V GS = 30 V
T c = 125
IGSS
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Test Con ditions ID = 250 A I D = 17 A 34 Min. 3 T yp. 4 0.11 Max. 5 0.14 Unit V A
Static Drain-source O n V GS = 10 V Resistance
On State Drain Current V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D = 17 A V GS = 0 Min. T yp. 27 5.9 880 80 Max. Unit S nF pF pF
2/8
STY34NB50F
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 250 V I D =17 A V GS =15 V R G = 4.7 (see test circuit, figure 3) V DD = 400 V ID = 34 A V GS = 10 V Min. T yp. 45 35 140 38 61 196 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l tr (Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Con ditions V DD = 400 V I D = 17 A V GS = 15 V R G = 4.7 (see test circuit, figure 5) Min. T yp. 28 30 60 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 34 A V GS = 0 715 11.8 33 di/dt = 100 A/s I SD = 34 A T j = 150 o C V DD = 100 V (see test circuit, figure 5) Test Con ditions Min. T yp. Max. 34 136 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STY34NB50F
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STY34NB50F
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STY34NB50F
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STY34NB50F
Max247 MECHANICAL DATA
mm MIN. A A1 b b1 b2 c D e E L L1 4.70 2.20 1.00 2.00 3.00 0.40 19.70 5.35 15.30 14.20 3.70 TYP. MAX. 5.30 2.60 1.40 2.40 3.40 0.80 20.30 5.55 15.90 15.20 4.30 MIN. inch TYP. MAX.
DIM.
P025Q
7/8
STY34NB50F
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STY34NB50F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X