Part Number Hot Search : 
1837213 3GU41 ECCM5 STM8L151 BT137B ISL68 SL1613 C2260
Product Description
Full Text Search
 

To Download STW13NK80Z05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STW13NK80Z
N-channel 800V - 0.53 - 12A - TO-247 Zener-protected SuperMESHTM Power MOSFET
General features
Type STW13NK80Z

VDSS 800V
RDS(on) <0.65
ID 12A
pW 230W
Extremely high dv/dt capability 100% avalanche tested Gate charge minimized Very low intrinsic capacitances Very good manufacturing repeatibility
TO-247
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
Internal schematic diagram
Applications
Switching application
Order codes
Part number STW13NK80Z Marking W13NK80Z Package TO-247 Packaging Tube
October 2006
Rev 4
1/14
www.st.com 14
Contents
STW13NK80Z
Contents
1 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 Protection features of gate-to-source zener diodes . . . . . . . . . . . . . . . . . . 4
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1 Electrical characteristics (curves) ............................. 7
3 4 5
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2/14
STW13NK80Z
Electrical ratings
1
Electrical ratings
Table 1.
Symbol VDS VGS ID ID IDM
(1)
Absolute maximum ratings
Parameter Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating Factor Value 800 30 12 7.6 48 230 1.85 4.5 -55 to 150 Max. operating junction temperature Unit V V A A A W W/C mJ C
Ptot EAS (2) Tstg Tj
2.
Single pulse avalanche energy Storage temperature
1. Pulse width limited by safe operating area. ISD 12A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX.
Table 2.
Rthj-case Rthj-amb TJ
Thermal data
Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose 0.54 50 300 C/W C/W C
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max value 12 450 Unit A mJ
Table 4.
Symbol BVGSO
Gate-source zener diode
Parameter Gate-source breakdown voltage Test conditions Igs= 1mA (open drain) Min. 30 Typ. Max. Unit V
3/14
Electrical ratings
STW13NK80Z
1.1
Protection features of gate-to-source zener diodes
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
4/14
STW13NK80Z
Electrical characteristics
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol V(BR)DSS
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 1mA, VGS =0 VDS = max rating VDS = max rating, TC = 125C VGS = 20V VDS = VGS, ID = 100A VGS = 10V, ID = 6A 3 3.75 0.53 Min. 800 1 50 10 4.5 0.65 Typ. Max. Unit V A A A V
IDSS
IGSS VGS(th) RDS(on)
Table 6.
Symbol gfs (1) Ciss Coss Crss Coss eq(2) td(on) tr td(off) tf Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 15V, ID = 6A Min. Typ. 11 3480 312 67 150 33 22 95 55 115 31 51 155 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC
VDS = 25V, f = 1MHz, VGS = 0 VGS = 0V, VDS = 0V to 720V VDD = 400V, ID = 6A RG = 4.7 VGS = 10V (see Figure 13) VDD = 640V, ID = 12A, VGS = 10V, RG = 4.7 (see Figure 14)
1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
5/14
Electrical characteristics
STW13NK80Z
Table 7.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage ISD = 12A, VGS = 0 632 7.2 26 805 10 25 Test conditions Min. Typ. Max. 12 48 1.6 Unit A A V ns C A ns C A
Reverse recovery time ISD = 12A, di/dt = 100A/s, Reverse recovery charge VDD = 100V, Tj = 25C Reverse recovery current (see Figure 15) Reverse recovery time ISD = 12A, di/dt = 100A/s, Reverse recovery charge VDD = 100V, Tj = 150C Reverse recovery current (see Figure 15)
1. Pulse width limited by safe operating area. 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
6/14
STW13NK80Z
Electrical characteristics
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area Figure 2. Thermal impedance
Figure 3.
Output characterisics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance
7/14
Electrical characteristics Figure 7. Gate charge vs gate-source voltage Figure 8. Capacitance variations
STW13NK80Z
Figure 9.
Normalized gate threshold voltage vs temperature
Figure 10. Normalized on resistance vs temperature
Figure 11. Source-drain diode forward characteristics
Figure 12. Normalized breakdown voltage vs temperature
8/14
STW13NK80Z
Test circuit
3
Test circuit
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped Inductive load test switching and diode recovery times circuit
9/14
Test circuit Figure 17. Unclamped inductive waveform
STW13NK80Z Figure 18. Switching time waveform
10/14
STW13NK80Z
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/14
Package mechanical data
STW13NK80Z
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
12/14
STW13NK80Z
Revision history
5
Revision history
Table 8.
Date 21-Jun-2004 17-Oct-2006
Revision history
Revision 3 4 Complete document New template, no content change Changes
13/14
STW13NK80Z
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STW13NK80Z05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X