Part Number Hot Search : 
48000 DS3045W RG12232B RGP10J CDBC5100 LVC32 DS18B20Z WFF15N60
Product Description
Full Text Search
 

To Download STSR220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STSR220
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM VF(max) FEATURES AND BENEFITS VERY LOW CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES LOW FORWARD AND REVERSE RECOVERY TIMES HIGH SURGE CURRENT 2A 200V 0.8V
DESCRIPTION Low voltage drop rectifiers suited for Switched Mode Power Supplies and for switching mode base drive and transistor circuit.
F126 (Plastic)
ABSOLUTE RATINGS (limiting values) Symbol VRRM VRSM IFRM IF (AV) IFSM Ptot Tstg Tj TL Parameter Repetitive peak reverse voltage Non repetitive peak reverse voltage Repetive peak forward current Average forward current * Surge non repetitive forward current Power dissipation * Storage temperature range Maximum junction temperature Maximum lead temperature for soldering during 10s at 4mm from case tp < 20s Ta = 75C = 0.5 tp = 10ms Sinusoidal Ta = 75C Value 200 220 70 2 70 1.85 - 40 to + 150 150 230 Unit V V A A A W C C
* On infinite heatsink with 10mm lead length
October 1999 - Ed: 2A
1/3
STSR220
THERMAL RESISTANCE Symbol Rth (j - a) Parameter Junction to ambient thermal resistance * Value 40 Unit C/W
* On infinite heatsink with 10mm lead lengh.
STATIC ELECTRICAL CHARACTERISTICS Symbol IR Parameter Reverse leakage current Test Conditions VR = VRRM Tj = 25C Tj = 100C VF Forward voltage drop IF = 2A IF = 2A Tj = 25C Tj = 100C Min. Typ. Max. 10 0.5 1 0.8 Unit A mA V
RECOVERY CHARACTERISTICS Symbol trr Qrr tfr VFP Tj = 25C VR = 30V Tj = 25C VR < 30V Tj = 25C Measured at 1.1x VF Tj = 25C Test Conditions IF = 1A IF = 2A IF = 1A IF = 1A diF/dt = -50A/s diF/dt = -20A/s tr = 10ns tr = 10ns 12 20 5 Min. Typ. Max. 35 Unit ns nC ns V
To evaluate the conduction losses use the following equation: P = 0.68 x IF(AV) + 0.06 IF2(RMS)
2/3
STSR220
PACKAGE MECHANICAL DATA F126 (Plastic)
C
A
C
D
D
B
DIMENSIONS REF. Millimeters Min.
A B C D 6.05 2.95 26 0.76 0.81
Inches Typ. Max.
0.244 0.118 0.250 0.120 1.220 0.032 0.034
Typ. Max. Min.
6.20 3.00 6.35 3.05 31 0.86 0.238 0.116 1.024 0.030
Marking: type number; ring at cathode end Cooling method: by convection (method A) Weight: 0.4 g
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 3/3


▲Up To Search▲   

 
Price & Availability of STSR220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X