Part Number Hot Search : 
2M100 20122 74HC273P 74HC273P DTB123 P0433T 2M100 74HC273P
Product Description
Full Text Search
 

To Download STQ-3016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Data Sheet
Product Description
The Stanford Microdevices' STQ-3016 is a direct quadrature modulator targeted for use in a wide range of communications systems. This device features a wide 2500-4000 MHz operating frequency band, excellent carrier and sideband suppression, and a low broadband noise floor. The STQ-3016 uses silicon germanium device technology and delivers a typical output power of -13dBm with 50dB IM3 suppression. A shutdown feature is included that, when enabled, attenuates the output by 60dB.
STQ-3016
2500 - 4000 MHz Direct Quadrature Modulator
16 pin TSSOP with Exposed Pad Package Body: 0.20 x 0.17 x 0.04 (inches) 5.0 x 4.4 x 1.0 (mm)
Functional Block Diagram
BBQP VCC VEE LOP LON VEE SD BBIP 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 BBQN VCC VEE RFP RFN VEE
Product Features
LO QUADRATURE GENERATOR
* * * * * * * * * * * *
2500-4000 MHz operating frequency No external IF filter Very low noise floor performance Excellent carrier and sideband suppression Low LO drive requirements Shut-down feature Single 5 volt supply Supports wideband baseband input
Applications
VCC BBIN
Digital communication system Spread spectrum communication systems GMSK, QPSK, QAM, SSB moduators Fixed wireless communication systems
Key Specifications
Parameters Frequency Range Output P1dB Carrier Feedthrough Sideband Suppression Broadband Noise Floor LO Drive Level See page 2 for general test conditions
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
Test Conditions (Vs=5.0V, I=82mA, T=25C)
Unit MHz
Min. 2500
Typ.
Max. 4000
fLO = 3500 MHz fLO = 3500 MHz, unoptimized fLO = 3500 MHz fLO = 3500 MHz, baseband inputs tied to 1.9VDC, -20 MHz offset from carrier
dBm dBm dB dBm/Hz dBm -9
+1 -40 33 -153 -6 -3
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 1
http://www.stanfordmicro.com 05/07/01 rev 2.0
Advanced Data Sheet
Absolute Maximum Ratings
Parameters Supply Voltage LO, RF Input Min Input Voltage (BBIP, BBIN, BBQP, BBQN) Max Input Voltage (BBIP, BBIN, BBQP, BBQN) Operating Temperature Storage Temperature Value 6.0 +10 0 3 -40 to +85 -65 to +150
674 'LUHFW 4XDGUDWXUH 0RGXODWRU
Unit VDC dBm VDC VDC C C LO Input Baseband Inputs
Test Conditions
VS TA +5V +25C 1.9V DC bias, 200kHz frequency, 300mVp-p per pin = 600mVp-p differential drive, I and Q signals in quadrature -5dBm @ 3500 MHz
Product Specifications - RF Output
Parameters Frequency Range Output Power RF Port Return Loss Output P1dB Carrier Feedthrough Sideband Suppression IM3 Suppression Broadband Noise Floor Quadrature Phase Error I/Q Amplitude Balance two-tone baseband input @ 600mVp-p differential per tone baseband inputs tied to 1.9VDC, -20 MHz offset from carrier unoptimized 3.2 to 3.8 GHz, matched to 50 ohm ref. on evaluation board Additional Test Conditions Unit MHz dBm dB dBm dBm dB dB dBm/Hz deg dB -3 -0.2 14 +1 -40 33 50 -153 +3 +0.2 Min. 2500 -13 Typ. Max. 4000
Product Specifications - Modulation Input
Parameters Baseband Frequency Input Baseband Input Resistance Baseband Input Capacitance Additional Test Conditions -3dB bandwidth, baseband inputs terminated in 50 ohms per pin per pin Unit MHz kohms pF Min. DC 4.4 0.5 Typ. Max. 1000
Product Specifications - LO Input
Parameters Usable LO Frequency LO Drive Level LO Port Return Loss 3.2 to 3.8 GHz, matched to 50 ohm ref. on evaluation board Additional Test Conditions Unit MHz dBm dB Min. 2500 -9 14 -6 Typ. Max. 4000 -3
Product Specifications - Miscellaneous
Parameters Shut-Down Attenuation Shut-Down Pin Resistance Shut-Down Pin Capacitance Shut-Down Input Thresholds Shut-Down Settling Time Supply Voltage Supply Current Device Thermal Resistance junction-case @ 1MHz @ 1MHz Additional Test Conditions Unit dB kohm pF -- ns V mA C/W +4.75 Min. Typ. 60 6.1 0.7 CMOS <500 +5 82 TBD +5.25 Max.
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 2
http://www.stanfordmicro.com 05/07/01 rev 2.0
Advanced Data Sheet 674 'LUHFW 4XDGUDWXUH 0RGXODWRU
Typical Device Performance
Fig. 1: SSB Power vs. LO Frequency
-8
5
Fig. 2: Output P1dB vs. LO Frequency
-10
Output P1dB (dBm)
3
SSB Power (dBm)
-12
1
-14
-1
-16
-3
-18 2500
2750
3000
3250
3500
3750
4000
-5 2500
2750
3000
3250
3500
3750
4000
LO Frequency (MHz)
LO Frequency (MHz)
Fig. 3: Carrier Feedthrough vs. LO Frequency
-40
Sideband Suppression (dB) 40
Fig. 4: Sideband Suppression vs. LO Frequency
Carrier Feedthrough (dBm)
-42
38
-44
36
-46
34
-48
32
-50 2500
2750
3000
3250
3500
3750
4000
30 2500
2750
3000
3250
3500
3750
4000
LO Frequency (MHz)
LO Frequency (MHz)
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 3
http://www.stanfordmicro.com 05/07/01 rev 2.0
Advanced Data Sheet 674 'LUHFW 4XDGUDWXUH 0RGXODWRU
Small Signal S-Parameters
RF Port
Frequency (MHz) 2500 2600 2700 2800 2900 3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 Single-Ended Mag. 0.364 0.367 0.370 0.373 0.376 0.379 0.383 0.386 0.390 0.393 0.397 0.401 0.405 0.409 0.414 0.418 Ang. 124.9 123.1 121.3 119.6 117.8 116.1 114.4 112.8 111.1 109.5 107.9 106.4 104.8 103.3 101.8 100.3 Differential Mag. 0.320 0.330 0.339 0.349 0.358 0.366 0.375 0.384 0.392 0.400 0.408 0.416 0.424 0.432 0.440 0.447 Ang. 55.75 54.86 53.98 53.12 52.29 51.48 50.69 49.92 49.17 48.44 47.73 47.04 46.36 45.7 45.06 44.43
LO Port
Frequency (MHz) 2500 2600 2700 2800 2900 3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 Single-Ended Mag. 0.303 0.315 0.327 0.339 0.351 0.363 0.375 0.387 0.399 0.411 0.423 0.434 0.446 0.458 0.469 0.480 Ang. 68.71 67.80 66.89 65.97 65.05 64.12 63.19 62.26 61.32 60.37 59.43 58.48 57.53 56.57 55.61 54.65 Differential Mag. 0.695 0.681 0.667 0.654 0.641 0.629 0.618 0.607 0.597 0.588 0.580 0.573 0.566 0.561 0.556 0.552 Ang. -109.9 -114.4 -118.9 -123.4 -127.9 -132.5 -137.0 -141.6 -146.2 -150.8 -155.3 -159.9 -164.5 -169.0 -173.5 -178.0
Notes: 1. VCC = +5.0V, T = +25C. 2. For single-ended S-parameters, the corresponding differential pin is left floating. 3. Data is referenced to the foot of the package lead and does not include the applications circuit. 4. All data simulated.
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 4
http://www.stanfordmicro.com 05/07/01 rev 2.0
Advanced Data Sheet 674 'LUHFW 4XDGUDWXUH 0RGXODWRU
Pin Out Description
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Function BBQP VCC VEE LOP LON VEE SD BBIP BBIN VCC VEE RFN RFP VEE VCC BBQN Description Q-channel baseband input, positive terminal Positive supply (+5V) Ground Local oscillator input, positive terminal Local oscillator input, negative terminal Ground Shut-down control I-channel baseband input, positive terminal I-channel baseband input, negative terminal Positive supply (+5V) Ground RF output, negative terminal RF output, positive terminal Ground Positive supply (+5V) Q-channel baseband input, negative terminal Nominal DC bias voltage is 1.9V (biased internally) Nominal DC voltage is 2.4V. Output should be AC-coupled. Nominal DC voltage is 2.4V. Output should be AC-coupled. CMOS logic levels. Logic high = normal operation; logic low = shut-down enabled. Nominal DC bias voltage is 1.9V (biased internally) Nominal DC bias voltage is 1.9V (biased internally) Nominal DC voltage is 2.0V. Input should be AC-coupled. Nominal DC voltage is 2.0V. Input should be AC-coupled. Additional Comments Nominal DC bias voltage is 1.9V (biased internally)
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 5
http://www.stanfordmicro.com 05/07/01 rev 2.0
Advanced Data Sheet 674 'LUHFW 4XDGUDWXUH 0RGXODWRU
Part Number Ordering Information Caution: ESD Sensitive
Appropriate precaution in handling, packaging and testing devices must be observed.
Part Number STQ-3016 Reel Size TBD Devices/Reel TBD
Part Symbolization
The part will be symbolized with a "TBD" marking designator on the top surface of the package.
Package Dimensions
NOTE 1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS 2. TOLERANCE 0.1 mm UNLESS OTHERWISE SPECIFIED 3. COPLANARITY : 0.1 mm 4. CONTROLLING DIMENSION IS MILLIMETER. CONVERTED INCH DIMENSIONS ARE NOT NECESSARILY EXACT. 5. FOLLOWED FROM JEDEC MO-153
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
A A1 A2 b C D D1 E E1 E2 e L y
MIN --- 0.00 0.80 0.19 0.09 4.90 --- --- 4.30 --- --- 0.45 --- 0
NOM --- --- 1.00 --- --- 5.00 2.80 6.40 4.40 2.80 0.65 0.60 --- ---
MAX 1.15 0.10 1.05 0.30 0.20 5.10 --- --- 4.50 --- --- 0.75 0.10 8
MIN --- 0.000 0.031 0.007 0.004 0.193 --- --- 0.169 --- --- 0.018 --- 0
NOM --- --- 0.039 --- --- 0.197 0.110 0.252 0.173 0.110 0.026 0.024 --- ---
MAX 0.045 0.004 0.041 0.012 0.008 0.201 --- --- 0.177 --- --- 0.030 0.004 8
12(4X)
Test PCB Pad Layout
1.25
3.0 0.30 0.62 0.62
0.35
3.0
0.25 via
0.7
0.9
6.9
- Indicates metalization
all units are in mm - vias connect pad to underlying ground plane
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 6
http://www.stanfordmicro.com 05/07/01 rev 2.0
Advanced Data Sheet
Demo Test Board Schematic
+5V H1
1
674 'LUHFW 4XDGUDWXUH 0RGXODWRU
BBQ+
P12 P13
BBQ-
L1
2
VCC
C3 R9 R10
Lumped Element Balun C19 VCC L5 C22 P14 STQ-3016 1 BBQP 2
VCC BBQN
Lumped Element Balun VCC C17 16 C4 L3
LO
P9
L7
R5
C10
VCC 15 VEE 14 13 RFP 12 RFN 11 VEE VCC BBIN
C20 R3
3 VEE 4 LOP 5
LON
RF
P8 L2 C21 R4 L6
R6
L4 C23
C16 C9
6 VEE 7 SD 8
BBIP
10 9
C5 C18 VCC
H2
1
R1 SH1
R7
2
R8 VCC
BBI+
P10
P11
BBI-
Bill of Materials (for evaluation at 3.5GHz)
Component Designator P14 P8, P9, P10, P11, P12, P13 H1, H2 L1 R1, R7, R9, R10 R8 C9, C17 C3 C4, C5, C10, C16, C18, C19 SH1 L2, L3, L4, L5, L6, L7 C20, C21, C22, C23 R3, R4, R5, R6 2.2nH 0.5pF 0 ohm 1uH 200 ohm 10 kohm 1nF 2.2uF 1.0pF Value Qty 1 6 2 1 4 1 2 1 6 1 6 4 4 Vendor SMDI Johnson Components AMP Panasonic Venkel Venkel Venkel Venkel Venkel 3M TOKO Venkel Venkel Part Number STQ-3016 142-0701-851 640453-2 ELJ-FA1R0KF2 CR1206-8W-2000FT CR0603-16W-1002FT C0603COG500-102JNE C1206Y5V160-225ZNE C0603COG500-100JNE 929950-00 LL1608FS-F2N2S Description STQ-3016 SiGe Direct Quadrature Modulator SMA connector, end launch with tab, for .062" thick board 2-pin header, right angle Inductor, 1210 footprint, 10% tolerance Resistor, 1206 footprint, 1% tolerance Resistor, 0603 footprint, 1% tolerance Capacitor, 0603 footprint, COG dielectric, 5% tolerance Capacitor, 1206 footprint, Y5V dielectric, 16V rating Capacitor, 0603 footprint, COG dielectric, 5% tolerance Shunt for 2-pin header Inductor, 0603 footprint, 0.3nH tolerance
C0603COG500-0R5CNE Capacitor, 0603 footprint, COG dielectric, 0.25pF tolerance CR0603-16W-000T Resistor, 0603 footprint
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 7
http://www.stanfordmicro.com 05/07/01 rev 2.0
Advanced Data Sheet 674 'LUHFW 4XDGUDWXUH 0RGXODWRU
Demo Test Board (Fully Assembled PCB)
2"
P12 P13
1 2 H1
2"
L1
C3
R9 P9 L5 C19 L7 R5C22 C10 R6 C16 L4 C23 R8 C9 R1 H2 1 2 SH1 P14
R10 C17 L3 C20 C4 R3 R4 L6 C5 C21 L2 C18 R7 P8
P10
P11
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC 8
http://www.stanfordmicro.com 05/07/01 rev 2.0


▲Up To Search▲   

 
Price & Availability of STQ-3016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X