Part Number Hot Search : 
USD3045C IA70C40 UES701 CS8430 HRF502A NTE3116 DTL3A U8797JFT
Product Description
Full Text Search
 

To Download STPS30L30CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20626 rev. B 02/03
STPS30L30CT STPS30L30CG
SCHOTTKY RECTIFIER 30 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM VF TJ @ 15 Apk, TJ = 125C (Per Leg) range - 55 to 150 C
Description/ Features Units
A V V This center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap configuration Very low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
2 x 15 30 0.37
Case Styles STPS30L30CT STPS30L30CG
BASE COMMON CATHODE 2
BASE COMMON CATHODE 2
1
2
3
1
2
3
ANODE COMMON ANODE CATHODE 1 2
ANODE COMMON ANODE CATHODE 1 2
TO-220
D2PAK
www.irf.com
1
STPS30L30CT, STPS30L30CG
Bulletin PD-20626 rev. B 02/03
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V)
Values
30
VRWM Max. Working Peak Reverse Voltage (V)
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Per Device Current Per Leg IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current Non-Repetitive Avalanche Energy Repetitive Avalanche Current (Per Leg) (Per Leg) 2 A Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Values
30 15 1450 220 15
Units Conditions
A A mJ 50% duty cycle @ TC = 140C, rectangular wave form 5s Sine or 3s Rect. pulse
Following any rated load condition and
10ms Sine or 6ms Rect. pulse with rated VRRM applied TJ = 25 C, IAS = 2 Amps, L = 7.5 mH
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) (1)
Values
0.46 0.57 0.37 0.50 1.50 350 1500 8.0 10000
Units Conditions
V V V V mA mA pF nH V/s
(1) Pulse Width < 300s, Duty Cycle <2%
@ 15A @ 30A @ 15A @ 30A TJ = 25 C TJ = 125 C
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) Max. Junction Capacitance(Per Leg) Typical Series Inductance (Per Leg)
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-55 to 150 -55 to 150 1.5 0.8 2 (0.07) Min. Max. 6 (5) 12 (10)
Units Conditions
C C C/W DC operation C/W DC operation g (oz.) Kg-cm (Ibf-in)
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) wt T Approximate Weight Mounting Torque
2
www.irf.com
STPS30L30CT, STPS30L30CG
Bulletin PD-20626 rev. B 02/03
000
(mA)
000
T = 150C J
100 10 1 0.1 0.01
0 5 10 15 20
125C 100C 75C 50C 25C
Instantaneous Forward Current - I
F
(A)
100
Reverse Current - I
R
25
30
Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10000
(pF)
T = 150C
T = 25C
J J
T = 25C
Junction Capacitance - C
T = 125C
T
10
J
J
1000
1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
Forward Voltage Drop - VFM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
100 0 5 10 15 20 25 30 35
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
t1 t2 Single Pulse (Thermal Resistance)
Notes: 1. Duty factor D = t1/ t 2 2. Peak Tj = Pdmx ZthJC + Tc
0.1
.01 0.00001
0.0001
0.001
0.01
0.1
1
10
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
STPS30L30CT, STPS30L30CG
Bulletin PD-20626 rev. B 02/03
50
Allowable Case Temperature (C) Average Power Loss (Watts)
10 8 6 4 2 0 0 5 10 15 20
(A) F(AV)
45
DC
RMS Limit D = 0.75 D = 0.50 D = 0.33 D = 0.25 DC D = 0.20 DC
40
35 Square wave (D = 0.50)
see note (2)
30 0 5 10 15 20 25
Average Forward Current - I (A) F(AV)
25
Average Forward Current - I
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
(A)
FSM
10000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
Non-Repetitive Surge Current - I
1000
100 10
100
1000
p
10000
(microsec)
Square Wave Pulse Duration - t
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - Pd x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6)
4
www.irf.com
STPS30L30CT, STPS30L30CG
Bulletin PD-20626 rev. B 02/03
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1 2 3
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
2.89 (0.11) 2.64 (0.10)
BASE COMMON CATHODE 2
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
ANODE COMMON ANODE CATHODE 1 2
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
BASE COMMON CATHODE 2
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
1 2 3
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
ANODE COMMON ANODE CATHODE 1 2
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
www.irf.com
5
STPS30L30CT, STPS30L30CG
Bulletin PD-20626 rev. B 02/03
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIR ECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069)
24.30 (0.957) 23.90 (0.941)
TRL DIA.
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532) 12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
360 (14.173) DIA. MAX.
60 (2.362) D IA. MIN .
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the SMD-220 are in multiples quantity. Quantities Tape & Reel When ordering, indicate the part of 800 pieces per reel for both number, part orientation, and the TRL and TRR.
quantity. Quantities are multiples of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
Marking Information
EXAMPLE: THIS IS A STPS30L30CT LOT CODE 1789 ASSEMBLED ON WW 19, 2000 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 7 = 2000 WEEK 19 LINE C
6
www.irf.com
STPS30L30CT, STPS30L30CG
Bulletin PD-20626 rev. B 02/03
30L30CT *************************************************************************************************** This model has been developed by Wizard SPICE MODEL GENERATOR (1999) (International Rectifier Corporation) contains Proprietary Information *************************************************************************************************** SPICE Model Diode is composed by a simple diode plus paralled VCG2T *************************************************************************************************** .SUBCKT 30l30ct ANO CAT D1 ANO 1 DMOD (0.08936) *Define diode model .MODEL DMOD D(IS=3.01789428908089E-04A,N=1.12506549677918,BV=35V, + IBV=0.40837541124234A,RS= 0.000285952,CJO=3.65460570356249E-08, + VJ=0.934944724736772,XTI=2, EG=0.674450307828855) *************************************************************************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=11.2856367229303) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-2.138249E-03/11.28564)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*9.434315E-02*ABS(V(ANO,CAT)))-1)} *************************************************************************************************** .ENDS 30l30ct
Thermal Model Subcircuit .SUBCKT 30L30CT 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 3.53E-1 6.35E0 5.15E+1 4.08E+3 3.15E-1 6.15E-1 3.7E-1 1.98E-1
.ENDS 30L30CT
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 02/03
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of STPS30L30CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X