Part Number Hot Search : 
P1300 C527R 3SK30 HCBC556 C2692 ALD4301 FLQ14 UPB425D
Product Description
Full Text Search
 

To Download STPR820F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPR820D/F
ULTRA-FAST RECOVERY RECTIFIER DIODES
MAIN PRODUCTS CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) trr (max) 8A 200 V 150C 0.99 V 30 ns
K A
K A
FEATURES SUITED FOR SMPS LOW LOSSES LOW FORWARD AND REVERSE RECOVERY TIME HIGH SURGE CURRENT CAPABILITY HIGH AVALANCHE ENERGY CAPABILITY Low cost single chip rectifier suited for switchmode power supply and high frequency DC to DC converters. Packaged in TO-220AC and ISOWATT220AC, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protectionapplications. TO-220AC STPR820D ISOWATT220AC STPR820F
Symbol VRRM IF(RMS) IF(AV)
Parameter Repetitive peak reverse voltage RMS forward current Average forward current = 0.5 TO-220AC ISOWATT220AC Tc = 120C Tc = 100C Tp = 10 ms Sinusoidal
Value 200 20 8
Unit V A A
IFSM Tstg Tj
Surge non repetitive forward current Storage temperature range Maximum operating junction temperature
80 - 65 to + 150 + 150
A C
October 1999 - Ed: 2B
1/6
STPR820D/F
THERMAL RESISTANCES Symbol Rth(j-c) Junction to case Parameter TO-220AC ISOWATT220AC Value 3.0 5.5 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * VF ** Parameters Reverse leakage current Forward voltage drop Test conditions Tj = 25C Tj = 100C Tj = 125C Tj = 125C Tj = 25C
Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2 %
Min.
Typ.
Max. 50 0.6 0.99 1.20 1.25
Unit A mA V
VR = VRRM IF = 8 A IF = 16 A IF = 16 A
RECOVERY CHARACTERISTICS Symbol trr tfr VFP T j = 25C T j = 25C T j = 25C Test conditions IF = 0.5A IR = 1A IF = 1A VFR = 1.1 x VF max IF = 1A Irr = 0.25A tr = 10 ns tr = 10 ns 20 3 V Min. Typ. Max. 30 Unit ns
Fig. 1: Average forward power dissipation versus average forward current.
Fig. 2: Peak current versus form factor.
2/6
STPR820D/F
Fig. 3: Average temperature. current versus ambient Fig. 4: Average temperature. current versus ambient
Fig. 5: Non repetitive surge peak forward current versus overload duration (maximum values) (TO-220AC).
Fig. 6: Non repetitive surge peak forward current versus overload duration (maximum values) (ISOWATT220AC).
Fig. 7: Relative variation of thermal transient impedance junction to case versus pulse duration (TO-220AC).
Fig. 8: Relative variation of thermal transient impedance junction to case versus pulse duration (ISOWATT220AC).
3/6
STPR820D/F
Fig. 9: Forward voltage drop versus forward current. Fig. 10: Junction capacitance versus reverse voltage applied (typical values).
Fig. 11: Recovery charge versus dIF/dt.
Fig. 12: Peak reverse current versus dIF/dt.
Fig. 13: Dynamic parameters versus junction temperature.
4/6
STPR820D/F
PACKAGE MECHANICAL DATA TO-220AC DIMENSIONS Millimeters Inches Min.
H2 C L5 OI L6 L2 D L7 A
REF. A C D E F F1 G H2 L2 L4 L5 L6 L7 L9 M Diam. I
Max.
Min.
Max.
L9 F1 L4
F G
M E
4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 4.95 5.15 10.00 10.40 16.40 typ. 13.00 14.00 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.194 0.202 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
5/6
STPR820D/F
PACKAGE MECHANICAL DATA ISOWATT220AC
A H B
DIMENSIONS REF. A B D E F F1 G H L2 L3 L6 L7 Diam Millimeters Inches Min. Typ. Max. Min. Typ. Max. 4.40 2.50 2.40 0.40 0.75 1.15 4.95 10.00 16.00 28.60 15.90 9.00 3.00 30.60 16.40 9.30 3.20 1.125 0.626 0.354 0.118 4.60 2.70 2.75 0.70 1.00 1.70 5.20 10.40 0.173 0.098 0.094 0.016 0.030 0.045 0.195 0.394 0.630 1.205 0.646 0.366 0.126 0.181 0.106 0.108 0.028 0.039 0.067 0.205 0.409
L6 L2 L3
L7
F1
F G
Diam
D
E
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 6/6


▲Up To Search▲   

 
Price & Availability of STPR820F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X